Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK2761AS Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # MK2761AS
Description  Package Outline and Package Dimensions (16-pin SOIC, 150 Mil. Narrow Body)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2761AS Datasheet(HTML) 3 Page - Integrated Circuit Systems

  MK2761AS Datasheet HTML 1Page - Integrated Circuit Systems MK2761AS Datasheet HTML 2Page - Integrated Circuit Systems MK2761AS Datasheet HTML 3Page - Integrated Circuit Systems MK2761AS Datasheet HTML 4Page - Integrated Circuit Systems MK2761AS Datasheet HTML 5Page - Integrated Circuit Systems MK2761AS Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SET-TOP CLOCK SOURCE
MDS 2761A D
3
Revision 070705
In te gr ated Circuit Systems 525 Ra ce Street, San Jose, CA 9512 6 tel (4 08) 297-1 201 www.icst.com
MK2761A
External Components
The MK2761A requires a minimum number of external components for proper operation. Decoupling
capacitors of 0.1µF should be connected between VDD and GND, as close to the MK2761A as possible. A
series termination resistor of 33
Ω may be used for each clock output. If a clock input is not used, the 27
MHz crystal must be connected as close to the chip as possible. The crystal should be a fundamental
mode (do not use third overtone), parallel resonant, 50 ppm or better. Crystal capacitors should be
connected from pins X1 to ground and X2 to ground. The value of these capacitors is given by the following
equation, where CL is the crystal load capacitance: Crystal caps (pF) = (CL-4) x 2. So, for a crystal with 16
pF load capacitance, the crystal caps should be 24 pF each.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the MK2761A. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
0 to +70
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
125
°C
Soldering Temperature
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
°C
Power Supply Voltage (measured in respect to GND)
+4.5
+5.5
V


Similar Part No. - MK2761AS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2761ASLF RENESAS-MK2761ASLF Datasheet
343Kb / 8P
   SET-TOP CLOCK SOURCE
051310
MK2761ASLFTR RENESAS-MK2761ASLFTR Datasheet
343Kb / 8P
   SET-TOP CLOCK SOURCE
051310
More results

Similar Description - MK2761AS

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
ICS280 ICSI-ICS280 Datasheet
160Kb / 8P
   Package Outline and Package Dimensions (16-pin TSSOP,173 Mil. Body)
logo
SMSC Corporation
8SOIC SMSC-8SOIC Datasheet
295Kb / 1P
   8 PIN SOIC PACKAGE OUTLINE
logo
Elantec Semiconductor
MDP0040 ELANTEC-MDP0040 Datasheet
149Kb / 1P
   PACKAGE OUTLINE DRAWING QSOP - 0.150 NARROW BODY PACKAGE
logo
Maxim Integrated Produc...
21-0111 MAXIM-21-0111 Datasheet
31Kb / 1P
   PACKAGE OUTLINE, 8L SOIC,150 EXPOSED PAD
Rev E
logo
Analog Devices
R-8 AD-R-8 Datasheet
153Kb / 1P
   8-Lead Standard Small Outline Package [SOIC_N] Narrow Body Dimensions
logo
Maxim Integrated Produc...
21-0042 MAXIM-21-0042 Datasheet
46Kb / 1P
   PACKAGE OUTLINE, SOIC,300
Rev F
logo
Fairchild Semiconductor
SOIC4_DIM FAIRCHILD-SOIC4_DIM Datasheet
21Kb / 1P
   SOIC-4 Package Dimensions
MKT-M16A FAIRCHILD-MKT-M16A Datasheet
27Kb / 1P
   16LD, SOIC, JEDEC MS-012 .150" NARROW BODY
logo
List of Unclassifed Man...
HT-210USD ETC2-HT-210USD Datasheet
732Kb / 2P
   Package Outline Dimensions
logo
Diodes Incorporated
AP02002 DIODES-AP02002_1 Datasheet
775Kb / 36P
   PACKAGE OUTLINE DIMENSIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com