Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100ES6221 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC100ES6221
Description  Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC100ES6221 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC100ES6221 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC100ES6221 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC100ES6221 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC100ES6221 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC100ES6221 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC100ES6221 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC100ES6221 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC100ES6221 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC100ES6221 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Advanced Clock Drivers Devices
10
Freescale Semiconductor
MC100ES6221
PACKAGE DIMENSIONS
NOTES:
1.
2.
3.
4.
5.
6.
7.
8.
DIMENSIONS ARE IN MILLIMETERS.
INTERPRET DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994.
DATUMS A, B AND D TO BE DETERMINED AT DATUM
PLANE H.
DIMENSION TO BE DETERMINED AT SEATING PLANE
C.
THIS DIMENSION DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL NOT CAUSE THE LEAD WIDTH TO EXCEED
0.46 mm. DAMBAR CANNOT BE LOCATED ON THE
LOWER RADIUS OR THE FOOT. MINIMUM SPACE
BETWEEN PROTRUSION AND ADJACENT LEAD
SHALL NOT BE LESS THAN 0.07 mm.
THIS DIMENSION DOES NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS 0.25mm
PER SIDE. THIS DIMENSION IS MAXIMUM PLSTIC
BODY SIZE DIMENSION INCLUDING MOLD MISMATCH.
EXACT SHAPE OF EACH CORNER IS OPTIONAL.
THESE DIMENSIONS APPLY TO THE FLAT SECTION
OF THE LEAD BETWEEN 0.10mm AND 0.25mm FROM
THE LEAD TIP.
52
0.2 H A-B D
1
40
39
14
13
26
27
B
5
10
4X
4X 13 TIPS
0.2 C A-B D
A
D
PIN 1
INDEX
7
6
5
6
12
10
12
4
4
4
4
6
6
6
6
B
B
0.65
48X
X=A, B OR D
CL
VIEW Y
X
0.05
0.25
GAUGE PLANE
1.3
(0.2)
R
(1)
0.75
0.20
VIEW AA
1.5
0.05
0.45
0˚ MIN 0.20
0.08
R
0.20
0.08
(12˚)
4X
SEATING
PLANE
1.7 MAX
VIEW AA
0.1 C
C
H
A-B
M
0.08
D
C
52X
0.40
J
J
0.22
52X
5
(12˚)
4X
SECTION B-B
0.20
PLATING
BASE METAL
8
8
8
8
0.35
(0.3)
0.09
0.20
0.07
0.16
4.78
4.58
VIEW J-J
EXPOSED PAD
VIEW Y
4.78
4.58
CASE 1336A-01
ISSUE O
52-LEAD LQFP PACKAGE


Similar Part No. - MC100ES6221

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES6221 RENESAS-MC100ES6221 Datasheet
684Kb / 13P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
2019
More results

Similar Description - MC100ES6221

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES6221 RENESAS-MC100ES6221 Datasheet
684Kb / 13P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
2019
8T33FS6221 RENESAS-8T33FS6221 Datasheet
1Mb / 23P
   Low Voltage 1:20 Differential PECL/HSTL Clock Fanout Buffer
Apr 8, 2021
MC100ES6210 RENESAS-MC100ES6210 Datasheet
546Kb / 11P
   Low Voltage 2.5V/3.3V Differential ECL/ PECL/HSTL Fanout Buffer
2019
logo
Freescale Semiconductor...
MC100ES6210 FREESCALE-MC100ES6210 Datasheet
226Kb / 8P
   Low Voltage 2.5/3.3 V Differential ECL/PECL/HSTL Fanout Buffer
MC100ES6220 FREESCALE-MC100ES6220 Datasheet
296Kb / 12P
   Low Voltage Dual 1:10 Differential ECL/PECL Clock Fanout Buffer
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
Motorola, Inc
MC100ES8111 MOTOROLA-MC100ES8111 Datasheet
174Kb / 12P
   Low Voltage 1:10 Differential HSTL Clock Fanout Buffer
MC100ES6222 MOTOROLA-MC100ES6222 Datasheet
300Kb / 12P
   Low Voltage 1:15 Differential ECL/PECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
MC100ES8111 RENESAS-MC100ES8111 Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com