Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD62002APG Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TD62002APG
Description  TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62002APG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TD62002APG Datasheet HTML 1Page - Toshiba Semiconductor TD62002APG Datasheet HTML 2Page - Toshiba Semiconductor TD62002APG Datasheet HTML 3Page - Toshiba Semiconductor TD62002APG Datasheet HTML 4Page - Toshiba Semiconductor TD62002APG Datasheet HTML 5Page - Toshiba Semiconductor TD62002APG Datasheet HTML 6Page - Toshiba Semiconductor TD62002APG Datasheet HTML 7Page - Toshiba Semiconductor TD62002APG Datasheet HTML 8Page - Toshiba Semiconductor TD62002APG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TD62001~004APG/AFG
2002-12-11
1
TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
TD62001APG,TD62001AFG,TD62002APG,TD62002AFG,
TD62003APG,TD62003AFG,TD62004APG,TD62004AFG
7-channel Darlington Sink Driver
The TD62001APG/AFG Series are high-voltage, high-current
darlington drivers comprised of seven NPN darlington pairs.
All units feature integral clamp diodes for switching inductive
loads.
Applications include relay, hammer, lamp and display (LED)
drivers.
Features
l Output current (single output): 500 mA (max)
l High sustaining voltage output: 50 V (min)
l Output clamp diodes
l Inputs compatible with various types of logic
l Package type
APG: DIP-16 pin (Pb free package)
AFG: SOP-16 pin (Pb free package)
Type
Input base resistor
Designation
TD62001APG/AFG
External
General purpose
TD62002APG/AFG
10.5-kΩ + 7-V
Zenner diode
14-V to 25-V PMOS
TD62003APG/AFG
2.7 kΩ
TTL, 5-V CMOS
TD62004APG/AFG
10.5 kΩ
6-V to 15-V PMOS,
CMOS
Pin Connection (top view)
Weight
DIP16−P−300−2.54A : 1.11 g (Typ.)
SOP16−P−225−1.27 : 0.16 g (Typ.)


Similar Part No. - TD62002APG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62002APG TOSHIBA-TD62002APG Datasheet
507Kb / 15P
   7-channel Darlington Sink Driver
More results

Similar Description - TD62002APG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62S051AFM TOSHIBA-TD62S051AFM Datasheet
91Kb / 8P
   TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
TD62S310AFM TOSHIBA-TD62S310AFM Datasheet
86Kb / 6P
   TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2136F TOSHIBA-TA2136F Datasheet
145Kb / 7P
   TOSHIBA Bipolar Liner Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA4012AFE TOSHIBA-TA4012AFE Datasheet
60Kb / 4P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com