Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP2-NIL-DC3 Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # SP2-NIL-DC3
Description  15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

SP2-NIL-DC3 Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  SP2-NIL-DC3 Datasheet HTML 1Page - Nais(Matsushita Electric Works) SP2-NIL-DC3 Datasheet HTML 2Page - Nais(Matsushita Electric Works) SP2-NIL-DC3 Datasheet HTML 3Page - Nais(Matsushita Electric Works) SP2-NIL-DC3 Datasheet HTML 4Page - Nais(Matsushita Electric Works) SP2-NIL-DC3 Datasheet HTML 5Page - Nais(Matsushita Electric Works) SP2-NIL-DC3 Datasheet HTML 6Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SP
254
REFERENCE DATA
Operate and release time (Single side stable)
SP2
SP4
Coil temperature rise
Sample: SP2-DC24V
Ambient temperture: 20 to 22
°C 68 to 72°F
Coil applied voltage,%V
Max.
Max.
Min.
Min.
Operate time
Release time
80
90
110
100
0
10
20
30
40
50
Coil applied voltage,%V
Max.
Max.
Min.
Min.
Operate time
Release time
80
90
110
0
10
20
30
40
50
100
Coil applied voltage,%V
0
10
20
30
40
50
19.2 21.6
26.4 28.8 31.2 33.6 36.0
24.0
15 A
10 A
5 A
0 A
Sample: SP4-DC24V
Ambient temperature: 27 to 29
°C 81 to 84°F
Electrical life (SP2, 15 A 250 V AC resistive
load)
Coil applied voltage,%V
0
10
20
30
40
50
19.2 21.6
26.4 28.8 31.2 33.6 36.0
24.0
10 A
5 A
0 A
12
3
4
567
89
10
0
5
10
15
No. of operations,
×104
Drop-out voltage
Pick-up voltage
x
x
Max.
Max.
Min.
Min.
12
3
4
567
89
10
0
5
10
15
N.C.
N.O.
No. of operations,
×104
x
x
Max.
Max.
Min.
Min.
Electrical life (SP4, 10 A 250 V AC resistive
load)
12
3
4
567
89
10
0
5
10
15
No. of operations,
×104
Drop-out voltage
Pick-up voltage
x
x
Max.
Max.
Min.
Min.
12
3
4
567
89
10
0
No. of operations,
×104
x
Max.
Min.
10
20
30
40
50
N.C.
N.O.


Similar Part No. - SP2-NIL-DC3

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
SP2-10-01 RICHCO-SP2-10-01 Datasheet
43Kb / 1P
   SUPPORT POST, TPYE 2
SP2-12-01 RICHCO-SP2-12-01 Datasheet
43Kb / 1P
   SUPPORT POST, TPYE 2
SP2-14-01 RICHCO-SP2-14-01 Datasheet
43Kb / 1P
   SUPPORT POST, TPYE 2
SP2-16-01 RICHCO-SP2-16-01 Datasheet
43Kb / 1P
   SUPPORT POST, TPYE 2
SP2-3-01 RICHCO-SP2-3-01 Datasheet
43Kb / 1P
   SUPPORT POST, TPYE 2
More results

Similar Description - SP2-NIL-DC3

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
SP2-DC3V NAIS-SP2-DC3V Datasheet
193Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP4-P-DC24V PANASONIC-SP4-P-DC24V Datasheet
91Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Battery Group
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Semiconductor
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP2-P-DC24V PANASONIC-SP2-P-DC24V Datasheet
111Kb / 6P
   2c 15A, 4c 10A polarized power relays
NC2-PS PANASONIC-NC2-PS Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
NC2EBD-JP-DC5V PANASONIC-NC2EBD-JP-DC5V Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Battery Group
NC PANASONICBATTERY-NC Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Omron Electronics LLC
G5CA-1A-E-DC12 OMRON-G5CA-1A-E-DC12 Datasheet
976Kb / 4P
   Flat Relays that Switch 10A/15A Loads Power
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com