Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QT9701B-IS Datasheet(PDF) 10 Page - Quantum Research Group

Part # QT9701B-IS
Description  CHARGE - TRANSFER CAPACITANCE SENSOR IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT9701B-IS Datasheet(HTML) 10 Page - Quantum Research Group

Back Button QT9701B-IS Datasheet HTML 6Page - Quantum Research Group QT9701B-IS Datasheet HTML 7Page - Quantum Research Group QT9701B-IS Datasheet HTML 8Page - Quantum Research Group QT9701B-IS Datasheet HTML 9Page - Quantum Research Group QT9701B-IS Datasheet HTML 10Page - Quantum Research Group QT9701B-IS Datasheet HTML 11Page - Quantum Research Group QT9701B-IS Datasheet HTML 12Page - Quantum Research Group QT9701B-IS Datasheet HTML 13Page - Quantum Research Group QT9701B-IS Datasheet HTML 14Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
)81&7,21'(6&5,37,216
7KHIROORZLQJGHWDLOVRQO\GLIIHUHQFHVZLWKWKH(6ERDUGIRUPRUHRSHUDWLRQGHWDLOVSOHDVHUHIHUWRWKH(6PDQXDODVZHOO
7KH VHQVRU KDV VHYHUDO K\VWHUHVLV RSWLRQV ,Q FRQYHQWLRQDO VLJQDO GHWHFWLRQ PRGH D K\VWHUHVLV RI 
 RU  RI WKUHVKROG YDOXH FDQ EH VHOHFWHG ZKLFK DSSOLHV WR SRVLWLYH DQG QHJDWLYH WKUHVKROGV
DOLNH GHSHQGLQJ RQ ZKLFK DUH DFWLYH VHH >'@ 'HWHFWLRQ 0RGH  7KXV LI +\VWHUHVLV LV VHW WR 
D
GHWHFWLRQ DW D VLJQDO GHYLDWLRQ RI  ZLOO EH UHOHDVHG RQO\ ZKHQ WKH VLJQDO IDOOV EHORZ  +\VWHUHVLV
LV RQO\ DSSOLHG DIWHU WKH 'HWHFWLRQ ,QWHJUDWRU KDV FRQFOXGHG WKHUH LV D YDOLG GHWHFWLRQ ,IWKH 'HWHFWLRQ
,QWHJUDWRU IXQFWLRQ LV VZLWFKHG RII QR GHWHFWLRQ ZLOO EH SHUIRUPHG DQG WKH +\VWHUHVLV VHWWLQJ EHFRPHV
LUUHOHYDQW
,Q 2%- PRGH WKH +\VWHUHVLV VHWWLQJ LV LJQRUHG XQOHVV VHW WR µ¶  K\VWHUHVLV  DIWHU WKH 2%- EXWWRQ
SXVK WKH K\VWHUHVLV LV WDNHQ IURP WKH WDEOH YDOXH RI 'HWHFW 7KUHVKROG DQG WKH VLJQDO WKUHVKROG LV
REWDLQHG IURP WKH UHFRUGLQJ RI WKH DFWXDO VLJQDO OHYHO DW WKDW WLPH 6HH 2%- 0RGH VHFWLRQ  IRU
GHWDLOV
>@
+<67(5(6,6
7KLV LV RQH RI  LWHPV WKDW FDQ DIIHFW VHQVLWLYLW\ RWKHUV DUH %XUVW /HQJWK DPSOLILHU JDLQ DQG XQGHU
FHUWDLQ FRQGLWLRQV 'ULIW 5DWH  7KUHVKROG HVWDEOLVKHV WKH µWULS SRLQW¶ DERYH RU EHORZ LQ WKH FDVH RI
QHJDWLYH WKUHVKROGV ZKLFK D GHWHFWLRQ LV GHWHUPLQHG 'XULQJ FDOLEUDWLRQ WKH XQLW HVWDEOLVKHV D
UHIHUHQFH OHYHO GHYLDWLRQV IURP WKLV UHIHUHQFH DUH FRPSDUHG DJDLQVW D OHYHO EDVHG RQ WKH UHIHUHQFH
SOXV DQGRU PLQXV 'HWHFW 7KUHVKROG 6HWWLQJ  UHSUHVHQWV WKH KLJKHVW VHQVLWLYLW\ VLQFH RQO\ 
FRXQWV RI VLJQDO GHYLDWLRQ DUH WKHQ UHTXLUHG WR WULS ,I QHJDWLYH VLJQDO GHWHFWLRQ LV LQ HIIHFW VHH
'HWHFWLRQ 0RGH WKH QHJDWLYH WKUHVKROG LV WKH PLUURU LPDJH RI WKH SRVLWLYH RQH HJ D VHWWLQJ RI µ¶
YDOXHµ¶FDQFUHDWHDSRVLWLYHWKUHVKROGDWDQGDQRWKHUDWIURPWKHUHIHUHQFH
,Q 2%- PRGH WKH 'HWHFW 7KUHVKROG YDOXH PD\ EH XVHG LQVWHDG WR FUHDWH K\VWHUHVLV DQG LV QRW XVHG
IRU WKUHVKROG SXUSRVHV ,Q 2%- PRGH WKH WKUHVKROG LV GHWHUPLQHG DW WKH WLPH RI WKH EXWWRQ SXVK DQG
LV DQ DUELWUDU\ YDOXH FRUUHVSRQGLQJ WR WKH FXUUHQW VLJQDO OHYHO DW WKH WLPH 2%- LV HYRNHG 6HH 2%-
0RGH VHFWLRQIRUGHWDLOV
>@
'(7(&7
7+5(6+2/'
& B4CD?BE800=4E0;1>0A3
7KH 47%¶V RSHUDWLQJ PRGHV FDQ EH VHW E\ FRS\LQJ DQ
HSURP IURP D 43UR[ HYDO ERDUG OLNH WKH (6 RU (6 DQG
KDUGZLULQJ WKH FRS\ WR WKH 47% DV VKRZQ LQ )LJXUH 
7KH FRS\ FDQ EH FUHDWHG XVLQJ D FRPPHUFLDO 3520
GXSOLFDWRU 1RW DOO WKH VHWWLQJV DYDLODEOH RQ WKH HYDO ERDUG PD\
DSSO\ WR WKH 47% DQG WKHUH PD\ EH VRPH VHWWLQJV WKDW
WKH 47% XVHV WKDW DUH QRW GHVFULEHG LQ FRQMXQFWLRQ ZLWK
WKHHYDOERDUG
0RVW RI WKHVH LVVXHV UHODWH WR RSHUDEOH IHDWXUHV DQG VHWWLQJV DW
VKRUW EXUVW VSDFLQJV 2Q WKH (6 HYDO ERDUG IRU H[DPSOH WKHUH
LV D FRQIOLFWV UHVROXWLRQ SURFHVV WKDW ZLOO FRUUHFW FHUWDLQ
FRPELQDWLRQV RI HUURQHRXV VHWWLQJV 7KH (6 GRHV KRZHYHU
DOORZ WKH VHWWLQJ RI LOOHJDO FRPELQDWLRQV LOOHJDO WR WKH (6 LQWR
LWV HSURP ZKLFK FDQ WKHQ EH FRSLHG RYHU WR WKH 47%
SURYLGHG WKDW WKH (6 GRHV QRW DFWXDOO\ UXQ DV D VHQVRU ILUVW
2Q WKH (6 WKH FRQIOLFWV UHVROXWLRQ SURFHVV RQO\ RFFXUV DW WKH
WLPH LW EHJLQV WR RSHUDWH DV D VHQVRU DIWHU LW KDV H[LWHG WKH
VHWXSV PRGH ZKLOH SURJUDPPLQJ WKH VHQVRU LQ VHWXSV PRGH LW
LVSRVVLEOHWRIUHHO\FUHDWHDQ\GHVLUHGFRPELQDWLRQRIVHWWLQJV
7KH NH\ WR WUDQVIHUULQJ VHWXSV IURP WKH (6 WR WKH 47% LV
WR SURJUDP WKH (6 WR WKH VHWWLQJV GHVLUHG IRU WKH 47%
XVLQJ WKH (6 V EXWWRQV QRW E\ XVLQJ 47:LQ9LHZ WKHQ
XQSRZHUWKH(6EHIRUHLWHQWHUVLWVVHQVHPRGH
:KHQ UHLQVHUWLQJ WKH HSURP EDFN LQWR WKH (6 EH DZDUH WKDW
WKH VHWWLQJV \RX KDYH SURJUDPPHG PD\ FDXVH SUREOHPV LQ WKH
(6  IRU H[DPSOH ODFN RI VHULDO FRPP SRUW IXQFWLRQ LI >)@ LV
DOWHUHG 3& VRIWZDUH PD\ QR ORQJHU IXQFWLRQ LI >)@ LV QRW UHVHW
WRLWVGHIDXOWPDQXDOO\XVLQJWKHWZREXWWRQV
,Q JHQHUDO EH VXUH WKH HSURP EHLQJ GXSOLFDWHG FRQWDLQV ZKDW
\RX QHHG DFFRUGLQJ WR 7DEOH  HYHQ LI WKH FRPELQDWLRQ RI
VHWWLQJVLVLOOHJDORQWKHHYDOERDUG
&!B4CD?BE80?A><?A>6A0<<4A
,W LV DOVR SRVVLEOH WR XVH D 3520 SURJUDPPHU WR HQWHU WKH
VHWXS LQIRUPDWLRQ IRU WKH 47% E\ IROORZLQJ WKH LQIRUPDWLRQ
FRQWDLQHGLQ6HFWLRQ
1RWH WKDW PDQ\ SURJUDPPHUV IDLO WR DXWRPDWLFDOO\ UHFRJQL]H
WKH E\WH PRGH UHTXLUHG RI WKH /&$ GHYLFH LW LV YHU\
GLIILFXOWWRSURJUDPWKLVSDUWLQELWPRGH
,PSRUWDQW %H VXUH WKDW WKH FRPELQDWLRQ RI VHWWLQJV FKRVHQ IRU
WKH HSURP GRHV QRW YLRODWH WKH VHWXS UHVWULFWLRQV RI WKH
47% SDUWLFXODUO\ LQ UHJDUG WR WKH FRPELQDWLRQ RI IHDWXUHV
VXFK DV UDQGRPL]DWLRQ FKRVHQ LQ FRQMXQFWLRQ ZLWK VKRUW EXUVW
VSDFLQJV
 6(783352*5$00,1*&21)/,&76



Similar Part No. - QT9701B-IS

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT9701B2 QUANTUM-QT9701B2 Datasheet
706Kb / 30P
   CHARGE-TRANSFER CAPACITANCE SENCOR IC
QT9701B2-ES QUANTUM-QT9701B2-ES Datasheet
706Kb / 30P
   CHARGE-TRANSFER CAPACITANCE SENCOR IC
QT9701B2-IS QUANTUM-QT9701B2-IS Datasheet
706Kb / 30P
   CHARGE-TRANSFER CAPACITANCE SENCOR IC
QT9701B2-S QUANTUM-QT9701B2-S Datasheet
706Kb / 30P
   CHARGE-TRANSFER CAPACITANCE SENCOR IC
More results

Similar Description - QT9701B-IS

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT9701B2 QUANTUM-QT9701B2 Datasheet
706Kb / 30P
   CHARGE-TRANSFER CAPACITANCE SENCOR IC
QT114 QUANTUM-QT114 Datasheet
308Kb / 12P
   CHARGE-TRANSFER QLEVEL SENSOR IC
QT100 QUANTUM-QT100 Datasheet
64Kb / 10P
   CHARGE-TRANSFER IC
QT160 QUANTUM-QT160 Datasheet
701Kb / 12P
   6 KEY CHARGE TRANSFER QTOUCH SENSOR IC
QT100_0707 QUANTUM-QT100_0707 Datasheet
73Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT100 QUANTUM-QT100_07 Datasheet
69Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT118H QUANTUM-QT118H Datasheet
421Kb / 14P
   CHARGE-TRANSFER TOUCH SENSOR
QT113 QUANTUM-QT113 Datasheet
343Kb / 12P
   CHARGE-TRANSFER TOUCH SENSOR
logo
ATMEL Corporation
QT113H ATMEL-QT113H Datasheet
179Kb / 12P
   CHARGE-TRANSFER TOUCH SENSOR
logo
Quantum Research Group
QT60040 QUANTUM-QT60040 Datasheet
295Kb / 10P
   4-KEY CHARGE-TRANSFER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com