Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4842 Datasheet(PDF) 11 Page - Texas Instruments

Part # PT4842
Description  65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4842 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PT4842 Datasheet HTML 6Page - Texas Instruments PT4842 Datasheet HTML 7Page - Texas Instruments PT4842 Datasheet HTML 8Page - Texas Instruments PT4842 Datasheet HTML 9Page - Texas Instruments PT4842 Datasheet HTML 10Page - Texas Instruments PT4842 Datasheet HTML 11Page - Texas Instruments PT4842 Datasheet HTML 12Page - Texas Instruments PT4842 Datasheet HTML 13Page - Texas Instruments PT4842 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
Adjusting the Output Voltage of the PT4840
Dual Output Voltage DC/DC Converters
The Vo2 and Vo3 output voltages from the PT4840 se-
ries of DC/DC converters can be independantly adjusted
by up to ±10% from their factory pre-set voltage. The
method of adjustment uses a single external resistor. 1
The value of the resistor determines the magnitude of
adustment, and the placement of the resistor determines
the direction of adjustment (up or down). The resistor
value can be calculated directly from a simple formula.
The constants are given in Table 1. Alternatively, Table 2
provides the resistor values for a select number of output
voltages. The placement of each resistor is as follows.
Vo2 Adjust Up:
To increase the output, add a resistor R1
between pin 17 (Vo2 Adjust) and pin 18 (COM).
Vo2 Adjust Down: Add a resistor (R2), between pin 17
(Vo2 Adjust) and pin 16 (+Vo1).
Vo3 Adjust Up:
Add a resistor R3 between pin 21
(Vo3 Adjust) and pins 20 (COM).
Vo3 Adjust Down: Add a resistor (R4) between pin 21
(Vo3 Adjust) and pin 22 (+Vo3).
Refer to Figure 1 for further information on resistor
placement.
Figure 1
Notes:
1. Use only a single 1% resistor in either the R1 or (R2)
location to adjust Vo2, and in the R3 or (R4) location to
adjust Vo3. Place the resistor as close to the ISR as
possible.
2. Never connect capacitors to either the Vo2 Adjust or
Vo3 Adjust pins. Any capacitance added to these control
pins will affect the stability of the respective regulated
output.
The adjust resistor values may be calculated. Use the
applicable formula and select the appropriate constants
from Table 1 for the output and model being adjusted.
R1 or R3
=
Ro · Vr
– Rs
k
Va – Vo
(R2) or (R4)
=
Ro (Va – Vr )
– Rs
k
Vo – Va
Where: Vo = Original output voltage, (Vo2 or Vo3)
Va = Adjusted output voltage
Vr = The reference voltage from Table 1
Ro = The resistance value in Table 1
Rs = The series resistance from Table 1
PT4840 Series
+V
IN
– V
IN
+Vo
1
+Vo
2
+Vo
3
PT4840
1
2
11
15, 16
22, 23
3
Vo
1
COM
COM
Vo
2
Vo
3
+V
IN
-V
IN
EN 1
Vo
2 ad j
Vo
3 ad j
17
21
C
OUT 1
C
OUT 3
C
OUT 2
C
IN
4
EN 2
( R
4 )
Ad j Down
R
3
Ad j ust Up
( R
2 )
Ad j Down
R
1
Ad j ust Up
12, 13
18 – 20
COM


Similar Part No. - PT4842

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4842 TI1-PT4842 Datasheet
247Kb / 14P
[Old version datasheet]   1500VDC Isolation
More results

Similar Description - PT4842

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4820 TI-PT4820 Datasheet
764Kb / 32P
[Old version datasheet]   35-W Triple Output Isolated DC/DC Converter for Logic Applications
PT4833A TI1-PT4833A Datasheet
760Kb / 33P
[Old version datasheet]   35-W Triple Output Isolated DC/DC Converter
PT4741 TI-PT4741 Datasheet
180Kb / 10P
[Old version datasheet]   70-W Quad-Output DC/DC Converter for DSL
PTB48600A TI1-PTB48600A Datasheet
595Kb / 10P
[Old version datasheet]   85 W Dual Complementary-Output DC/DC Converter for DSL
PT4850 TI-PT4850 Datasheet
233Kb / 13P
[Old version datasheet]   25-A Triple Output Isolated DC/DC Converter For Logic Applications
PT4827A TI-PT4827A Datasheet
766Kb / 34P
[Old version datasheet]   35-W Triple Output Isolated DC/DC
logo
STMicroelectronics
GS1T5-5D15 STMICROELECTRONICS-GS1T5-5D15 Datasheet
39Kb / 2P
   1 W TRIPLE OUTPUT DC-DC CONVERTER
June 1994
GS2T5-5D15 STMICROELECTRONICS-GS2T5-5D15 Datasheet
33Kb / 2P
   2 W TRIPLE OUTPUT DC-DC CONVERTER
December 1993
logo
Texas Instruments
PTB48510 TI-PTB48510 Datasheet
362Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
PTB48580A TI1-PTB48580A Datasheet
607Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com