Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QT9701B Datasheet(PDF) 4 Page - Quantum Research Group

Part # QT9701B
Description  CHARGE - TRANSFER CAPACITANCE SENSOR IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT9701B Datasheet(HTML) 4 Page - Quantum Research Group

  QT9701B Datasheet HTML 1Page - Quantum Research Group QT9701B Datasheet HTML 2Page - Quantum Research Group QT9701B Datasheet HTML 3Page - Quantum Research Group QT9701B Datasheet HTML 4Page - Quantum Research Group QT9701B Datasheet HTML 5Page - Quantum Research Group QT9701B Datasheet HTML 6Page - Quantum Research Group QT9701B Datasheet HTML 7Page - Quantum Research Group QT9701B Datasheet HTML 8Page - Quantum Research Group QT9701B Datasheet HTML 9Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
7ZR JDLQ VWDJHV VKRXOG EH FDVFDGHG IRU WKH UHFRPPHQGHG
JDLQ RI DERXW  DWWHPSWLQJ WR DFKLHYH WKLV LQ RQH VWDJH ZLOO
UHVXOW LQ VHWWOLQJ WLPH SUREOHPV ,I RQO\ D ORZ JDLQ LV UHTXLUHG
IRU H[DPSOH WR FUHDWH D ORZ VHQVLWLYLW\ 47 VHQVRU WKHQ D VLQJOH
RSDPS PD\ EH PRUH WKDQ VXIILFLHQW )LJ   (DFK RSDPS
VWDJH VKRXOG EH KHOG WR XQGHU D JDLQ RI  LI SRVVLEOH ZLWK WKH
DERYH FODVV RI RSDPS ,W LV DGYLVDEOH WR XVH RSDPS IHHGEDFN
UHVLVWRU YDOXHV RI XQGHU . RKPV WR VSHHG VHWWOLQJ WLPHV
WKHVH VKRXOG EH SODFHG YHU\ FORVH WR WKH RSDPS SLQV WR UHGXFH
SDUDVLWLFFDSDFLWDQFHVZKLFKVORZGRZQVHWWOLQJWLPHV
7KHUH LV JHQHUDOO\ QR SUREOHP LQ XVLQJ WKH VDPH 9FF VXSSO\ IRU
WKH RSDPS DV IRU WKH 47% SURYLGHG QRUPDO VXSSO\
E\SDVVLQJLVSHUIRUPHG
!$ A!A302A4@D8A4<4=CB
$Q 55 ODGGHU '$& LV DQ LQH[SHQVLYH PHWKRG RI SURYLGLQJ D
VXEUDQJLQJ $'& V\VWHP 7KH &026 GULYH RI WKH 47%
IXQFWLRQV DV D SHUIHFW LQWHUIDFH IRU WKLV SDUW DQG QR IXUWKHU
EXIIHULQJ LV UHTXLUHG 7KH 55 VKRXOG EH . RKPV RU KLJKHU
IRU EHVW DFFXUDF\ DQG  ELWV LQ OHQJWK $Q ELW '$& ,& ZLWK D
EXIIHUHG YROWDJH RXWSXW FDQ DOVR EH XVHG EXW WKH H[SHQVH DQG
SHUIRUPDQFH GHJUDGDWLRQ RI VXFK D SDUW FRPSDUHG WR D VLPSOH
55 '$& PDNHV WKLV DSSURDFK TXHVWLRQDEOH DW EHVW ,& '$&V
KDYH SRRUHU VHWWOLQJ WLPHV UHTXLUH PRUH SRZHU DQG WDNH XS
PRUH VSDFH WKDQ D VLPSOH 55 ODGGHU 55 ODGGHUV DOVR KDYH
D FRQVWDQW RXWSXW LPSHGDQFH PDNLQJ WKHP LGHDO IRU FUHDWLQJ
WKH GLJLWDOO\ FRQWUROOHG RIIVHW IXQFWLRQ UHTXLUHG E\ WKH 47%
&76 5. LV D VXLWDEOH SDUW IRU WKLV IXQFWLRQ 1RWH
WKDW VRPH PDQXIDFWXUHUV VSHFLI\ D UHYHUVH SLQRXW FRPSDUHG WR
WKH&76SDUW
!% >DC?DC28A2D8CAH
7KH 287 DQG 67$7 OLQHV DUH DFWLYH KLJK RQO\ DQG WKH\ VKRXOG
QRW EH ORDGHG WR DQ\ VLJQLILFDQW GHJUHH /RDGLQJ WKHVH OLQHV
ZLOO FDXVH LQWHUQDO UHIHUHQFHV LQVLGH WKH 47% WR VDJ
DGYHUVHO\ LPSDFWLQJ VLJQDO DFTXLVLWLRQ 0RVIHWV DQG GDUOLQJWRQ
WUDQVLVWRUV WKH ODWWHU ZLWK D KLJK EDVH UHVLVWRU DUH VXLWDEOH
RXWSXW EXIIHUV 7KH URXWLQJ RI FXUUHQWV IURP WKHVH WUDQVLVWRUV
VKRXOG QRW SDVV WKURXJK DQ\ DQDORJ DUHD WKH VXSSO\ YROWDJHV
IRU WKHVH VKRXOG DOVR FRPH IURP DQ LQGHSHQGHQW VRXUFH QRW
IURP WKH ,&¶V 9FF VXSSO\ DQG WKH JURXQG UHWXUQ VKRXOG QRW
VKDUHWKHVDPHJURXQGVDVWKHUHVWRIWKHVHQVRUFLUFXLW
)DLOXUH WR REVHUYH WKHVH SUHFDXWLRQV FDQ FDXVH µVLJQDO VWLFWLRQ¶
DQG RWKHU SKHQRPHQD ZKLFK DUH WKH UHVXOW RI LQDGHTXDWH
ORDGLQJ DQGRU JURXQGLQJ SUHFDXWLRQV
FDXVLQJ LQGXFHG
IHHGEDFNORRSVYLDGLVWXUEDQFHVRQWKHSRZHUVXSSO\UDLO
!&16>198=?DCB
7KHVH FRQWURO LQSXWV FDQ EH IURP DQ\ 77/ RU &026 VRXUFH
:LWK SXOOXS UHVLVWRUV WR 9FF FRQWDFW FORVXUHV WR JURXQG FDQ EH
XVHG 7KHVH LQSXWV DUH DFWLYH ORZ DQG VKRXOG EH SXOVHG ORZ
PRPHQWDULO\ IRU DW OHDVW WKH EXUVW LQWHUYDO GXUDWLRQ WKXV LI WKH
EXUVW VSDFLQJ LV PV WKH OLQH VKRXOG EH KHOG ORZ IRU PV
DEVROXWH PLQLPXP 7R HQJDJH WKH %* RU 2%- ³PRGH RYHUULGH´
IXQFWLRQV WKH OLQH VKRXOG EH HYRNHG IRU ! VHFRQGV SULRU WR
UHOHDVH 1RWH WKDW LI RQO\ D VLPSOH %* RU 2%- UHFDO IXQFWLRQ LV
GHVLUHG LW LV LPSRUWDQW WR QRW KROG WKH OLQH ORZ VR ORQJ WKDW WKLV
RYHUULGHIHDWXUHLVHQJDJHG
!' 4?A><
7KH H[WHUQDO HSURP VKRXOG EH D 0LFURFKLS W\SH /$ RU
FRPSDUDEOH GHYLFH KDYLQJ ERWK E\WHDFFHVV DQG VWUHDPLQJ
PRGHV 0DQ\ YDULDQWV RI WKLV SDUW DUH RQO\ ZRUG DFFHVV RU
QRQVWUHDPLQJ DQG ZLOO QRW IXQFWLRQ 7KH HHSURP V FRQWHQWV DUH
GHVFULEHG IXOO\ LQ 6HFWLRQ  7KH HSURP FDQ EH SURJUDPPHG
XVLQJ D FRPPHUFLDO 3520 SURJUDPPHU D PDVWHU FDQ DOVR EH
FUHDWHGXVLQJDQDSSURSULDWH43UR[SURJUDPPHUERDUG
$ SODLQ EODQN HSURP ZLOO EH LJQRUHG 5HIHU WR 7DEOH  IRU
PRGHV ZKLFK FDQ EH HQDEOHG DQG DOWHUHG XVLQJ WKH H[WHUQDO
HSURP
!( >B28;;0C>A
$Q\ 0+] FHUDPLF UHVRQDWRU ZLOO ZRUN ILQH $ TXDUW] FU\VWDO
ZLOO DOVR IXQFWLRQ EXW DVLGH IURP D VOLJKW ERRVW LQ DFFXUDF\
ORQJHU VWDUWXS WLPH DQG LQFUHDVH LQ ERDUG VSDFH GRHV QRW EX\
DQ\WKLQJ 7KH UHVRQDWRU VKRXOG KDYH WZR FDSDFLWRUV WR JURXQG
RQ HLWKHU VLGH RI YDOXH S) SLQ GHYLFHV KDYLQJ LQWHUQDO
FDSDFLWRUV DUHDYDLODEOHVDYLQJFRQVLGHUDEOHVSDFHDQGFRVW
$Q H[WHUQDO RVFLOODWRU KDYLQJ &026 GULYH OHYHOV PD\ DOVR EH
XVHG E\ FRQQHFWLQJ WKH RVFLOODWRU WR SLQ  DQG OHDYLQJ SLQ 
RSHQ7KHRVFLOODWRUVKRXOGKDYHDGXW\F\FOH
/RZHU IUHTXHQFLHV PD\ EH XVHG LI GHVLUHG IRU UHGXFHG SRZHU
FRQVXPSWLRQ KRZHYHU DOO WLPLQJ IXQFWLRQV DUH VODYHG WR WKH
RVFLOODWRU IUHTXHQF\ DQG ZLOO WKXV VORZ GRZQ DV ZHOO LQFOXGLQJ
47SXOVHZLGWKVEXUVWVSDFLQJVHWF
!  8=?DC ?A>C42C8>=
7KH &+* GULYH DQG %* DQG 2%- OLQHV DUH LQWHUQDOO\ SURWHFWHG
IURP (6' E\ FODPS GLRGHV KRZHYHU WKLV VKRXOG QRW EH UHOLHG
XSRQ DV D SULPDU\ PHDQV RI SURWHFWLRQ
,W LV KLJKO\
UHFRPPHQGHG WKDW DQ\ SLQV H[SRVHG WR WKH RXWVLGH ZRUOG
LQFOXGLQJ &+* EH FODPSHG YLD WZR KLJK VSHHG KLJK
FRQGXFWDQFH ORZ& VLOLFRQ GLRGHV OLNH W\SH 1 RQH IURP
JURXQG WR WKH SLQ DQG WKH RWKHU IURP WKH SLQ WR 9FF RU WR D
]HQHU GLRGH ELDVHG XS WR DW OHDVW WKH OHYHO RI 9FF DQG WKDW D
UHVLVWRU EH SODFHG EHWZHHQ WKHVH FODPS GLRGHV DQG WKH &+*
SLQ WR IXUWKHU OLPLW SLQ FXUUHQWV 6HH ILJ  6LOLFRQ WUDQVLHQW
YROWDJH VXSSUHVVRUV 796 DUH EDVLFDOO\ KHDY\GXW\ ]HQHUV DQG
VKRXOG QRW EH XVHG GLUHFWO\ RQ WKH &+* OLQH 796 GLRGHV KDYH
H[WUHPHO\ KLJK OHYHOV RI QRQOLQHDU MXQFWLRQ FDSDFLWDQFH DQG LQ
VRPH FDVHV KLJK OHDNDJH FXUUHQWV ZKLFK FDQ PDNH WKH VHQVRU
GULIWSURQHDQGVZDPSHGZLWKH[FHVV&[
,QFUHDVLQJ 5V ZLOO DVVLVW LQ SURWHFWLQJ WKH ,& IURP (6' 5V
VKRXOG EH EHWZHHQ WKH &+* SLQ DQG DQ H[WHUQDO FODPSLQJ
FLUFXLW DV GHVFULEHG DERYH IRU PD[LPXP HIIHFW 5V ZLOO DOVR
KHOS GDPS OHDG UHVRQDQFHV ZKLFK FDQ DGYHUVHO\ DIIHFW WKH 47
SURFHVV VR ORQJ DV WRWDO 5VZLWFK 5V LV QRW VR ODUJH WKDW DW
OHDVW  WLPHFRQVWDQWV FDQ H[SLUH ZLWKLQ WKH GHVLUHG FKDUJH
DQG WUDQVIHU LQWHUYDOV 5V ZLOO QRW DGYHUVHO\ LPSDFW WKH VHQVRU
,I LW GRHV WKH WUDQVIHU SXOVH ZLGWKV FDQ DOVR EH LQFUHDVHG WR
FRPSHQVDWH
,Q H[WUHPH (6' VLWXDWLRQV WKH &+* SLQ FDQ EH EXIIHUHG YLD DQ
H[WHUQDO SFKDQQHO PRVIHW $OVR LI WKH HOHFWURGH LV SODFHG
EHKLQG DQ LQVXODWLQJ VXUIDFH VXFK DV D SLHFH RI JODVV RU SODVWLF
(6'LVVXHVZLOOEHHOLPLQDWHGHQWLUHO\

)LJXUH&LUFXLWIRU6KRUW7UDQVIHU7LPHV


Similar Part No. - QT9701B

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT9701B2 QUANTUM-QT9701B2 Datasheet
706Kb / 30P
   CHARGE-TRANSFER CAPACITANCE SENCOR IC
QT9701B2-ES QUANTUM-QT9701B2-ES Datasheet
706Kb / 30P
   CHARGE-TRANSFER CAPACITANCE SENCOR IC
QT9701B2-IS QUANTUM-QT9701B2-IS Datasheet
706Kb / 30P
   CHARGE-TRANSFER CAPACITANCE SENCOR IC
QT9701B2-S QUANTUM-QT9701B2-S Datasheet
706Kb / 30P
   CHARGE-TRANSFER CAPACITANCE SENCOR IC
More results

Similar Description - QT9701B

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT9701B2 QUANTUM-QT9701B2 Datasheet
706Kb / 30P
   CHARGE-TRANSFER CAPACITANCE SENCOR IC
QT114 QUANTUM-QT114 Datasheet
308Kb / 12P
   CHARGE-TRANSFER QLEVEL SENSOR IC
QT100 QUANTUM-QT100 Datasheet
64Kb / 10P
   CHARGE-TRANSFER IC
QT160 QUANTUM-QT160 Datasheet
701Kb / 12P
   6 KEY CHARGE TRANSFER QTOUCH SENSOR IC
QT100_0707 QUANTUM-QT100_0707 Datasheet
73Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT100 QUANTUM-QT100_07 Datasheet
69Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT118H QUANTUM-QT118H Datasheet
421Kb / 14P
   CHARGE-TRANSFER TOUCH SENSOR
QT113 QUANTUM-QT113 Datasheet
343Kb / 12P
   CHARGE-TRANSFER TOUCH SENSOR
logo
ATMEL Corporation
QT113H ATMEL-QT113H Datasheet
179Kb / 12P
   CHARGE-TRANSFER TOUCH SENSOR
logo
Quantum Research Group
QT60040 QUANTUM-QT60040 Datasheet
295Kb / 10P
   4-KEY CHARGE-TRANSFER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com