Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKW2522 Datasheet(PDF) 8 Page - Total Power International

Part # MKW2522
Description  15 Watts 2 :1 Wide Input Range DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MKW2522 Datasheet(HTML) 8 Page - Total Power International

  MKW2522 Datasheet HTML 1Page - Total Power International MKW2522 Datasheet HTML 2Page - Total Power International MKW2522 Datasheet HTML 3Page - Total Power International MKW2522 Datasheet HTML 4Page - Total Power International MKW2522 Datasheet HTML 5Page - Total Power International MKW2522 Datasheet HTML 6Page - Total Power International MKW2522 Datasheet HTML 7Page - Total Power International MKW2522 Datasheet HTML 8Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Units are encapsulated in a low thermal resistance molding compound which has excellent chemical resistance and electrical
properties in high humidity environment and over a wide operating temperature range.
The encapsulant and outer shell of the unit have UL94V-0 ratings. The leads are golden plated for better soldering.
UL94V-0
:
Flammability
Remote on/off (Optional)
6
32g
:
Weight
-Vout
-Vout
5
With Non-Conductive Baseplate
Common
No Pin
4
Nickl-Coated Copper
:
Case Material
+Vout
+Vout
3
-Vin
-Vin
2
2.0*1.0*0.4 inches
+Vin
+Vin
1
50.8*25.4*10.2 mm
:
Case Size
Dual Output
Single Output
Pin
Physical Characteristics
Pin Connections
{0.002
{0.05
Pin
.XXX{0.01
.XX{0.25
.XX{0.01
.X{0.25
Inches
Millimeters
Tolerance
Dual Output
Single Output
25.4 [1.00]
10.2 [0.40]
6.0 [0.24]
10.2 [0.40]
Bottom
Side
12
34
5
6
10.20 [0.402] 10.20 [0.402]
2.5 [0.1]
5.08 [0.200]
Connecting Pin Patterns
Top View ( 2.54 mm / 0.1 inch grids )
Mechanical Data
MKW2500 Series
8
MINMAX
2004/REV:4


Similar Part No. - MKW2522

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW2522 MINMAX-MKW2522 Datasheet
240Kb / 8P
   15W, Wide Input Range, Single & Dual Output DC/DC Converters
MKW2522 MINMAX-MKW2522 Datasheet
316Kb / 5P
   DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package
logo
Total Power Internation...
MKW2522 TOTAL-POWER-MKW2522 Datasheet
439Kb / 5P
   Wide 2:1 Input Range
More results

Similar Description - MKW2522

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW2600 TOTAL-POWER-MKW2600 Datasheet
182Kb / 8P
   15 Watts 4:1 Wide Input Range DC/DC Converters
MIW1100 TOTAL-POWER-MIW1100 Datasheet
362Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
MIW1500 TOTAL-POWER-MIW1500 Datasheet
71Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
MIW1200 TOTAL-POWER-MIW1200 Datasheet
389Kb / 8P
   2 - 3 Watts 2 :1 Wide Input Range DC/DC Converters
MKW5000 TOTAL-POWER-MKW5000 Datasheet
67Kb / 8P
   25 - 30 Watts 2:1 Wide Input Range DC/DC Converters
MCW1000 TOTAL-POWER-MCW1000 Datasheet
173Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single Outputs
logo
CINCON ELECTRONICS Corp...
EC5BE CINCON-EC5BE Datasheet
198Kb / 2P
   15 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
Total Power Internation...
MDW1000 TOTAL-POWER-MDW1000 Datasheet
243Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
MIW2000 TOTAL-POWER-MIW2000 Datasheet
274Kb / 8P
   3-4 Watts 4 :1 Wide Input Range DC/DC Converters
MPW1000 TOTAL-POWER-MPW1000 Datasheet
115Kb / 3P
   MPW1000 25 - 30 Watts 2:1 Wide Input Range DC/DC Converters Single Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com