Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62703-Q4988 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # Q62703-Q4988
Description  BLUE LINE-TM HYPER MINI SIDELED HYPER-BRIGHT LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q62703-Q4988 Datasheet(HTML) 5 Page - OSRAM GmbH

  Q62703-Q4988 Datasheet HTML 1Page - OSRAM GmbH Q62703-Q4988 Datasheet HTML 2Page - OSRAM GmbH Q62703-Q4988 Datasheet HTML 3Page - OSRAM GmbH Q62703-Q4988 Datasheet HTML 4Page - OSRAM GmbH Q62703-Q4988 Datasheet HTML 5Page - OSRAM GmbH Q62703-Q4988 Datasheet HTML 6Page - OSRAM GmbH Q62703-Q4988 Datasheet HTML 7Page - OSRAM GmbH Q62703-Q4988 Datasheet HTML 8Page - OSRAM GmbH Q62703-Q4988 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LB C876
2001-11-14
5
Helligkeitswerte werden mit einer Stromeinprägedauer von 25 ms und einer Genauigkeit von
± 11% ermittelt.
Luminous intensity is tested at a current pulse duration of 25 ms and a tolerance of
± 11%.
Helligkeits-Gruppierungsschema
Luminous Intensity Groups
Lichtgruppe
Luminous Intensity Group
Lichtstärke
Luminous Intensity
I
V (mcd)
Lichtstrom
Luminous Flux
Φ
V (mlm)
J1
J2
K1
K2
L1
L2
4.5 …
5.6
5.6 …
7.1
7.1 …
9.0
9.0 … 11.2
11.2 … 14.0
14.0 … 18.0
15 (typ.)
19 (typ.)
24 (typ.)
30 (typ.)
40 (typ.)
50 (typ.)
Gruppenbezeichnung auf Etikett
Group Name on Label
Beispiel: K2
Example: K2
Lichtgruppe
Luminous Intensity Group
Halbgruppe
Half Group
K2


Similar Part No. - Q62703-Q4988

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q62703-Q4316 OSRAM-Q62703-Q4316 Datasheet
84Kb / 9P
   Multi TOPLED
Q62703-Q4317 OSRAM-Q62703-Q4317 Datasheet
84Kb / 9P
   Multi TOPLED
Q62703-Q4318 OSRAM-Q62703-Q4318 Datasheet
84Kb / 9P
   Multi TOPLED
Q62703-Q4319 OSRAM-Q62703-Q4319 Datasheet
84Kb / 9P
   Multi TOPLED
logo
Siemens Semiconductor G...
Q62703-Q4450 SIEMENS-Q62703-Q4450 Datasheet
77Kb / 7P
   Hyper TOPLED White LED
More results

Similar Description - Q62703-Q4988

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSC876 SIEMENS-LSC876 Datasheet
319Kb / 6P
   Hyper Mini SIDELED Hyper-Bright LED
logo
OSRAM GmbH
LSA676 OSRAM-LSA676 Datasheet
180Kb / 14P
   Hyper SIDELED Hyper-Bright LED
LBT676 OSRAM-LBT676 Datasheet
55Kb / 6P
   BLUE LINE Hyper TOPLED Hyper-Bright LED
LWY87S OSRAM-LWY87S Datasheet
157Kb / 14P
   Micro SIDELED White Hyper-Bright LED
logo
Siemens Semiconductor G...
LSM676 SIEMENS-LSM676 Datasheet
87Kb / 7P
   Hyper Mini TOPLED Hyper-Bright LED
LSM776 SIEMENS-LSM776 Datasheet
340Kb / 7P
   Hyper Mini TOPLED RG Hyper-Bright LED
LHA674 SIEMENS-LHA674 Datasheet
108Kb / 7P
   SIDELED Super-Bright, Hyper-Red GaAIAs-LED
logo
OSRAM GmbH
LYM676 OSRAM-LYM676 Datasheet
185Kb / 13P
   Hyper SIDELED
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
   HYPER TOPLED, HYPER BRIGHT LED
LOP476 OSRAM-LOP476 Datasheet
586Kb / 17P
   Hyper PointLED Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com