Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN54AC244LMQB Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MN54AC244LMQB
Description  Octal Buffers/Line Drivers With 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MN54AC244LMQB Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button MN54AC244LMQB Datasheet HTML 2Page - National Semiconductor (TI) MN54AC244LMQB Datasheet HTML 3Page - National Semiconductor (TI) MN54AC244LMQB Datasheet HTML 4Page - National Semiconductor (TI) MN54AC244LMQB Datasheet HTML 5Page - National Semiconductor (TI) MN54AC244LMQB Datasheet HTML 6Page - National Semiconductor (TI) MN54AC244LMQB Datasheet HTML 7Page - National Semiconductor (TI) MN54AC244LMQB Datasheet HTML 8Page - National Semiconductor (TI) MN54AC244LMQB Datasheet HTML 9Page - National Semiconductor (TI) MN54AC244LMQB Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MN54AC244-X REV 1B1
MICROCIRCUIT DATA SHEET
Electrical Characteristics
AC PARAMETERS(Continued)
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
CL=50pf, RL=500 ohms, TR=3ns, TF=3ns, Temp. Range: -55C to 125C.
NOTE: -55C TEMPERATURE, SUBGROUP 11
IS GUARANTEED BUT NOT TESTED.
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
tpZH (1)
Output Enable
Time
VCC=4.5V
3,
4, 6
OE to
ON
1.5
7.5
ns
9
3,
4, 6
OE to
ON
1.5
9.0
ns
10, 11
tpZL (1)
Output Enable
Time
VCC=4.5V
3,
4, 6
OE to
ON
1.5
8.5
ns
9
3,
4, 6
OE to
ON
1.5
10.5
ns
10, 11
tpHZ (1)
Output Disable
Time
VCC=4.5V
3,
4, 6
OE to
ON
1.5
8.5
ns
9
3,
4, 6
OE to
ON
1.5
10.5
ns
10, 11
tpLZ (1)
Output Disable
Time
VCC=4.5V
3,
4, 6
OE to
ON
1.5
9.0
ns
9
3,
4, 6
OE to
ON
1.5
11.0
ns
10, 11
tpLH (2)
Propagation Delay
VCC=3.0V
3, 4 IN to
ON
1.0
11.0
ns
9
3, 4 IN to
ON
1.0
12.5
ns
10, 11
tpHL (2)
Propagation Delay
VCC=3.0V
3, 4 IN to
ON
1.0
10.5
ns
9
3, 4 IN to
ON
1.0
12.0
ns
10, 11
tpZH (2)
Output Enable
Time
VCC=3.0V
3, 4 OE to
ON
1.0
9.5
ns
9
3, 4 OE to
ON
1.0
11.5
ns
10, 11
tpZL (2)
Output Enable
Time
VCC=3.0V
3, 4 OE to
ON
1.0
11.0
ns
9
3, 4 OE to
ON
1.0
13.0
ns
10, 11
tpHZ (2)
Output Disable
Time
VCC=3.0V
3, 4 OE to
ON
1.0
10.0
ns
9
3, 4 OE to
ON
1.0
12.5
ns
10, 11
tpLZ (2)
Output Disable
Time
VCC=3.0V
3, 4 OE to
ON
1.0
11.0
ns
9
3, 4 OE to
ON
1.0
13.0
ns
10, 11
6


Similar Part No. - MN54AC244LMQB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MN54AC251-X NSC-MN54AC251-X Datasheet
33Kb / 7P
   8-Input Multiplexer With TRI-STATE Outputs
MN54AC2525-X NSC-MN54AC2525-X Datasheet
15Kb / 6P
   MN54AC2525-X REV 1B0
MN54AC258-X NSC-MN54AC258-X Datasheet
17Kb / 7P
   Quad 2 Input Multiplexer With TRI - STATE Outputs
More results

Similar Description - MN54AC244LMQB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240_04 Datasheet
82Kb / 8P
   Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74BC540A HITACHI-HD74BC540A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74BC541A HITACHI-HD74BC541A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 HITACHI-HD74HC540 Datasheet
51Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Renesas Technology Corp
RD74LVC540B RENESAS-RD74LVC540B Datasheet
83Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74HCT540 RENESAS-HD74HCT540 Datasheet
112Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
HD74HC540 RENESAS-HD74HC540_15 Datasheet
132Kb / 11P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Texas Instruments
54AC11241 TI1-54AC11241_09 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC244A HITACHI-HD74BC244A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74LVC244A HITACHI-HD74LVC244A Datasheet
47Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74LVC540A HITACHI-HD74LVC540A Datasheet
48Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com