Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54AC244LMQB Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC244LMQB
Description  Octal Buffers/Line Drivers With 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC244LMQB Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54AC244LMQB Datasheet HTML 1Page - National Semiconductor (TI) 54AC244LMQB Datasheet HTML 2Page - National Semiconductor (TI) 54AC244LMQB Datasheet HTML 3Page - National Semiconductor (TI) 54AC244LMQB Datasheet HTML 4Page - National Semiconductor (TI) 54AC244LMQB Datasheet HTML 5Page - National Semiconductor (TI) 54AC244LMQB Datasheet HTML 6Page - National Semiconductor (TI) 54AC244LMQB Datasheet HTML 7Page - National Semiconductor (TI) 54AC244LMQB Datasheet HTML 8Page - National Semiconductor (TI) 54AC244LMQB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MICROCIRCUIT DATA SHEET
MN54AC244-X REV 1B1
(Absolute Maximum Ratings)
(Note 1)
Supply Voltage (Vcc)
-0.5V to +7.0V
DC Input Diode Current (Iik)
-20 mA
Vi = -0.5V
+20 mA
Vi = Vcc +0.5V
DC Input Voltage (Vi)
-0.5V to Vcc +0.5V
DC Output Diode Current (Iok)
-20 mA
Vo = -0.5V
+20 mA
Vo = Vcc +0.5V
DC Output Voltage (Vo)
-0.5V to Vcc +0.5V
DC Output Source or Sink Current (Io)
+50 mA
DC Vcc or Ground Current per Output Pin (Icc or Ignd)
+50 mA
Storage Temperature (Tstg)
-65 C to +150 C
Junction Temperature (Tj)
175 C
Note 1:
Absolute maximum ratings are those values beyond which damage to the device may
occur.
The databook specification should be met, without exception, to ensure that
the system design is reliable over its power supply, temperature, and output/input
loading variables.
National does not recommend operation of FACT TM circuits outside
databook specifications.
Recommended Operating Conditions
Supply Voltage (Vcc)
2.0V to 6.0V
Input Voltage (Vi)
0V to Vcc
Output Voltage (Vo)
0V to Vcc
Operating Temperature (Ta)
-55 C to +125 C
Minimum Input Edge Rate (Delta V/Delta t)
AC Devices
Vin From 30% to 70% of Vcc
125 mV/ns
Vcc @ 3.0V, 4.5V, 5.5V
3


Similar Part No. - 54AC244LMQB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC244L NSC-54AC244L Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Similar Description - 54AC244LMQB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240_04 Datasheet
82Kb / 8P
   Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74BC540A HITACHI-HD74BC540A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74BC541A HITACHI-HD74BC541A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 HITACHI-HD74HC540 Datasheet
51Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Renesas Technology Corp
RD74LVC540B RENESAS-RD74LVC540B Datasheet
83Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74HCT540 RENESAS-HD74HCT540 Datasheet
112Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
HD74HC540 RENESAS-HD74HC540_15 Datasheet
132Kb / 11P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Texas Instruments
54AC11241 TI1-54AC11241_09 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC244A HITACHI-HD74BC244A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74LVC244A HITACHI-HD74LVC244A Datasheet
47Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74LVC540A HITACHI-HD74LVC540A Datasheet
48Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com