Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD-91394E Datasheet(PDF) 1 Page - International Rectifier

Part # PD-91394E
Description  RADIATION HARDENED POWER MOSFET THRU - HOLE ( TO - 254AA )
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PD-91394E Datasheet(HTML) 1 Page - International Rectifier

  PD-91394E Datasheet HTML 1Page - International Rectifier PD-91394E Datasheet HTML 2Page - International Rectifier PD-91394E Datasheet HTML 3Page - International Rectifier PD-91394E Datasheet HTML 4Page - International Rectifier PD-91394E Datasheet HTML 5Page - International Rectifier PD-91394E Datasheet HTML 6Page - International Rectifier PD-91394E Datasheet HTML 7Page - International Rectifier PD-91394E Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings
Parameter
Parameter
Parameter
Parameter
Parameter
Units
Units
Units
Units
Units
ID @ VGS = 12V, TC = 25°C Continuous Drain Current
18
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
11.7
IDM
Pulsed Drain Current ➀
72
PD @ TC = 25°C
Max. Power Dissipation
250
W
Linear Derating Factor
2.0
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
500
mJ
IAR
Avalanche Current ➀
18
A
EAR
Repetitive Avalanche Energy ➀
25
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
3.8
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. (1.6mm) from case for 10 sec.)
Weight
9.3 (Typical)
g
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
oC
A
RADIATION HARDENED
RADIATION HARDENED
RADIATION HARDENED
RADIATION HARDENED
RADIATION HARDENED
POWER MOSFET
POWER MOSFET
POWER MOSFET
POWER MOSFET
POWER MOSFET
THRU-HOLE (TO-254AA)
THRU-HOLE (TO-254AA)
THRU-HOLE (TO-254AA)
THRU-HOLE (TO-254AA)
THRU-HOLE (TO-254AA)
5/17/01
www.irf.com
1
TO-254AA
TO-254AA
TO-254AA
TO-254AA
TO-254AA
Product Summary
Product Summary
Product Summary
Product Summary
Product Summary
Part Number
Radiation Level
Part Number
Radiation Level
Part Number
Radiation Level
Part Number
Radiation Level
Part Number
Radiation Level R
R
R
R
RDS(on)
DS(on)
DS(on)
DS(on)
DS(on)
IIIII DDDDD
QPL Part Number
QPL Part Number
QPL Part Number
QPL Part Number
QPL Part Number
IRHM7460SE
100K Rads (Si)
0.32Ω
18A
JANSR2N7392
Features:
Features:
Features:
Features:
Features:
!
Single Event Effect (SEE) Hardened
!
Ultra Low RDS(on)
!
Low Total Gate Charge
!
Proton Tolerant
!
Simple Drive Requirements
!
Ease of Paralleling
!
Hermetically Sealed
!
Light Weight
For footnotes refer to the last page
IRHM7460SE
IRHM7460SE
IRHM7460SE
IRHM7460SE
IRHM7460SE
JANSR2N7392
JANSR2N7392
JANSR2N7392
JANSR2N7392
JANSR2N7392 500V
500V
500V
500V
500V
N-CHANNEL
N-CHANNEL
N-CHANNEL
N-CHANNEL
N-CHANNEL
REF: MIL-PRF-19500/661
REF: MIL-PRF-19500/661
REF: MIL-PRF-19500/661
REF: MIL-PRF-19500/661
REF: MIL-PRF-19500/661
RAD Hard
RAD Hard
RAD Hard
RAD Hard
RAD Hard
™ HEXFET
HEXFET
HEXFET
HEXFET
HEXFET
® TECHNOLOGY
TECHNOLOGY
TECHNOLOGY
TECHNOLOGY
TECHNOLOGY
International Rectifier’s RADHardTM HEXFET® MOSFET
technology provides high performance power MOSFETs
for space applications. This technology has over a de-
cade of proven performance and reliability in satellite
applications. These devices have been characterized
for both Total Dose and Single Event Effects (SEE). The
combination of low RDS(on) and low gate charge reduces
the power losses in switching applications such as DC to
DC converters and motor control. These devices retain
all of the well established advantages of MOSFETs such
as voltage control, fast switching, ease of paralleling and
temperature stability of electrical parameters.
PD - 91394E


Similar Part No. - PD-91394E

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD-9000G MICROSEMI-PD-9000G Datasheet
928Kb / 2P
   IEEE802.3at Compliant 36W/Port Midspan Family
logo
Microchip Technology
PD-9000G MICROCHIP-PD-9000G Datasheet
462Kb / 2P
   IEEE짰 802.3at Compliant 36W/Port Midspan Family
5/21
PD-9001-10GC MICROCHIP-PD-9001-10GC Datasheet
459Kb / 2P
   Single-Port, 10 Gbps, IEEE 802.3at 30W, Indoor PoE Midspan
5/21
PD-9001-10GC/AC-AU MICROCHIP-PD-9001-10GC/AC-AU Datasheet
459Kb / 2P
   Single-Port, 10 Gbps, IEEE 802.3at 30W, Indoor PoE Midspan
5/21
PD-9001-10GC/AC-EU MICROCHIP-PD-9001-10GC/AC-EU Datasheet
459Kb / 2P
   Single-Port, 10 Gbps, IEEE 802.3at 30W, Indoor PoE Midspan
5/21
More results

Similar Description - PD-91394E

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM7250 IRF-IRHM7250 Datasheet
271Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM7054 IRF-IRHM7054 Datasheet
166Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM7Z60 IRF-IRHM7Z60 Datasheet
131Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM7450 IRF-IRHM7450_06 Datasheet
303Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM93130 IRF-IRHM93130 Datasheet
139Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM9150 IRF-IRHM9150 Datasheet
136Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM9260 IRF-IRHM9260 Datasheet
123Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM57Z60 IRF-IRHM57Z60 Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
JANSR2N7423 IRF-JANSR2N7423 Datasheet
133Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (T0-254AA)
IRHM7260 IRF-IRHM7260 Datasheet
265Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE(T0-254AA)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com