Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIL-PRF-661 Datasheet(PDF) 8 Page - International Rectifier

Part # MIL-PRF-661
Description  RADIATION HARDENED POWER MOSFET THRU - HOLE ( TO - 254AA )
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MIL-PRF-661 Datasheet(HTML) 8 Page - International Rectifier

  MIL-PRF-661 Datasheet HTML 1Page - International Rectifier MIL-PRF-661 Datasheet HTML 2Page - International Rectifier MIL-PRF-661 Datasheet HTML 3Page - International Rectifier MIL-PRF-661 Datasheet HTML 4Page - International Rectifier MIL-PRF-661 Datasheet HTML 5Page - International Rectifier MIL-PRF-661 Datasheet HTML 6Page - International Rectifier MIL-PRF-661 Datasheet HTML 7Page - International Rectifier MIL-PRF-661 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRHM7460SE
IRHM7460SE
IRHM7460SE
IRHM7460SE
IRHM7460SE
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
8
www.irf.com
Pulse width ≤ 300 µs; Duty Cycle ≤ 2%
Total Dose Irradiation with V
Total Dose Irradiation with V
Total Dose Irradiation with V
Total Dose Irradiation with V
Total Dose Irradiation with VGS
GS
GS
GS
GS Bias.
Bias.
Bias.
Bias.
Bias.
12 volt VGS applied and VDS = 0 during
irradiation per MIL-STD-750, method 1019, condition A.
Total Dose Irradiation with V
Total Dose Irradiation with V
Total Dose Irradiation with V
Total Dose Irradiation with V
Total Dose Irradiation with VDS
DS
DS
DS
DS Bias.
Bias.
Bias.
Bias.
Bias.
400 volt VDS applied and VGS = 0 during
irradiation per MlL-STD-750, method 1019, condition A.
Repetitive Rating; Pulse width limited by
maximum junction temperature.
VDD = 50V, starting TJ = 25°C, L= 3.1 mH
Peak IL = 18A, VGS = 12V
ISD ≤ 18A, di/dt ≤110A/µs,
VDD ≤ 500V, TJ ≤ 150°C
Footnotes:
Footnotes:
Footnotes:
Footnotes:
Footnotes:
IR WORLD HEADQUARTERS:
IR WORLD HEADQUARTERS:
IR WORLD HEADQUARTERS:
IR WORLD HEADQUARTERS:
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.....
Data and specifications subject to change without notice. 05/01
Case Outline and Dimensions —TO-254AA
Case Outline and Dimensions —TO-254AA
Case Outline and Dimensions —TO-254AA
Case Outline and Dimensions —TO-254AA
Case Outline and Dimensions —TO-254AA
3.78 ( .149 )
3.53 ( .139 )
-A-
13.84 ( .545 )
13.59 ( .535 )
6.60 ( .260 )
6.32 ( .249 )
20.32 ( .800 )
20.07 ( .790 )
13.84 ( .545 )
13.59 ( .535 )
-C-
1.14 ( .045 )
0.89 ( .035 )
3.81 ( .150 )
1.27 ( .050 )
1.02 ( .040 )
-B-
.12 ( .005 )
3X
2X
3.81 ( .150 )
1
2
3
17.40 ( .685 )
16.89 ( .665 )
31.40 ( 1.235 )
30.39 ( 1.199 )
NOTES:
.50 ( .020 )
M C A M B
.25 ( .010 )
M C
LEGEND
1 - COLL
2 - EMIT
3 - GATE
IRHM57163SED
IRHM57163SED
IRHM57163SED
IRHM57163SED
IRHM57163SED
IRHM57163SEU
IRHM57163SEU
IRHM57163SEU
IRHM57163SEU
IRHM57163SEU
LEGEND
1- DRAIN
2- SOURCE
3- GATE
CAUTION
CAUTION
CAUTION
CAUTION
CAUTION
BERYLLIA WARNING PER MIL-PRF-19500
BERYLLIA WARNING PER MIL-PRF-19500
BERYLLIA WARNING PER MIL-PRF-19500
BERYLLIA WARNING PER MIL-PRF-19500
BERYLLIA WARNING PER MIL-PRF-19500
Package containing beryllia shall not be ground, sandblasted, machined, or have other operations performed on them
which will produce beryllia or beryllium dust. Furthermore, beryllium oxide packages shall not be placed in acids
that will produce fumes containing beryllium.


Similar Part No. - MIL-PRF-661

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
MIL-PRF-123 AVX-MIL-PRF-123 Datasheet
73Kb / 5P
   Military Type Designation: Capacitors, Fixed, Ceramic Dielectric
logo
Vishay Siliconix
MIL-PRF-123 VISHAY-MIL-PRF-123 Datasheet
109Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
Revision: 15-May-17
MIL-PRF-123 VISHAY-MIL-PRF-123 Datasheet
114Kb / 9P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
01-Jan-2023
MIL-PRF-123 VISHAY-MIL-PRF-123_V01 Datasheet
114Kb / 9P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
01-Jan-2023
logo
Amphenol PCD, Inc
MIL-PRF-12883 AMPHENOLPCD-MIL-PRF-12883 Datasheet
2Mb / 21P
   Amphenol Pcd MIL-PRF-12883 Relay Sockets
More results

Similar Description - MIL-PRF-661

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM7250 IRF-IRHM7250 Datasheet
271Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM7054 IRF-IRHM7054 Datasheet
166Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM7Z60 IRF-IRHM7Z60 Datasheet
131Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM7450 IRF-IRHM7450_06 Datasheet
303Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM93130 IRF-IRHM93130 Datasheet
139Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM9150 IRF-IRHM9150 Datasheet
136Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM9260 IRF-IRHM9260 Datasheet
123Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM57Z60 IRF-IRHM57Z60 Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
JANSR2N7423 IRF-JANSR2N7423 Datasheet
133Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (T0-254AA)
IRHM7260 IRF-IRHM7260 Datasheet
265Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE(T0-254AA)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com