Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHQ567110 Datasheet(PDF) 4 Page - International Rectifier

Part # IRHQ567110
Description  RADIATION HARDENED 100V, COMBINATION 2N-2P-CHANNEL POWER MOSFET SURFACE MOUNT (LCC-28)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHQ567110 Datasheet(HTML) 4 Page - International Rectifier

  IRHQ567110 Datasheet HTML 1Page - International Rectifier IRHQ567110 Datasheet HTML 2Page - International Rectifier IRHQ567110 Datasheet HTML 3Page - International Rectifier IRHQ567110 Datasheet HTML 4Page - International Rectifier IRHQ567110 Datasheet HTML 5Page - International Rectifier IRHQ567110 Datasheet HTML 6Page - International Rectifier IRHQ567110 Datasheet HTML 7Page - International Rectifier IRHQ567110 Datasheet HTML 8Page - International Rectifier IRHQ567110 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
IRHQ567110
Pre-Irradiation
4
www.irf.com
Table 1. Electrical Characteristics For Each N-Channel Device @ Tj = 25°C, Post Total Dose Irradiation ➄➅
Parameter
100K Rads(Si)1
300K Rads (Si)2 Units
Test Conditions
Min
Max
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
100
100
V
VGS = 0V, ID = 1.0mA
VGS(th)
Gate Threshold Voltage
2.0
4.0
2.0
4.0
VGS = VDS, ID = 1.0mA
IGSS
Gate-to-Source Leakage Forward
100
100
nA
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
-100
VGS = -20 V
IDSS
Zero Gate Voltage Drain Current
10
10
µA
VDS= 80V, VGS =0V
RDS(on)
Static Drain-to-Source
0.226
0.246
VGS = 12V, ID = 2.9A
On-State Resistance (TO-39)
RDS(on)
Static Drain-to-Source
0.27
0.29
VGS = 12V, ID = 2.9A
On-State Resistance (LCC-28)
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability.
The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
1. Part number IRHQ567110
2. Part number IRHQ563110
Fig a. Single Event Effect, Safe Operating Area
VSD
Diode Forward Voltage
1.2
1.2
V
VGS = 0V, IS = 4.6A
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
For footnotes refer to the last page
Table 2. Single Event Effect Safe Operating Area (Per Die)
Ion
LET
Energy
Range
V
DS
(V)
MeV/(mg/cm2))
(MeV)
(µm) @V
GS
=0V @V
GS
=-5V @V
GS
= -8V @V
GS
=-10V @V
GS
=-15V
Br
36.7
309
39.5
100
100
100
100
100
I
59.8
341
32.5
100
100
100
100
35
Au
82.3
350
28.4
100
100
100
80
25
@V
GS
=-20V
100
25
0
20
40
60
80
100
120
-20
-15
-10
-5
0
VGS
Br
I
Au


Similar Part No. - IRHQ567110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHQ567110 IRF-IRHQ567110 Datasheet
240Kb / 14P
   Simple Drive Requirements
IRHQ567110 IRF-IRHQ567110_15 Datasheet
240Kb / 14P
   Simple Drive Requirements
More results

Similar Description - IRHQ567110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHG567110 IRF-IRHG567110 Datasheet
182Kb / 14P
   RADIATION HARDENED POWER MOSFET THRU-HOLE 100V, Combination 2N-2P-CHANNEL
IRHQ597110 IRF-IRHQ597110 Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28) 100V, Quad P-CHANNEL
IRHQ57110 IRF-IRHQ57110 Datasheet
122Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28), 100V, Quad N-CHANNEL
IRHQ9110 IRF-IRHQ9110 Datasheet
134Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ7214 IRF-IRHQ7214 Datasheet
128Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ7110 IRF-IRHQ7110 Datasheet
128Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ6110 IRF-IRHQ6110 Datasheet
192Kb / 14P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ57214SE IRF-IRHQ57214SE Datasheet
178Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRFG5110 IRF-IRFG5110 Datasheet
394Kb / 12P
   100V, Combination 2N-2P-CHANNEL
IRHLQ77214 IRF-IRHLQ77214 Datasheet
228Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (LCC-28)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com