Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM120616 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CM120616
Description  ESD Protection Arrays, Chip Scale Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM120616 Datasheet(HTML) 2 Page - California Micro Devices Corp

  CM120616 Datasheet HTML 1Page - California Micro Devices Corp CM120616 Datasheet HTML 2Page - California Micro Devices Corp CM120616 Datasheet HTML 3Page - California Micro Devices Corp CM120616 Datasheet HTML 4Page - California Micro Devices Corp CM120616 Datasheet HTML 5Page - California Micro Devices Corp CM120616 Datasheet HTML 6Page - California Micro Devices Corp CM120616 Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
2
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
06/28/04
CM1206
Ordering Information
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
Note 2: Lead-free devices are specified by using a "
+" character for the top side orientation mark
CM1206
16
3
25
4
1
B
A
D
C
Orientation
Marking
(see note 2)
120608
3
25
4
1
B
A
Orientation
Marking
(see note 2)
L06
3
2
1
B
A
Orientation
Marking
(see note 2)
C3
D3
C2
C1
D2
D1
C5
D5
C4
D4
A3
B3
A2
A1
B2
B1
A5
B5
A4
B4
A3
B3
A2
A1
B2
B1
A5
B5
A4
B4
A3
B3
A2
A1
B2
B1
CM1206-04
CSP Package
PACKAGE / PINOUT DIAGRAMS
Notes:
BOTTOM VIEW
(Bumps Up View)
TOP VIEW
(Bumps Down View)
CM1206-08
CSP Package
BOTTOM VIEW
(Bumps Up View)
TOP VIEW
(Bumps Down View)
CSP Package
CM1206-16
BOTTOM VIEW
(Bumps Up View)
TOP VIEW
(Bumps Down View)
1) These drawings are not to scale.
2) Lead-free devices are specified by using a "+" character for the top side orientation mark.
PART NUMBERING INFORMATION
Bumps
Package
Standard Finish
Lead-free Finish2
Ordering Part
Number1
Part Marking
Ordering Part
Number1
Part Marking
6
CSP
CM1206-04CS
L06
CM1206-04CP
L06
10
CSP
CM1206-08CS
120608
CM1206-08CP
120608
20
CSP
CM1206-16CS
CM120616
CM1206-16CP
CM120616


Similar Part No. - CM120616

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM1200DB-34N MITSUBISHI-CM1200DB-34N Datasheet
62Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
CM1200DB-34N POWEREX-CM1200DB-34N Datasheet
536Kb / 6P
   Dual IGBTMOD HVIGBT Module 1200 Amperes/1700 Volts
logo
Mitsubishi Electric Sem...
CM1200DC-34N MITSUBISHI-CM1200DC-34N Datasheet
61Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
CM1200DC-34N POWEREX-CM1200DC-34N Datasheet
494Kb / 6P
   Dual IGBTMOD HVIGBT Module 1200 Amperes/1700 Volts
logo
Mitsubishi Electric Sem...
CM1200DC-34S MITSUBISHI-CM1200DC-34S Datasheet
518Kb / 11P
   HIGH POWER SWITCHING USE NSULATED TYPE
More results

Similar Description - CM120616

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN2404C CALMIRCO-PACDN2404C Datasheet
52Kb / 3P
   ESD PROTECTION ARRAYS, CHIP SCALE PACKAGE
PACDN1404C CALMIRCO-PACDN1404C Datasheet
51Kb / 3P
   ESD PROTECTION ARRAYS, CHIP SCALE PACKAGE
CM1205-16CP CALMIRCO-CM1205-16CP Datasheet
167Kb / 7P
   ESD Protection Arrays, Chip Scale Package
logo
ON Semiconductor
PACDN1408CG ONSEMI-PACDN1408CG Datasheet
112Kb / 5P
   ESD Protection Arrays in Chip Scale Package
October, 2011 ??Rev. 4
logo
California Micro Device...
PACDN1408C CALMIRCO-PACDN1408C Datasheet
747Kb / 3P
   ESD PROTECTION ARRAYS, 8 CHANNEL, CHIP SCALE PACKAGE
logo
ON Semiconductor
CM1205 ONSEMI-CM1205_11 Datasheet
115Kb / 5P
   8-Channel ESD Protection Array in Chip Scale Package
January, 2011 ??Rev. 4
CM1205 ONSEMI-CM1205 Datasheet
188Kb / 8P
   8-Channel ESD Protection Array in Chip Scale Package
April 2010 ??Rev. 3
logo
NXP Semiconductors
PESDXS4UD NXP-PESDXS4UD Datasheet
102Kb / 12P
   Quadruple ESD protection diode arrays in a SOT457 package
Rev. 02-21 August 2009
PESDXS4UD PHILIPS-PESDXS4UD Datasheet
102Kb / 12P
   Quadruple ESD protection diode arrays in a SOT457 package
Rev. 02-21 August 2009
PESDXS5UD PHILIPS-PESDXS5UD Datasheet
115Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com