Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR3000 Datasheet(PDF) 7 Page - RF Monolithics, Inc

Part # TR3000
Description  433.92 MHz Hybrid Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

TR3000 Datasheet(HTML) 7 Page - RF Monolithics, Inc

Back Button TR3000 Datasheet HTML 3Page - RF Monolithics, Inc TR3000 Datasheet HTML 4Page - RF Monolithics, Inc TR3000 Datasheet HTML 5Page - RF Monolithics, Inc TR3000 Datasheet HTML 6Page - RF Monolithics, Inc TR3000 Datasheet HTML 7Page - RF Monolithics, Inc TR3000 Datasheet HTML 8Page - RF Monolithics, Inc TR3000 Datasheet HTML 9Page - RF Monolithics, Inc TR3000 Datasheet HTML 10Page - RF Monolithics, Inc TR3000 Datasheet HTML 11Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 7 of 12
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
TR3000-070105
Transceiver Event Timing
Transceiver event timing is summarized in Table 1. Please refer to this ta-
ble for the following discussions.
Turn-On Timing
The maximum time tPR required for the receive function to become opera-
tional at turn on is influenced by two factors. All receiver circuitry will be op-
erational 5 ms after the supply voltage reaches 2.2 Vdc. The BBOUT-
CMPIN coupling-capacitor is then DC stabilized in 3 time constants
(3*tBBC). The total turn-on time to stable receiver operation for a 10 ms
power supply rise time is:
tPR = 15 ms + 3*tBBC
The maximum time required for either the OOK or ASK transmitter mode to
become operational is 5 ms after the supply voltage reaches 2.2 Vdc.
Receive-to-Transmit Timing
After turn on, the maximum time required to switch from receive to either
transmit mode is 12 µs. Most of this time is due to the start-up of the trans-
mitter oscillator.
Transmit-to-Receive Timing
The maximum time required to switch from the OOK or ASK transmit mode
to the receive mode is 3*tBBC, where tBBC is the BBOUT- CMPIN coupling-
capacitor time constant. When the operating temperature is limited to 60
oC, the time required to switch from transmit to receive is dramatically less
for short transmissions, as less charge leaks away from the
BBOUT-CMPIN coupling capacitor.
Sleep and Wake-Up Timing
The maximum transition time from the receive mode to the power-down
(sleep) mode tRS is 10 µs after CNTRL1 and CNTRL0 are both low
(1 µs fall time).
The maximum transition time from either transmit mode to the sleep mode
(tTOS and tTAS) is 10 µs after CNTRL1 and CNTRL0 are both low
(1 µs fall time).
The maximum transition time tSR from the sleep mode to the receive mode
is 3*tBBC, where tBBC is the BBOUT-CMPIN coupling-capacitor time con-
stant. When the operating temperature is limited to 60 oC, the time required
to switch from sleep to receive is dramatically less for short sleep times, as
less charge leaks away from the BBOUT- CMPIN coupling capacitor.
The maximum time required to switch from the sleep mode to either trans-
mit mode (tSTO and tSTA) is 16 µs. Most of this time is due to the start-up of
the transmitter oscillator.
AGC Timing
The maximum AGC engage time tAGC is 5 µs after the reception of a -30
dBm RF signal with a 1 µs envelope rise time.
The minimum AGC hold-in time is set by the value of the capacitor at the
AGCCAP pin. The hold-in time tAGH = CAGC/19.1, where tAGH is in µs and
CAGC is in pF.
Peak Detector Timing
The Peak Detector attack time constant is set by the value of the capacitor
at the PKDET pin. The attack time tPKA = CPKD/4167, where tPKA is in µs
and CPKD is in pF. The Peak Detector decay time constant
tPKD = 1000*tPKA.
Pulse Generator Timing
In the low data rate mode, the interval tPRI between the falling edge of an
ON pulse to the first RF amplifier and the rising edge of the next ON pulse
to the first RF amplifier is set by a resistor RPR between the PRATE pin and
ground. The interval can be adjusted between 0.1 and 5 µs with a resistor
in the range of 51 K to 2000 K. The value of the RPR is given by:
RPR = 404* tPRI + 10.5, where tPRI is in µs, and RPR is in kilohms
In the high data rate mode (selected at the PWIDTH pin) the receiver RF
amplifiers operate at a nominal 50%-50% duty cycle. In this case, the peri-
od tPRC from the start of an ON pulse to the first RF amplifier to the start of
the next ON pulse to the first RF amplifier is controlled by the PRATE re-
sistor over a range of 0.1 to 1.1 µs using a resistor of 11 K to 220 K. In this
case RPR is given by:
RPR = 198* tPRC - 8.51, where tPRC is in µs and RPR is in kilohms
In the low data rate mode, the PWIDTH pin sets the width of the ON pulse
to the first RF amplifier tPW1 with a resistor RPW to ground (the ON pulse
width to the second RF amplifier tPW2 is set at 1.1 times the pulse width to
the first RF amplifier in the low data rate mode). The ON pulse width tPW1
can be adjusted between 0.55 and 1 µs with a resistor value in the range
of 200 K to 390 K. The value of RPW is given by:
RPW = 404* tPW1 - 18.6, where tPW1 is in µs and RPW is in kilohms
However, when the PWIDTH pin is connected to Vcc through a 1 M resis-
tor, the RF amplifiers operate at a nominal 50%-50% duty cycle, facilitating
high data rate operation. In this case, the RF amplifiers are controlled by
the PRATE resistor as described above.
LPF Group Delay
The low-pass filter group delay is a function of the filter 3 dB bandwidth,
which is set by a resistor RLPF to ground at the LPFADJ pin. The minimum
3 dB bandwidth fLPF = 1445/RLPF, where fLPF is in kHz, and RLPF is in kilo-
hms.
The maximum group delay tFGD = 1750/fLPF = 1.21*RLPF, where tFGD is in
µs, fLPF in kHz, and RLPF in kilohms.


Similar Part No. - TR3000

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TR3000 MURATA-TR3000 Datasheet
600Kb / 12P
   RFM products are now Murata products
More results

Similar Description - TR3000

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
TR7000 RFM-TR7000 Datasheet
145Kb / 14P
   433.92 MHz Hybrid Transceiver
logo
Murata Manufacturing Co...
TR7000 MURATA-TR7000 Datasheet
357Kb / 15P
   433.92 MHz Hybrid Transceiver
TR3100 MURATA-TR3100 Datasheet
408Kb / 12P
   433.92 MHz Hybrid Transceiver
logo
RF Monolithics, Inc
TR3100 RFM-TR3100 Datasheet
107Kb / 12P
   433.92 MHz Hybrid Transceiver
RX5000 RFM-RX5000 Datasheet
103Kb / 11P
   433.92 MHz Hybrid Receiver
TX5000 RFM-TX5000 Datasheet
73Kb / 6P
   433.92 MHz Hybrid Transmitter
RX5500 RFM-RX5500 Datasheet
89Kb / 10P
   433.92 MHz Hybrid Receiver
logo
Murata Manufacturing Co...
DR7000 MURATA-DR7000 Datasheet
400Kb / 7P
   433.92 MHz Transceiver Module
logo
List of Unclassifed Man...
TXD1 ETC-TXD1 Datasheet
99Kb / 3P
   433.92/868.35 MHz Hybrid Transmitter
logo
RF Monolithics, Inc
DM1800-434MN RFM-DM1800-434MN Datasheet
344Kb / 4P
   433.92 MHz Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com