Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1186B-2 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # SF1186B-2
Description  1575.42 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF1186B-2 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  SF1186B-2 Datasheet HTML 1Page - RF Monolithics, Inc SF1186B-2 Datasheet HTML 2Page - RF Monolithics, Inc SF1186B-2 Datasheet HTML 3Page - RF Monolithics, Inc SF1186B-2 Datasheet HTML 4Page - RF Monolithics, Inc SF1186B-2 Datasheet HTML 5Page - RF Monolithics, Inc SF1186B-2 Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 6
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF1186B-2-121604
SM3030-6
1575.42 MHz
SAW Filter
SF1186B-2
Pin #
Description
Pin #
Description
1
Ground
4
Ground
2
Input
5
Output
3
Ground
6
Ground
Electrical Connections
Notes:
1.
Unless noted otherwise, all specifications apply over the operating
temperature range with filter soldered to the specified demonstration
board without impedance matching and measured with 50
Ω network
analyzer.
2.
The design, manufacturing process, and specifications of this filter
are subject to change.
3.
Either Port 1 or Port 2 may be used for either input or output in the
design. However, impedances and impedance matching may vary
between Port 1 and Port 2, so that the filter must always be installed
in one direction per the circuit design.
4.
US and international patents may apply.
5.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered
trademarks of RF Monolithics, Inc.
6.
Tape and Reel Standard Per ANSI / EIA 481.
7.
©Copyright 1999, RF Monolithics Inc.
8.
Electrostatic Sensitive Device. Observe precautions for handling.
Electrical Characteristics
Characteristic
Sym
Notes
Min
Typ
Max
Units
Center Frequency
fO
1
1575.42
MHz
1dB Passband width
1
2.046
15.3
MHz
Pass Band Variation Fc ±2.0 MHz
0.1
1.0
dB
Pass Band VSWR
1.4
2.0
Insertion Loss
1
2.68
3.5
dB
Absolute Attenuation @
850 MHz
1
45
51.2
dB
1500 MHz
1
40
52.7
1535.42 MHz
1
20
38.9
1615.42 MHz
1
20
58.8
1640 MHz
1
45
59.1
1700 MHz
1
50
56.7
Temperature Coefficient
-30
ppm/°C
Operating Temperature
TA
1
-40
+85
°C
Single Ended Input / Output, Impedance match
No matching network required for operation at 50 ohms
Case Style
SM3030-6 3 x 3 mm Nominal Footprint
Lid Symbolization
y=year, ww=week, s=shift
468 YWWS
Standard Reel Quantity
Reel Size 7 Inch
6
500 Pieces/Reel
Reel Size 13 Inch
3000 Pieces/Reel
Pb
Designed for Front End GPS Applications
Low Insertion Loss
3.0 x 3.0 x 1.3 mm Surface-Mount Case
No Matching Circuit Required
Complies with Directive 2002/95/EC (RoHS)
Maximum Ratings at +25°C unless stated otherwise
Rating
Symbol
Value
Units
Maximum Input Signal Level
+10
dBm
Withstanding DC Voltage
WVdc
4
Volts
Operating Temperture Range
TA
-40 to +85
°C
Storage Temperature Range
TSTG
-40 to +105
°C
Lead Soldering Temperature for 10 Seconds
TWAVE
260
°C
Peak Reflow Solder Temp for 40 Seconds
TReflow
235
°C
Suitable for lead-free soldering - Max Soldering Temperature
260°C for 30 s


Similar Part No. - SF1186B-2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF1186B-2 MURATA-SF1186B-2 Datasheet
417Kb / 7P
   Designed for Front-end GPS Applications
More results

Similar Description - SF1186B-2

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857140 TRIQUINT-857140_15 Datasheet
360Kb / 6P
   1575.42 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1185A TAI-SAW-TA1185A Datasheet
365Kb / 6P
   SAW Filter 1575.42 MHz
logo
RF Monolithics, Inc
SF1186B-3 RFM-SF1186B-3 Datasheet
573Kb / 5P
   1575.42 MHz SAW Filter
SF1186K-2 RFM-SF1186K-2 Datasheet
472Kb / 5P
   1575.42 MHz SAW Filter
logo
TriQuint Semiconductor
856217 TRIQUINT-856217 Datasheet
490Kb / 5P
   1575.42 MHz SAW Filter
855969 TRIQUINT-855969_15 Datasheet
540Kb / 5P
   1575.42 MHz SAW Filter
856793 TRIQUINT-856793_15 Datasheet
318Kb / 5P
   1575.42 MHz SAW Filter
856039 TRIQUINT-856039_15 Datasheet
350Kb / 5P
   1575.42 MHz SAW Filter
856326 TRIQUINT-856326 Datasheet
443Kb / 5P
   1575.42 MHz SAW Filter
logo
EPCOS
B9415 EPCOS-B9415 Datasheet
90Kb / 8P
   SAW filter 1575.42 MHz
logo
TriQuint Semiconductor
856756 TRIQUINT-856756 Datasheet
383Kb / 5P
   1575.42 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com