Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1174B Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # SF1174B
Description  374.00 MHz SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF1174B Datasheet(HTML) 2 Page - RF Monolithics, Inc

  SF1174B Datasheet HTML 1Page - RF Monolithics, Inc SF1174B Datasheet HTML 2Page - RF Monolithics, Inc SF1174B Datasheet HTML 3Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
374.00 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 2 of 3
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF1174B 532-1174-001 121604 RevA
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
4.8
5.0
5.2
0.1968
B
4.8
5.0
5.2
0.1968
C
1.7
0.0669
D
2.08
0.0818
E
1.17
0.046
F
0.64
0.0252
G
2.39
2.54
2.69
0.100
Connection
Terminals
Port 1
Differential Input
2,3
Port 2
Differential Output
6,7
Ground
All others
Single Ended Operation
Return is ground
Differential Operation
Return is hot
Dot indicates Pin 1
8-Terminal Ceramic Surface-Mount Case
5.0 X 5.0 mm Nominal Footprint
SM5050-8 Case
Electrical Connections
Case Dimensions
TOP VIEW
BOTTOM VIEW
A
1
2
3
B
7
6
5
4
C
D 7
6
5
4
E
F
G
1
2
3
8
8
Materials
Solder Pad
Termination
Au plating 30 - 60 uInches (76.2-152 uM) over 80-
200 uInches (203-508 uM) Ni.
Lid
Fe-Ni-Co Alloy Electroless Nickel Plate (8-11%
Phosphorus) 100-200 uInches Thick
Body
Al2O3 Ceramic
Pb Free


Similar Part No. - SF1174B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF1174B MURATA-SF1174B Datasheet
346Kb / 3P
   374.0 MHz SAW Filter
More results

Similar Description - SF1174B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SF5404 ETC-SF5404 Datasheet
103Kb / 2P
   374.00 MHz SAW Filter
logo
Vanlong Technology Co.,...
SF5404 VANLONG-SF5404 Datasheet
109Kb / 2P
   374.00 MHz SAW Filter
logo
RF Monolithics, Inc
SF1174D RFM-SF1174D Datasheet
166Kb / 5P
   374.00 MHz SAW Filter
logo
Vanlong Technology Co.,...
SF374 VANLONG-SF374 Datasheet
92Kb / 2P
   374.00 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com