Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1091A Datasheet(PDF) 4 Page - RF Monolithics, Inc

Part # SF1091A
Description  211 MHz SAW Filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF1091A Datasheet(HTML) 4 Page - RF Monolithics, Inc

  SF1091A Datasheet HTML 1Page - RF Monolithics, Inc SF1091A Datasheet HTML 2Page - RF Monolithics, Inc SF1091A Datasheet HTML 3Page - RF Monolithics, Inc SF1091A Datasheet HTML 4Page - RF Monolithics, Inc SF1091A Datasheet HTML 5Page - RF Monolithics, Inc SF1091A Datasheet HTML 6Page - RF Monolithics, Inc SF1091A Datasheet HTML 7Page - RF Monolithics, Inc SF1091A Datasheet HTML 8Page - RF Monolithics, Inc SF1091A Datasheet HTML 9Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
211 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 4 of 9
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF1091A-100605
COVER TAPE SIZE
KO
COVER TAPE
0.32 mm ±0.3
2.15 mm ±0.2
W
(CARRIER TAPE SIZE)
AO
BO
P
(PITCH)
1.5 mm +0.1
-0.0
4.0 mm ±0.1
2.0 mm ±0.1
1.75 mm ±0.1
7.5 mm ±0.1
1.5 mm +0.3
-0.0
PIN #1
USER DIRECTION OF FEED
COMPONENT ORIENTATION and DIMENSIONS
Carrier Tape Dimensions
Ao
7.0 mm
±0.1
Bo
13.8 mm
±0.1
Ko
2.2 mm
±0.1
Pitch
12.0 mm
±0.1
W
24.0 mm
±0.3
11.5 mm ±0.1


Similar Part No. - SF1091A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF1091A MURATA-SF1091A Datasheet
84Kb / 4P
   211 MHz SAW Filter
More results

Similar Description - SF1091A

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856378 TRIQUINT-856378_15 Datasheet
455Kb / 5P
   211 MHz SAW Filter
855444 TRIQUINT-855444_15 Datasheet
422Kb / 6P
   211 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1091A MURATA-SF1091A Datasheet
84Kb / 4P
   211 MHz SAW Filter
logo
TriQuint Semiconductor
855444 TRIQUINT-855444 Datasheet
57Kb / 1P
   211 MHz Bandpass Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com