Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


UTC6650 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part No. UTC6650
Description  MOTOR SPEED CONTROL CIRCUIT
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINEAR [Linear Integrated Systems]
Homepage  http://www.linearsystems.com
Logo 

   
 2 page
background image
UTC6650
LINEAR INTEGRATED CIRCUIT
YOUW ANG ELECTRONICS CO.LTD
2
ABSOLUTE MAXIMUM RATINGS(Ta=25°C)
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
7.5
V
Terminal Voltage
Vn(n=1,2,3,4)
-0.5~7.5
V
Terminal 8 Voltage
V8
-0.5~1
V
Supply Current
Icc
1000
mA
Terminal 7 Current
I7
1000
mA
Power Dissipation
PD
750
mW
Operating Temperature
Topr
-20
 +70
°C
Storage Temperature
Tstg
-40
 +150
°C
ELECTRICAL CHARACTERISTICS
(Ta=25°C,VCC=6V,f=1kHz,unless otherwise specified)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Units
Test
circuit
Quiescent Circuit Current
ICC
VCC=3V
2
3
mA
1
Reference Voltage
VREF
VCC=3V
R2-1>10k
1.20
1.28
1.35
V
4
Start Voltage
VCC(S)
30mA current flow to Ra
1.0
1.2
V
2
Saturation Voltage
VSAT
VCC=1.8V,Ra=4.7
0.2
0.5
V
2
Reference Voltage
Characteristics


VREF
VREF
VCC
VCC=1.8V~7.0V
-1.25
0.1
1.25
%/V
1
Output Voltage
Characteristics


VA
VA
VCC
VCC=1.8V~7.0V
-1.2
0.1
1.2
%/V
3
Reference Voltage Current
Characteristics


VREF
VREF
I7
I7=1mA~20mA
-0.2
0.01
0.2
%/mA
4
Reference Voltage
Temperature Characteristics


VREF
VREF
TA
TA=-20~+60
°C VCC=3.0V
0.01
%/
°C
4




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5341Brushless DC motor and VCM drive circuit with speed control 1 2 3 4 5 MoreNXP Semiconductors
UTCAN6650MOTOR SPEED CONTROL CIRCUIT 1 2 3 Unisonic Technologies
UTCAN6651MOTOR SPEED CONTROL CIRCUIT 1 2 3 Unisonic Technologies
UTC6651MOTOR SPEED CONTROL CIRCUIT 1 2 List of Unclassifed Manufacturers
UA7392DC MOTOR SPEED CONTROL CIRCUIT 1 2 3 4 5 MoreFairchild Semiconductor
UA7391DC MOTOR SPEED CONTROL CIRCUIT 1 2 3 4 5 MoreFairchild Semiconductor
M51971LMOTOR SPEED CONTROL 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
LB1877MBrushless Motor Driver with Speed Control for Portable Cassette Recorders 1 2 3 4 5 MoreSanyo Semicon Device
LB1877VBrushless Motor Driver with Speed Control for Portable Cassette Recorders 1 2 3 4 5 MoreSanyo Semicon Device
NTE7089Integrated Circuit Motor Control Circuit 1 2 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl