Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4255BM-MFN Datasheet(PDF) 9 Page - ATMEL Corporation

Part # U4255BM-MFN
Description  AM / FM RECEIVER IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4255BM-MFN Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button U4255BM-MFN Datasheet HTML 5Page - ATMEL Corporation U4255BM-MFN Datasheet HTML 6Page - ATMEL Corporation U4255BM-MFN Datasheet HTML 7Page - ATMEL Corporation U4255BM-MFN Datasheet HTML 8Page - ATMEL Corporation U4255BM-MFN Datasheet HTML 9Page - ATMEL Corporation U4255BM-MFN Datasheet HTML 10Page - ATMEL Corporation U4255BM-MFN Datasheet HTML 11Page - ATMEL Corporation U4255BM-MFN Datasheet HTML 12Page - ATMEL Corporation U4255BM-MFN Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
U4255BM-M
4519C–AUDR–07/02
Table 14. FM Band Filter Center Frequency Correction
Integrated FM Band Filter For FM reception a band filter with variable bandwidth is integrated in front of the
demodulator to provide channel selectivity on the 2nd IF. The bandwidth of this filter can
be adjusted by Bit 0 to 3 (see Table 15) to be suitable for the present receiving condi-
tion. In WB mode, the bandwidth of the integrated filter is shifted to lower bandwidth
values, while the necessary channel selectivity is achieved by an external ceramic filter.
The center frequency of the integrated FM band filter can be adjusted by means of
Bit 14 to 17 (Bit 4 set to 1). The field strength after the integrated FM band filter that is
available at Pin 20 (Bit55 = 1) can be used for this purpose.
Table 15. Bandwidth of the Integrated FM Band Filter.
IF Correction
Bit 17
Bit 16
Bit 15
Bit 14
- 0 kHz
000
0
- 6.25 kHz
000
1
- 12.50 kHz
0
0
1
0
- 18.75 kHz
0
0
1
1
- 25.00 kHz
0
1
0
0
- 31.25 kHz
0
1
0
1
- 37.50 kHz
0
1
1
0
- 43.75 kHz
0
1
1
1
+ 0 kHz (default)
1
0
0
0
+ 6.25 kHz
100
1
+ 12.50 kHz
101
0
+ 18.75 kHz
101
1
+ 25.00 kHz
110
0
+ 31.25 kHz
110
1
+ 37.50 kHz
111
0
+ 43.75 kHz
111
1
IF Bandwidth
Bit 3
Bit 2
Bit 1
Bit 0
200 kHz
0
0
0
0
190 kHz
0
0
0
1
180 kHz
0
0
1
0
170 kHz
0
0
1
1
160 kHz
0
1
0
0
150 kHz
0
1
0
1
140 kHz
0
1
1
0
130 kHz
0
1
1
1
120 kHz
1
0
0
0
110 kHz
1
0
0
1
100 kHz
1
0
1
0
90 kHz
1
0
1
1
80 kHz
1
1
0
0
70 kHz
1
1
0
1
60 kHz
1
1
1
0
50 kHz
1
1
1
1


Similar Part No. - U4255BM-MFN

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
U425 CALOGIC-U425 Datasheet
28Kb / 2P
   N-Channel Dual JFET
logo
Micross Components
U425 MICROSS-U425 Datasheet
276Kb / 1P
   Linear Systems replaces discontinued Siliconix U425
logo
Linear Integrated Syste...
U425 LINEAR-U425 Datasheet
180Kb / 2P
   LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL
logo
TEMIC Semiconductors
U4254BM TEMIC-U4254BM Datasheet
167Kb / 12P
   Low-Noise AM/FM Antenna Impedance Matching IC
U4254BM-AFP TEMIC-U4254BM-AFP Datasheet
167Kb / 12P
   Low-Noise AM/FM Antenna Impedance Matching IC
More results

Similar Description - U4255BM-MFN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR4258 ATMEL-ATR4258_05 Datasheet
665Kb / 38P
   AM/FM Receiver IC
T4258 ATMEL-T4258 Datasheet
144Kb / 17P
   AM/FM Receiver IC
ATR4258 ATMEL-ATR4258 Datasheet
414Kb / 38P
   AM/FM RECEIVER IC
ATR4255 ATMEL-ATR4255 Datasheet
373Kb / 32P
   AM/FM RECEIVER IC
logo
Silan Microelectronics ...
SA2003 SILAN-SA2003 Datasheet
206Kb / 7P
   AM/FM RADIO RECEIVER
logo
Integral Corp.
ILA1238NS INTEGRAL-ILA1238NS Datasheet
234Kb / 8P
   AM/FM MONO RECEIVER
logo
Silan Microelectronics ...
SA2132 SILAN-SA2132 Datasheet
133Kb / 7P
   AM/FM RADIO RECEIVER
logo
Micro Analog systems
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
   AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
   AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
   AM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com