Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC962308D-4R2 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MPC962308D-4R2
Description  3.3 V Zero Delay Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC962308D-4R2 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MPC962308D-4R2 Datasheet HTML 2Page - Motorola, Inc MPC962308D-4R2 Datasheet HTML 3Page - Motorola, Inc MPC962308D-4R2 Datasheet HTML 4Page - Motorola, Inc MPC962308D-4R2 Datasheet HTML 5Page - Motorola, Inc MPC962308D-4R2 Datasheet HTML 6Page - Motorola, Inc MPC962308D-4R2 Datasheet HTML 7Page - Motorola, Inc MPC962308D-4R2 Datasheet HTML 8Page - Motorola, Inc MPC962308D-4R2 Datasheet HTML 9Page - Motorola, Inc MPC962308D-4R2 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MPC962308
TIMING SOLUTIONS
6
MOTOROLA
APPLICATIONS INFORMATION
Figure 1. Output-to-Output Skew tSK(O)
Figure 2. Static Phase Offset Test Reference
Figure 3. Output Duty Cycle (DC)
VCC
VCC ÷ 2
GND
VCC
VCC ÷ 2
GND
t6
CCLK
FB_IN
The pin-to-pin skew is defined as the worst case difference in propagation
delay between any similar delay path within a single device
VCC
1.4 V
GND
VCC
1.4 V
GND
t5
The time from the PLL controlled edge to the non-controlled
edge, divided by the time between PLL controlled edges,
expressed as a percentage
VCC
1.4 V
GND
t2
t1
DC = t2/t1 x 100%
Figure 5. Cycle-to-Cycle Jitter
t4
t3
VCC = 3.3 V
2.0
0.8
Figure 6. Output Transition Time Test Reference
The variation in cycle time of a signal between adjacent cycles,
over a random sample of adjacent cycle pairs
tN
tJ = |tN–tN+1|
tN+1
Figure 4. Device-to-Device Skew
VCC
VCC ÷ 2
GND
VCC
VCC ÷ 2
GND
t7
DEVICE 1
DEVICE 2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC962308D-4R2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC962308 RENESAS-MPC962308 Datasheet
677Kb / 13P
   3.3 V Zero Delay Buffer
2019
More results

Similar Description - MPC962308D-4R2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_11 Datasheet
466Kb / 14P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2304A ONSEMI-ASM5P2304A Datasheet
119Kb / 8P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM5P2304A ALSC-ASM5P2304A Datasheet
300Kb / 15P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_13 Datasheet
504Kb / 17P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2305A ONSEMI-ASM5P2305A Datasheet
144Kb / 12P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 4
logo
Cypress Semiconductor
CY2308 CYPRESS-CY2308_12 Datasheet
604Kb / 18P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2308A ONSEMI-ASM5P2308A Datasheet
144Kb / 11P
   3.3 V Zero-Delay Buffer
August, 2011 ??Rev. 3
logo
Renesas Technology Corp
MPC962308 RENESAS-MPC962308 Datasheet
677Kb / 13P
   3.3 V Zero Delay Buffer
2019
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com