Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1056A Datasheet(PDF) 3 Page - RF Monolithics, Inc

Part # SF1056A
Description  110.592 MHz SAW Filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF1056A Datasheet(HTML) 3 Page - RF Monolithics, Inc

  SF1056A Datasheet HTML 1Page - RF Monolithics, Inc SF1056A Datasheet HTML 2Page - RF Monolithics, Inc SF1056A Datasheet HTML 3Page - RF Monolithics, Inc SF1056A Datasheet HTML 4Page - RF Monolithics, Inc SF1056A Datasheet HTML 5Page - RF Monolithics, Inc SF1056A Datasheet HTML 6Page - RF Monolithics, Inc SF1056A Datasheet HTML 7Page - RF Monolithics, Inc SF1056A Datasheet HTML 8Page - RF Monolithics, Inc SF1056A Datasheet HTML 9Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
110.592 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF1056A 112904
Tape and Reel Specifications
Quantity Per Reel
100 Min
1000 Max
USER DIRECTION OF FEED
COMPONENT ORIENTATION and DIMENSIONS
Carrier Tape Dimensions
Ao
7.0 mm
Bo
13.8 mm
Ko
2.0 mm
Pitch
12.0 mm
W
24.0 mm
PIN #1
See Detail "A"
2.0
12.0
21.0
24.4


Similar Part No. - SF1056A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF1056A MURATA-SF1056A Datasheet
232Kb / 7P
   110.592 MHz SAW Filter
More results

Similar Description - SF1056A

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SF110N VANLONG-SF110N Datasheet
99Kb / 2P
   110.592 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1056A MURATA-SF1056A Datasheet
232Kb / 7P
   110.592 MHz SAW Filter
SF1056B MURATA-SF1056B Datasheet
826Kb / 5P
   110.592 MHz SAW Filter
logo
Abracon Corporation
AFS110.592W01-TD01 ABRACON-AFS110.592W01-TD01 Datasheet
917Kb / 2P
   110.592 MHz SAW Filter
09.29.11
logo
TriQuint Semiconductor
855659 TRIQUINT-855659_15 Datasheet
423Kb / 5P
   110.592 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0197A TAI-SAW-TB0197A Datasheet
171Kb / 4P
   IF SAW Filter 110.592 MHz
logo
API Technologies Corp
SF0111BA02639S APITECH-SF0111BA02639S Datasheet
175Kb / 4P
   110.592 MHz SAW Filter 1.44 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0603A TAI-SAW-TB0603A Datasheet
277Kb / 7P
   IF SAW Filter 110.592 MHz (SMD 7.0mmX5.0mm)
TB1369A TAI-SAW-TB1369A Datasheet
402Kb / 7P
   110.592 MHz 300kHz BW SMD 13.3 x 6.5 mm SAW IF Filter
logo
TriQuint Semiconductor
855659 TRIQUINT-855659 Datasheet
60Kb / 1P
   110.592 Low-Loss Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com