Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC962308D-3R2 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC962308D-3R2
Description  3.3 V Zero Delay Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC962308D-3R2 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC962308D-3R2 Datasheet HTML 1Page - Motorola, Inc MPC962308D-3R2 Datasheet HTML 2Page - Motorola, Inc MPC962308D-3R2 Datasheet HTML 3Page - Motorola, Inc MPC962308D-3R2 Datasheet HTML 4Page - Motorola, Inc MPC962308D-3R2 Datasheet HTML 5Page - Motorola, Inc MPC962308D-3R2 Datasheet HTML 6Page - Motorola, Inc MPC962308D-3R2 Datasheet HTML 7Page - Motorola, Inc MPC962308D-3R2 Datasheet HTML 8Page - Motorola, Inc MPC962308D-3R2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Motorola, Inc. 2004
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order number: MPC962308
Rev 3, 08/2004
3.3 V Zero Delay Buffer
The MPC962308 is a 3.3 V Zero Delay Buffer designed to distribute
high-speed clocks in PC, workstation, datacom, telecom and other
high-performance applications. The MPC962308 uses an internal PLL and an
external feedback path to lock its low-skew clock output phase to the reference
clock phase, providing virtually zero propagation delay. The input-to-output
skew is guaranteed to be less than 250 ps and output-to-output skew is
guaranteed to be less than 200 ps.
Features
1:8 outputs LVCMOS zero-delay buffer
Zero input-output propagation delay, adjustable by the capacitive load on
FBK input
Multiple Configurations, see Table 2. Available MPC962308
Configurations
Multiple low-skew outputs
200 ps max output-output skew
700 ps max device-device skew
Two banks of four outputs, output tristate control by two select inputs
Supports a clock I/O frequency range of 10 MHz to 133 MHz
Low jitter, 200 ps max cycle-cycle (-1, -1H, -4, -5H)
±250 ps static phase offset (SPO)
16-pin SOIC package or 16-pin TSSOP package
Single 3.3 V supply
Ambient temperature range: –40
°C to +85°C
Compatible with the CY2308 and CY23S08
Spread spectrum compatible
Functional Description
The MPC962308 has two banks of four outputs each which can be controlled by the select inputs as shown in Table 1. Select
Input Decoding. Bank B can be tristated if all of the outputs are not required. The select inputs also allow the input clock to be directly
applied to the output for chip and system testing purposes. The MPC962308 PLL enters a power down state when there are no rising
edges on the REF input. During this state, all of the outputs are in tristate and there is less than 50
µA of current draw. The PLL shuts
down in two additional cases explained in Table 1. Select Input Decoding.
Multiple MPC962308 devices can accept and distribute the same input clock throughout the system. In this situation, the difference
between the output skews of two devices will be less than 700 ps.
The MPC962308 is available in five different configurations as shown in Table 2. Available MPC962308 Configurations. In the
MPC962308-1, the reference frequency is reproduced by the PLL and provided at the outputs. A high drive version of this configura-
tion, the MPC962308-1H, is available to provide faster rise and fall times of the device.
The MPC962308-2 provides 2X and 1X the reference frequency at the output banks. In addition, the MPC962308-3 provides 4X
and 2X the reference frequency at the output banks. The output banks driving the feedback will determine the different configurations
of the above devices. The MPC962308-4 provides outputs 2X the reference frequency.The MPC962308-5H is a high drive version
with outputs of REF/2.
The MPC962308 is fully 3.3 V compatible and requires no external components for the internal PLL. All inputs accept LVCMOS
signals while the outputs provide LVCMOS compatible levels with the capability to drive terminated 50
Ω transmission lines on the
incident edge. Depending on the configuration, the device is offered in a 16-lead SOIC or 16-lead TSSOP package.
MPC962308
DT SUFFIX
16-LEAD TSSOP PACKAGE
CASE 948F-01
D SUFFIX
16-LEAD SOIC PACKAGE
CASE 751B-05
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC962308D-3R2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC962308 RENESAS-MPC962308 Datasheet
677Kb / 13P
   3.3 V Zero Delay Buffer
2019
More results

Similar Description - MPC962308D-3R2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_11 Datasheet
466Kb / 14P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2304A ONSEMI-ASM5P2304A Datasheet
119Kb / 8P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM5P2304A ALSC-ASM5P2304A Datasheet
300Kb / 15P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_13 Datasheet
504Kb / 17P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2305A ONSEMI-ASM5P2305A Datasheet
144Kb / 12P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 4
logo
Cypress Semiconductor
CY2308 CYPRESS-CY2308_12 Datasheet
604Kb / 18P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2308A ONSEMI-ASM5P2308A Datasheet
144Kb / 11P
   3.3 V Zero-Delay Buffer
August, 2011 ??Rev. 3
logo
Renesas Technology Corp
MPC962308 RENESAS-MPC962308 Datasheet
677Kb / 13P
   3.3 V Zero Delay Buffer
2019
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com