Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLGSSTVF16859 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SLGSSTVF16859
Description  DDR 13 to 26 Bit Registered Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SLGSSTVF16859 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SLGSSTVF16859 Datasheet HTML 1Page - List of Unclassifed Manufacturers SLGSSTVF16859 Datasheet HTML 2Page - List of Unclassifed Manufacturers SLGSSTVF16859 Datasheet HTML 3Page - List of Unclassifed Manufacturers SLGSSTVF16859 Datasheet HTML 4Page - List of Unclassifed Manufacturers SLGSSTVF16859 Datasheet HTML 5Page - List of Unclassifed Manufacturers SLGSSTVF16859 Datasheet HTML 6Page - List of Unclassifed Manufacturers SLGSSTVF16859 Datasheet HTML 7Page - List of Unclassifed Manufacturers SLGSSTVF16859 Datasheet HTML 8Page - List of Unclassifed Manufacturers SLGSSTVF16859 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Silego Technology Inc.
(408) 327-8800
SLGSSTVF16859H/V
3
PRELIMINARY
Data is subject to change.
May 28, 2003
General Description
The 14-bit SLGSSTVF16859 is a registered buffer designed for 2.3V to 2.7V VDD operating range. Inputs are
SSTL_2 levels, except for the LVCMOS RESET input.
Data propagation from D to Q is controlled by the differential clock (CLK/CLK) and a control signal (RESET). The
rising edge of CLK (crossing with CLK falling) is used to register the Data.
RESET, an LVCMOS asynchronous signal, is intended for use at the time of power-up. RESET must be held at a
logic “Low” level during power up. This ensures defined outputs before a stable CLK/CLK is supplied.
The SLGSSTVF16859 supports low-power standby operation. Setting RESET pin to a logic “low” disables (CLK/
CLK) receivers, and allows floating inputs to all other receivers as well (D, VREF , CLK/CLK). Additionally, all inter-
nal registers are reset, and outputs (Q) are set “low”. RESET input pin must always be driven to a valid logic state
“high” or “low”.
SLGSSTVF16859H Pin Description:
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1,17,2,19,3,20,4,
21,5,22,8,23,9,24,
10,25,11,28,12,
29,13,30,14,31,
16,32
QA/B (13:1)
OUTPUT
Q-Outputs
7,15,26,34,39,
43,50,58,63
GND
POWER
Ground
6,18,27,33,38,
47,59,64
VDDQ
POWER
Output supply voltage
62,61,57,56,55,
53,52,44,42,41,
40,36,35
D (13:1)
INPUT
D-Inputs
48
CLK
INPUT
Positive clock input
49
CLK
INPUT
Negative clock input
37, 46
VDD
POWER
Core supply voltage
51
RESET
INPUT
Reset (active low)
45
VREF
INPUT
Input reference voltage


Similar Part No. - SLGSSTVF16859

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLGSSTU32864 ETC-SLGSSTU32864 Datasheet
206Kb / 11P
   DDR2 Configurable Registered Buffer
SLGSSTU32864E ETC-SLGSSTU32864E Datasheet
206Kb / 11P
   DDR2 Configurable Registered Buffer
SLGSSTU32864EX ETC-SLGSSTU32864EX Datasheet
206Kb / 11P
   DDR2 Configurable Registered Buffer
SLGSSTU32864EX-TR ETC-SLGSSTU32864EX-TR Datasheet
206Kb / 11P
   DDR2 Configurable Registered Buffer
More results

Similar Description - SLGSSTVF16859

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICSSSTVA16859B ICST-ICSSSTVA16859B Datasheet
130Kb / 11P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Device Techn...
ICSSSTVA16859C IDT-ICSSSTVA16859C Datasheet
293Kb / 10P
   DDR 13-Bit to 26-Bit Registered Buffer
ICSSSTVF16859B IDT-ICSSSTVF16859B Datasheet
114Kb / 10P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Alliance Semiconductor ...
ASM4SSTVF16859 ALSC-ASM4SSTVF16859 Datasheet
162Kb / 16P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICSSSTVF16859 ICST-ICSSSTVF16859 Datasheet
187Kb / 10P
   DDR 13-Bit to 26-Bit Registered Buffer
ICSSSTV16859 ICST-ICSSSTV16859 Datasheet
233Kb / 8P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Renesas Technology Corp
ICSSSTVF16859B RENESAS-ICSSSTVF16859B Datasheet
349Kb / 11P
   DDR 13-Bit to 26-Bit Registered Buffer
2019
logo
Integrated Circuit Syst...
ICS16859C ICST-ICS16859C Datasheet
95Kb / 8P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Alliance Semiconductor ...
AS80SSTVF16859 ALSC-AS80SSTVF16859 Datasheet
122Kb / 13P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICS16859 ICST-ICS16859 Datasheet
97Kb / 8P
   DDR 13-Bit to 26-Bit Registered Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com