Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNB40-400PT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CYNB40-400PT
Description  40Amp - 400/600/800/1000V - SCR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CYNB40-400PT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CYNB40-400PT Datasheet HTML 1Page - List of Unclassifed Manufacturers CYNB40-400PT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO9001 Certified
POWER COMPONENTS
Absolute Maximum Ratings
CONDITIONS
SYMBOL
RATING
RMS On-State Current (full sine wave)
Tc = 90
˚C
TO-220AB
IT(RMS)
40A
Average On-State Current
TO-220AB
IT(AV)
25A
Non Repetitive Surge Peak On-State Current
F = 50 Hz
530A
(Full Cycle, Tj Initial = 25
˚C)
F = 60 Hz
ITSM
550A
I2t Value for fusing
tp = 10 ms
I2t
1260A2s
Critical rate of rise of on-state current
IG=2 x IGT , tr<100 ns, Tj = 125˚C
di/dt
100A/µs
Peak Gate Current @ Tj = 125
˚C
tp = 20 µs
IGM
4A
Average Gate Power Dissipation @ Tj = 125
˚C
PG(AV)
1W
Storage Temperature Range
Tstg
-40 to +150
˚C
Operating Junction Temperature Range
Tj
-40 to +125
˚C
Maximum Peak Reverse Gate Voltage
VRGM
5V
Electrical Characteristics NOTE 1
IGT MAX @ VD =12 V, RL = 30
35mA
VGT MAX @ VD =12 V, RL = 30
1.3V
VGD MIN @ VD =VDRM, RL = 3.3k
Tj = 125
˚C
0.2V
IH MAX @ IT = 500 mA (gate open)
50mA
IL MAX @ IG = 1.2 IGT
90mA
dv/dt MIN @ VD = 67%VDRM (gate open)
Tj = 125˚C
1000V/µs
VTM MAX @ ITM =56 A, tp = 380µs
Tj = 25˚C
1.6V
IDRM MAX @ VDRM = VRRM
Tj = 25˚C
5µA
IRRM MAX @ VDRM = VRRM
Tj = 125˚C
4mA
> Suitable for General Purpose AC Switching
> IGT 35mA Max.
> VDRM/VRMM 400, 600, 800, 1000V
Applications
• Motor Control
• Overvoltage Crowbar Protection
• Capacitive Discharge Ignition
• Voltage Regulation
• Welding Equipment
• Capacitive Filter Soft Start
(Inrush Current Control)
GENERAL NOTES
1. All parameters at 25 degrees C unless otherwise specified.
CYNB40
40Amp - 400/600/800/1000V - SCR
Tc = 90
°C
G
A
K
TO-220AB Non-Isolated
(CYNB40)
G
A
A
K
A8
CYNB40
600


Similar Part No. - CYNB40-400PT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYNB25-1000 ETC1-CYNB25-1000 Datasheet
199Kb / 2P
   25Amp - 400/600/800/1000V - SCR
CYNB25-1000PT ETC1-CYNB25-1000PT Datasheet
199Kb / 2P
   25Amp - 400/600/800/1000V - SCR
CYNB25-400 ETC1-CYNB25-400 Datasheet
199Kb / 2P
   25Amp - 400/600/800/1000V - SCR
CYNB25-400PT ETC1-CYNB25-400PT Datasheet
199Kb / 2P
   25Amp - 400/600/800/1000V - SCR
CYNB25-600 ETC1-CYNB25-600 Datasheet
199Kb / 2P
   25Amp - 400/600/800/1000V - SCR
More results

Similar Description - CYNB40-400PT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYNB55 ETC1-CYNB55 Datasheet
223Kb / 2P
   55Amp - 400/600/800/1000V - SCR
CYNA25 ETC1-CYNA25 Datasheet
199Kb / 2P
   25Amp - 400/600/800/1000V - SCR
CTA24 ETC1-CTA24 Datasheet
235Kb / 2P
   24Amp - 400/600/800/1000V - TRIAC
CTA08 ETC1-CTA08 Datasheet
206Kb / 2P
   8Amp - 400/600/800/1000V - TRIAC
CTA06 ETC1-CTA06 Datasheet
208Kb / 2P
   6Amp - 400/600/800/1000V - TRIAC
CTA16 ETC1-CTA16 Datasheet
209Kb / 2P
   16Amp - 400/600/800/1000V - TRIAC
CTB40 ETC1-CTB40 Datasheet
257Kb / 2P
   High Temperature 150째C Series 40Amp - 400/600/800V - TRIAC
CRNA20 ETC1-CRNA20 Datasheet
107Kb / 2P
   20Amp - 400/600/800/1200V - RECTIFIER
logo
Central Semiconductor C...
CS89M CENTRAL-CS89M Datasheet
74Kb / 2P
   0.8 AMP SCR 600 THRU 800 VOLTS
logo
List of Unclassifed Man...
CRNA15 ETC1-CRNA15 Datasheet
107Kb / 2P
   15Amp - 400/600/800/1200V - RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com