Part Name
         Description
MAX3421E

 USB Peripheral/Host Controller with SPI Interface ( 29 Page)


MAXIM
100% 
Zoom Out Zoom In
 
 2 page
background image
Features in Host Operation
♦ Eleven Registers (R21–R31) are Added to the
MAX3420E Register Set to Control Host Operation
♦ Host Controller Operates at Full Speed or Low
Speed
♦ FIFOS
SNDFIFO: Send FIFO, Double-Buffered 64-Byte
RCVFIFO: Receive FIFO, Double-Buffered 64-Byte
♦ Handles DATA0/DATA1 Toggle Generation and
Checking
♦ Performs Error Checking for All Transfers
♦ Automatically Generates SOF (Full-Speed)/EOP
(Low-Speed) at 1ms Intervals
♦ Automatically Synchronizes Host Transfers with
Beginning of Frame (SOF/EOP)
♦ Reports Results of Host Requests
♦ Supports USB Hubs
♦ Supports ISOCHRONOUS Transfers
♦ Simple Programming
SIE Automatically Generates Periodic SOF
(Full-Speed) or EOP (Low-Speed) Frame
Markers
SPI Master Loads Data, Sets Function Address,
Endpoint, and Transfer Type, and Initiates the
Transfer
MAX3421E Responds with an Interrupt and
Result Code Indicating Peripheral Response
Transfer Request Can be Loaded Any Time
SIE Synchronizes with Frame Markers
For Multipacket Transfers, the SIE
Automatically Maintains and Checks the
Data Toggles
Features in Peripheral Operation
♦ Built-In Endpoint FIFOS
EP0: CONTROL (64 bytes)
EP1: OUT, Bulk or Interrupt, 2 x 64 Bytes
(Double-Buffered)
EP2: IN, Bulk or Interrupt, 2 x 64 Bytes (Double-
Buffered)
EP3: IN, Bulk or Interrupt (64 Bytes)
♦ Double-Buffered Data Endpoints Increase
Throughput by Allowing the SPI Master to
Transfer Data Concurrent with USB Transfers
♦ SETUP Data Has its Own 8-Byte FIFO, Simplifying
Firmware
USB Peripheral/Host Controller
with SPI Interface
2
_______________________________________________________________________________________
The MAX3421E connects to any microprocessor (µP)
using 3 or 4 interface pins (Figure 1). On a simple
microprocessor without SPI hardware, these can be
bit-banged general-purpose I/O pins. Eight GPIN and
eight GPOUT pins on the MAX3421E more than
replace the µP pins necessary to implement the inter-
face. Although the MAX3421E SPI hardware includes
separate data-in (MOSI, master-out, slave-in) and data-
out (MISO, master-in, slave-out) pins, the SPI interface
can also be configured for the MOSI pin to carry bidi-
rectional data, saving an interface pin. This is referred
to as half-duplex mode.
Typical Application Circuits
3.3V
REGULATOR
SPI
3, 4
INT
USB
µP
MAX3421E
Figure 1. The MAX3421E Connects to Any Microprocessor
Using 3 or 4 Interface Pins



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX3420EUSB Peripheral Controller with SPI Interface 1 2 3 4 5 MoreMaxim Integrated Products
AT76C505A802.11b Media Access Controller MAC and Baseband with USB Interface 1 2 3 ATMEL Corporation
LP3942The Dual RGB LED Controller with 1.5x/2x Charge Pump and SPI Interface 1 2 3 4 5 MoreNational Semiconductor
LPC47M14X128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB 1 2 3 4 5 MoreSMSC Corporation
OTI-6888USB 1.1 USB Host with MP3 Interface Controller 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MCP2510Stand-Alone CAN Controller with SPI Interface 1 2 3 4 5 MoreMicrochip Technology
47N350LEGACY FREE KEYBOARD EMBEDDED CONTROLLER WITH SPI AND LPC DOCKING INTERFACE 1 2 3 4 5 MoreSMSC Corporation
AT76C505802.11b Media Access Controller MAC and Baseband with USB Interface 1 2 3 ATMEL Corporation
DP83936AVUL-20Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface 1 2 3 4 5 MoreNational Semiconductor
MCP32042.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface 1 2 3 4 5 MoreMicrochip Technology

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl