Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX5002 Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # RX5002
Description  418.00 MHz Hybrid Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RX5002 Datasheet(HTML) 2 Page - RF Monolithics, Inc

  RX5002 Datasheet HTML 1Page - RF Monolithics, Inc RX5002 Datasheet HTML 2Page - RF Monolithics, Inc RX5002 Datasheet HTML 3Page - RF Monolithics, Inc RX5002 Datasheet HTML 4Page - RF Monolithics, Inc RX5002 Datasheet HTML 5Page - RF Monolithics, Inc RX5002 Datasheet HTML 6Page - RF Monolithics, Inc RX5002 Datasheet HTML 7Page - RF Monolithics, Inc RX5002 Datasheet HTML 8Page - RF Monolithics, Inc RX5002 Datasheet HTML 9Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 2 of 10
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RX5002-062805
Electrical Characteristics (typical values given for 3.0 Vdc power supply, 25 °C)
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Receiver Out-of-Band Rejection, ±5% fo
R±5%
3
80
dB
Receiver Ultimate Rejection
RULT
3
100
dB
Sleep Mode Current
IS
0.7
µA
Power Supply Voltage Range
VCC
2.2
3.7
Vdc
Power Supply Voltage Ripple
10
mVP-P
Ambient Operating Temperature
TA
-40
85
°C
Notes:
1. Typical sensitivity data is based on a 10-3 bit error rate (BER), using DC-balanced data. There are two test methods commonly used to measure
OOK/ASK receiver sensitivity, the “100% AM” test method and the “Pulse” test method. Sensitivity data is given for both test methods. See Ap-
pendix 3.8 in the ASH Transceiver Designer’s Guide for the details of each test method, and for sensitivity curves for a 2.2 to 3.7 V supply voltage
range at five operating temperatures. The application/test circuit and component values are shown on the next page and in the Designer’s Guide.
2. At low data rates it is possible to adjust the ASH pulse generator to trade-off some receiver sensitivity for lower operating current. Sensitivity
data and receiver current are given at 2.4 kbps for both high sensitivity operation (RPR = 330 K) and low current operation (RPR = 1100 K).
3. Data is given with the ASH radio matched to a 50 ohm load. Matching component values are given on the next page.
4. See Table 1 on Page 8 for additional information on ASH radio event timing.
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
10.795
10.922
11.049
.425
.430
.435
B
9.525
9.652
9.779
.375
.380
.385
C
1.778
1.905
2.032
.070
.075
.080
D
3.048
3.175
3.302
.120
.125
.130
E
0.381
0.508
0.635
.015
.020
.025
F
0.889
1.016
1.143
.035
.040
.045
G
3.175
3.302
3.429
.125
.130
.135
H
1.778
1.905
2.032
.070
.075
0.80
3
4
5
6
7
9
11
12
13
14
15
16
17
19
ASH Transceiver Pin Out
RFIO
8
2
10
20
1
18
LPFADJ
RREF
THLD2
AGCCAP
PKDET
BBOUT
CMPIN
RXDATA
TXMOD
THLD1
PRATE
PWIDTH
GND1
VCC1
GND2
VCC2
GND3
CNTRL0
CNTRL1
SM-20L Package Drawing
C
D
E
F
G
A
B
H


Similar Part No. - RX5002

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
RX500 CAMDENBOSS-RX500 Datasheet
290Kb / 1P
   500 series small flanged ABS boxes
logo
NTE Electronics
RX500-12 NTE-RX500-12 Datasheet
47Kb / 8P
   ECG Cleaner/Lubricant
RX500-6 NTE-RX500-6 Datasheet
47Kb / 8P
   ECG Cleaner/Lubricant
logo
RF Monolithics, Inc
RX5000 RFM-RX5000 Datasheet
103Kb / 11P
   433.92 MHz Hybrid Receiver
logo
Murata Manufacturing Co...
RX5000 MURATA-RX5000 Datasheet
239Kb / 10P
   RFM products are now Murata products
More results

Similar Description - RX5002

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TR3002 MURATA-TR3002 Datasheet
415Kb / 12P
   418.00 MHz Hybrid Transceiver
logo
RF Monolithics, Inc
TR3002 RFM-TR3002 Datasheet
86Kb / 12P
   418.00 MHz Hybrid Transceiver
TX5002 RFM-TX5002 Datasheet
51Kb / 6P
   418.00 MHz Hybrid Transmitter
logo
Murata Manufacturing Co...
TR7002 MURATA-TR7002 Datasheet
202Kb / 15P
   418.00 MHz Hybrid Transceiver
logo
RF Monolithics, Inc
RX5001 RFM-RX5001 Datasheet
77Kb / 10P
   315.00 MHz Hybrid Receiver
RX5501 RFM-RX5501 Datasheet
67Kb / 10P
   315.00 MHz Hybrid Receiver
RX6001 RFM-RX6001 Datasheet
89Kb / 10P
   868.35 MHz Hybrid Receiver
RX5000 RFM-RX5000 Datasheet
103Kb / 11P
   433.92 MHz Hybrid Receiver
RX5003 RFM-RX5003 Datasheet
103Kb / 11P
   303.825 MHz Hybrid Receiver
RX6000 RFM-RX6000 Datasheet
75Kb / 10P
   916.50 MHz Hybrid Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com