Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP1032 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RP1032
Description  674.03 MHz SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RP1032 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RP1032 Datasheet HTML 1Page - RF Monolithics, Inc RP1032 Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-9148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RP1032-102699
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Frequency (+25°C)
Nominal Frequency
fC
2, 3, 4, 5,
673.930
674.130
MHz
Tolerance from 674.030 MHz
∆f
C
±100
kHz
Insertion Loss
IL
2, 5, 6
8.9
12.5
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
8,400
50
Ω Loaded Q
QL
5,400
Temperature Stability
Turnover Temperature
TO
6, 7, 8
58
73
88
°C
Turnover Frequency
fO
fC+58
kHz
Frequency Temp. Coefficient
FTC
0.037
ppm/°C2
Frequency Aging
Absolute Value during First Year
|fA|
1, 6
10
ppm/yr
DC Insulation Resistance between Any Two Pins
5
1.0
M
RF Equivalent RLC
Motional Resistance
RM
5, 6, 7, 9
180
322
Motional Inductance
LM
358.641
µH
Motional Capacitance
CM
0.155461
fF
Shunt Capacitance
CO
5, 6, 9
1.3
1.6
1.9
pF
Lid Symbolization (in addition to Lot and/or Date Codes)
RFM 1032-3
TO39-3 Case
Designed for 674 MHz CATV Local Oscillators
Nominal Insertion Phase Shift of 180° at Resonance
Quartz Stability
Rugged, Hermetic, Low-Profile TO39 Case
Complies with Directive 2002/95/EC (RoHS)
The RP1032 is a two-port, 180° surface-acoustic-wave (SAW) resonator in a low-profile TO39 case. It pro-
vides reliable, fundamental-mode, quartz frequency stabilization of fixed-frequency oscillators operating at or
near 674 MHz. Typical applications include the second LO in CATV set-top convertors with channel 3 output.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation (See: Typical Test Circuit.)
+5
dBm
DC Voltage Between Any Two Pins (Observe ESD Precautions)
±30
VDC
Case Temperature
-40 to +85
°C
674.03 MHz
SAW
Resonator
RP1032
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Frequency aging is the change in fC with time and is specified at +65°C or less. Aging may exceed the specification for prolonged temperatures above
+65°C. Typically, aging is greatest the first year after manufacture, decreasing significantly in subsequent years.
2.
The frequency fC is the frequency of minimum IL with the resonator in the specified test fixture in a 50 Ω test system with VSWR ≤ 1.2:1. Typically, fOS-
CILLATOR or fTRANSMITTER is less than the resonator fC.
3.
One or more of the following United States patents apply: 4,454,488; 4,616,197.
4.
Typically, equipment utilizing this device requires emissions testing and government approval, which is the responsibility of the equipment manufacturer.
5.
Unless noted otherwise, case temperature TC = +25°C± 5°C
6.
The design, manufacturing process, and specifications of this device are subject to change without notice.
7.
Derived mathematically from one or more of the following directly measured parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fO. The nominal frequency at any case temperature, TC, may be cal-
culated from: f = fO [1 - FTC (TO - TC)
2]. Typically, oscillator T
O is 20° less than the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the resonant frequency and is provided for reference only. The capacitance CO is
the measured static (nonmotional) capacitance between either pin 1 and ground or pin 2 and ground. The measurement includes case parasitic capaci-
tance.
Pb


Similar Part No. - RP1032

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP103K RICOH-RP103K Datasheet
26Kb / 1P
   MARK INFORMATIONS SERIES MARK SPECIFICATION
RP103K121B RICOH-RP103K121B Datasheet
411Kb / 29P
   LOW NOISE 150mA LDO REGULATOR
RP103K121B RICOH-RP103K121B Datasheet
26Kb / 1P
   MARK INFORMATIONS SERIES MARK SPECIFICATION
RP103K121B-TR RICOH-RP103K121B-TR Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
More results

Similar Description - RP1032

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RP1298 RFM-RP1298 Datasheet
149Kb / 2P
   423.22 MHz SAW Resonator
logo
List of Unclassifed Man...
RC0426D55A110 ETC1-RC0426D55A110 Datasheet
265Kb / 2P
   426.550 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2119A RFM-RO2119A Datasheet
100Kb / 2P
   317.5 MHz SAW Resonator
RO2134A RFM-RO2134A Datasheet
98Kb / 2P
   372.5 MHz SAW Resonator
RO2165A RFM-RO2165A Datasheet
100Kb / 2P
   858.25 MHz SAW Resonator
RO2073C RFM-RO2073C Datasheet
95Kb / 2P
   315.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO2044 MURATA-RO2044 Datasheet
145Kb / 2P
   318.00 MHz SAW Resonator
RO2100 MURATA-RO2100 Datasheet
161Kb / 2P
   295.05 MHz SAW Resonator
RO3073A MURATA-RO3073A Datasheet
392Kb / 2P
   315.0 MHz SAW Resonator
RO3073E MURATA-RO3073E Datasheet
100Kb / 2P
   315.00 MHz SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com