Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACL3225S-R18K-X Datasheet(PDF) 2 Page - TDK Electronics

Part # ACL3225S-R18K-X
Description  INDUCTORS FOR POWER LINE SMD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACL3225S-R18K-X Datasheet(HTML) 2 Page - TDK Electronics

  ACL3225S-R18K-X Datasheet HTML 1Page - TDK Electronics ACL3225S-R18K-X Datasheet HTML 2Page - TDK Electronics ACL3225S-R18K-X Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
Inductors
ACL Series ACL3225 Type
For Power Line
SMD
ELECTRICAL CHARACTERISTICS
∗1 The rated current is for the smaller of the inductance change due to either temperature increase or DC current superposition.
∗2 X:packaging style (T:Taping[ø180mm reel], TL:Taping[ø330mm reel], B: Bulk)
Inductance
(µH)
Inductance
tolerance
Q
min.
Test frequency
L, Q (MHz)
Self-resonant
frequency
(MHz)min.
DC
resistance
(
Ω)max.
Rated
current∗1
(mA)max.
Part No.
5.6
±10%
60
7.96
52
1.1
180
ACL3225S-5R6K-X∗2
6.8
±10%
60
7.96
44
1.25
160
ACL3225S-6R8K-X
8.2
±10%
60
7.96
37
1.35
130
ACL3225S-8R2K-X
10
±10%
60
7.96
31
1.5
120
ACL3225S-100K-X
12
±10%
50
2.52
49
1.5
120
ACL3225S-120K-X
15
±10%
50
2.52
30
1.75
120
ACL3225S-150K-X
18
±10%
50
2.52
22
1.95
110
ACL3225S-180K-X
22
±10%
50
2.52
17
2.15
100
ACL3225S-220K-X
27
±10%
50
2.52
14.5
2.35
85
ACL3225S-270K-X
33
±10%
50
2.52
12.5
2.65
85
ACL3225S-330K-X
39
±10%
50
2.52
11.5
2.9
70
ACL3225S-390K-X
47
±10%
50
2.52
10.5
3.15
65
ACL3225S-470K-X
56
±10%
50
2.52
10
3.4
45
ACL3225S-560K-X
68
±10%
50
2.52
9
3.8
55
ACL3225S-680K-X
82
±10%
50
2.52
8.5
4.3
40
ACL3225S-820K-X
100
±10%
50
2.52
7.8
4.7
40
ACL3225S-101K-X
120
±20%
25
0.796
7.6
3.05
14
ACL3225S-121M-X
150
±20%
25
0.796
6.8
3.5
13
ACL3225S-151M-X
180
±20%
25
0.796
6.2
3.95
10
ACL3225S-181M-X
220
±20%
25
0.796
5.6
4.2
10
ACL3225S-221M-X
270
±20%
25
0.796
5.1
4.8
8.5
ACL3225S-271M-X
330
±20%
25
0.796
4.6
5.55
8.5
ACL3225S-331M-X
390
±20%
25
0.796
4.2
6
8
ACL3225S-391M-X
470
±20%
25
0.796
3.7
6.7
8
ACL3225S-471M-X
560
±20%
25
0.796
3.4
7.5
7.5
ACL3225S-561M-X
680
±20%
25
0.796
3.1
8.35
6
ACL3225S-681M-X
820
±20%
25
0.796
2.7
9.55
5.5
ACL3225S-821M-X
1000
±20%
25
0.796
2.4
11
5
ACL3225S-102M-X


Similar Part No. - ACL3225S-R18K-X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACL-10337 ETC2-ACL-10337 Datasheet
244Kb / 1P
   8-CH High-Power Relay Outputs & 8-CH Isolated Digital Inputs Card
logo
Applied Concepts Inc.
ACL-11-1171 ACIPOWER-ACL-11-1171 Datasheet
90Kb / 1P
   CCFL INVERTER
ACL-12-1129 ACIPOWER-ACL-12-1129 Datasheet
95Kb / 1P
   CCFL INVERTER
ACL-12-1225 ACIPOWER-ACL-12-1225 Datasheet
124Kb / 2P
   CCFL INVERTER
ACL-12-1258 ACIPOWER-ACL-12-1258 Datasheet
90Kb / 1P
   CCFL INVERTER
More results

Similar Description - ACL3225S-R18K-X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RLF12560 ETC-RLF12560 Datasheet
57Kb / 2P
   Inductors For Power Line SMD
logo
TDK Electronics
SLF TDK-SLF Datasheet
82Kb / 2P
   Inductors For Power Line SMD
VLF5014ST-2R2M2R3 TDK-VLF5014ST-2R2M2R3 Datasheet
85Kb / 2P
   SMD Inductors For Power Line
SLF12575 TDK-SLF12575 Datasheet
82Kb / 2P
   Inductors For Power Line SMD
NLC3225 TDK-NLC3225 Datasheet
63Kb / 2P
   Inductors For Power Line SMD
NLCV32T-1R0M-PF TDK-NLCV32T-1R0M-PF Datasheet
48Kb / 2P
   SMD Inductors For Power Line
VLC5045T-2R2N TDK-VLC5045T-2R2N Datasheet
61Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLS3015T-3R3M1R2 TDK-VLS3015T-3R3M1R2 Datasheet
48Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC6045T-4R7M TDK-VLC6045T-4R7M Datasheet
70Kb / 3P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
GLFR2012 TDK-GLFR2012 Datasheet
49Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com