Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1734 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SB1734
Description  Silicon PNP epitaxial planar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB1734 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SB1734 Datasheet HTML 1Page - Panasonic Semiconductor 2SB1734 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Transistors
1
Publication date: November 2004
SJC00322AED
2SB1734
Silicon PNP epitaxial planar type
For general amplification
Complementary to 2SD2706
■ Features
• High forward current transfer ratio h
FE
• Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing.
■ Absolute Maximum Ratings T
a
= 25°C
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
−50
V
Collector-emitter voltage (Base open)
VCEO
−50
V
Emitter-base voltage (Collector open)
VEBO
−5V
Collector current
IC
−200
mA
Peak collector current
ICP
−400
mA
Collector power dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC
= −10 µA, I
E
= 0
−50
V
Collector-emitter voltage (Base open)
VCEO
IC = −2 mA, IB = 0
−50
V
Emitter-base voltage (Collector open)
VEBO
IE = −10 µA, IC = 0
−5V
Collector-base cutoff current (Emitter open)
ICBO
VCB
= −20 V, I
E
= 0
− 0.1
µA
Forward current transfer ratio
hFE
VCE = −10 V, IC = −2 mA
85
500
Collector-emitter saturation voltage
VCE(sat)
IC = −100 mA, IB = −10 mA
−300
mV
Transition frequency
fT
VCB
= −10 V, I
E
= 1 mA, f = 200 MHz
80
MHz
Collector output capacitance
Cob
VCB
= −10 V, I
E
= 0, f = 1 MHz
3
pF
(Common base, input open circuited)
■ Electrical Characteristics T
a
= 25°C ± 3°C
0.40
+0.10
–0.05
2
1
3
(0.95) (0.95)
1.9±0.1
2.90
+0.20
–0.05
0.16
+0.10
–0.06
10˚
Unit: mm
1: Base
2: Emitter
3: Collector
EIAJ: SC-59
Mini3-G1 Package
Marking Symbol: AF
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.


Similar Part No. - 2SB1734

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SB173 ETC2-2SB173 Datasheet
74Kb / 2P
   Ge PNP Alloy Junction
logo
Rohm
2SB1730 ROHM-2SB1730 Datasheet
68Kb / 3P
   General purpose amplification(-12V, -2A)
2SB1730 ROHM-2SB1730 Datasheet
76Kb / 3P
   General purpose amplification(−12V, −2A)
2SB1730 ROHM-2SB1730_1 Datasheet
76Kb / 3P
   General purpose amplification(−12V, −2A)
2SB1731 ROHM-2SB1731 Datasheet
74Kb / 3P
   Low frequency amplifier
More results

Similar Description - 2SB1734

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SB1693 PANASONIC-2SB1693 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
2SB1071 PANASONIC-2SB1071 Datasheet
93Kb / 4P
   Silicon PNP epitaxial planar type
2SB1172 PANASONIC-2SB1172 Datasheet
84Kb / 3P
   Silicon PNP epitaxial planar type
2SA2064 PANASONIC-2SA2064 Datasheet
78Kb / 3P
   Silicon PNP epitaxial planar type
XP06401 PANASONIC-XP06401 Datasheet
104Kb / 4P
   Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1175 KEXIN-2SB1175 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com