Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDM31096SA8SOITR Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PDM31096SA8SOITR
Description  4 Megabit 3.3V Static RAM 512K x 8-Bit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PDM31096SA8SOITR Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PDM31096SA8SOITR Datasheet HTML 1Page - List of Unclassifed Manufacturers PDM31096SA8SOITR Datasheet HTML 2Page - List of Unclassifed Manufacturers PDM31096SA8SOITR Datasheet HTML 3Page - List of Unclassifed Manufacturers PDM31096SA8SOITR Datasheet HTML 4Page - List of Unclassifed Manufacturers PDM31096SA8SOITR Datasheet HTML 5Page - List of Unclassifed Manufacturers PDM31096SA8SOITR Datasheet HTML 6Page - List of Unclassifed Manufacturers PDM31096SA8SOITR Datasheet HTML 7Page - List of Unclassifed Manufacturers PDM31096SA8SOITR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PDM31096
4
Rev. 2.4 - 5/27/98
PRELIMINARY
Recommended DC Operating Conditions
AC Test Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.0
3.3
3.6
V
VSS
Supply Voltage
0
0
0
V
Industrial
Ambient Temperature
–40
25
85
°C
Commercial
Ambient Temperature
–0
25
70
°C
Input pulse levels
VSS to 3.0V
Input rise and fall times
2.5 ns
Input timing reference levels
1.5V
Output reference levels
1.5V
Output load
See Figures 1 and 2
Figure 1. Output Load Equivalent
Figure 2. Output Load Equivalent
(for tLZCE, tHZCE, tLZWE, tHZWE, tLZOE,
tHZOE)
+3.3V
+3.3V
317
317
351
351
DOUT
DOUT
30 pF
5 pF


Similar Part No. - PDM31096SA8SOITR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDM31564 ETC1-PDM31564 Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
PDM31584SA10SO ETC1-PDM31584SA10SO Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
PDM31584SA10SOA ETC1-PDM31584SA10SOA Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
PDM31584SA10SOATR ETC1-PDM31584SA10SOATR Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
PDM31584SA10SOATY ETC1-PDM31584SA10SOATY Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
More results

Similar Description - PDM31096SA8SOITR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V424 IDT-IDT71V424 Datasheet
19Kb / 9P
   3.3V CMOS STATIC RAM 4 MEG (512K x 8-BIT)
71V424S15YGI IDT-71V424S15YGI Datasheet
128Kb / 9P
   3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)
logo
Renesas Technology Corp
71V424 RENESAS-71V424 Datasheet
189Kb / 11P
   3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)
May.04.21
logo
Cypress Semiconductor
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_10 Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN Datasheet
525Kb / 9P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com