Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1354CV25-167BZC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1354CV25-167BZC
Description  9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1354CV25-167BZC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1354CV25-167BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1354CV25-167BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1354CV25-167BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1354CV25-167BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1354CV25-167BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1354CV25-167BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1354CV25-167BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1354CV25-167BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1354CV25-167BZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
PRELIMINARY
CY7C1354CV25
CY7C1356CV25
Document #: 38-05537 Rev. *B
Page 5 of 25
Pin Configurations (continued)
2
3
4
567
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
TDO
E(288)
NC
DQPc
DQc
DQPd
NC
DQd
A
CE1
BWb
CE3
BWc
CEN
CE2
DQc
DQd
DQd
MODE
NC
DQc
DQc
DQd
DQd
DQd
E(36)
E(72)
VDDQ
BWd
BWa
CLK
WE
VSS
VSS
VSS
VSS
VDDQ
VSS
VDD
VSS
VSS
VSS
NC
VSS
VSS
VSS
VSS
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
A
A
VDD
VSS
VDD
VSS
VSS
VDDQ
VDD
VSS
VDD
VSS
VDD
VSS
VSS
VSS
VDD
VDD
VSS
VDD
VSS
VSS
NC
TCK
A0
VSS
TDI
A
A
DQc
VSS
DQc
VSS
DQc
DQc
NC
VSS
VSS
VSS
VSS
NC
VSS
A1
DQd
DQd
NC
NC
VDDQ
VSS
TMS
89
10
11
NC
A
A
ADV/LD
NC
OE
E(18)
A
E(144)
VSS
VDDQ
NC
DQPb
VDDQ
VDD
DQb
DQb
DQb
NC
DQb
NC
DQa
DQa
VDD
VDDQ
VDD
VDDQ
DQb
VDD
NC
VDD
DQa
VDD
VDDQ
DQa
VDDQ
VDD
VDD
VDDQ
VDD
VDDQ
DQa
VDDQ
A
A
VSS
A
A
A
DQb
DQb
DQb
ZZ
DQa
DQa
DQPa
DQa
A
VDDQ
A
234
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
TDO
E(288)
NC
NC
NC
DQPb
NC
DQb
A
CE1
CE3
BWb
CEN
CE2
NC
DQb
DQb
MODE
NC
DQb
DQb
NC
NC
NC
E(36)
E(72)
VDDQ
BWa
CLK
WE
VSS
VSS
VSS
VSS
VDDQ
VSS
VDD
VSS
VSS
VSS
NC
VSS
VSS
VSS
VSS
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
A
A
VDD
VSS
VDD
VSS
VSS
VDDQ
VDD
VSS
VDD
VSS
VDD
VSS
VSS
VSS
VDD
VDD
VSS
VDD
VSS
VSS
NC
TCK
A0
VSS
TDI
A
A
DQb
VSS
NC
VSS
DQb
NC
NC
VSS
VSS
VSS
VSS
NC
VSS
A1
DQb
NC
NC
NC
VDDQ
VSS
TMS
89
10
11
NC
A
A
ADV/LD
A
OE
E(18)
A
E(144)
VSS
VDDQ
NC
DQPa
VDDQ
VDD
NC
DQa
DQa
NC
NC
NC
DQa
NC
VDD
VDDQ
VDD
VDDQ
DQa
VDD
NC
VDD
NC
VDD
VDDQ
DQa
VDDQ
VDD
VDD
VDDQ
VDD
VDDQ
NC
VDDQ
A
A
VSS
A
A
A
DQa
NC
NC
ZZ
DQa
NC
NC
DQa
A
VDDQ
A
CY7C1356CV25 (512K × 18) – 13 × 15 fBGA
CY7C1354CV25 (256K × 36) – 13 × 15 fBGA
165-Ball fBGA Pinout
A
A
NC
NC


Similar Part No. - CY7C1354CV25-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354CV25-166AXC CYPRESS-CY7C1354CV25-166AXC Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354CV25-166AXC CYPRESS-CY7C1354CV25-166AXC Datasheet
835Kb / 33P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1354CV25-166AXI CYPRESS-CY7C1354CV25-166AXI Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354CV25-166BGC CYPRESS-CY7C1354CV25-166BGC Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354CV25-166BGI CYPRESS-CY7C1354CV25-166BGI Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1354CV25-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A CYPRESS-CY7C1354A_04 Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354B CYPRESS-CY7C1354B Datasheet
475Kb / 29P
   9-Mb (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com