Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMH4803CJN Datasheet(PDF) 9 Page - Summit Microelectronics, Inc.

Part # SMH4803CJN
Description  Distributed Power Hot-Swap Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4803CJN Datasheet(HTML) 9 Page - Summit Microelectronics, Inc.

Back Button SMH4803CJN Datasheet HTML 5Page - Summit Microelectronics, Inc. SMH4803CJN Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4803CJN Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4803CJN Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4803CJN Datasheet HTML 9Page - Summit Microelectronics, Inc. SMH4803CJN Datasheet HTML 10Page - Summit Microelectronics, Inc. SMH4803CJN Datasheet HTML 11Page - Summit Microelectronics, Inc. SMH4803CJN Datasheet HTML 12Page - Summit Microelectronics, Inc. SMH4803CJN Datasheet HTML 13Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
2041 8.4 6/15/00
SMH4803
SUMMIT MICROELECTRONICS
ENPGA (16)
The ENPGA input controls the PG2# and PG3# outputs.
When ENPGA is pulled low, the PG2# output is immedi-
ately placed in a high impedance state. If ENPGA is driven
high, then the PG2# output will immediately be driven low,
provided PG1# has been active for at least tPGD.
PG3# (17)
PG3# is an open drain active low output with no internal
pull-up. PG3# is the last power good signal to be enabled
after Vgate, PG1# and PG2# have been turned on. PG3#
is delayed PGD after PG2# is active and 2xPGD after
PG1# is active. PG3# can be used to switch a third load
or a DC/DC converter.
PG1# (18)
PG1# is an open drain active low output with no internal
pull-up. PG1# is enabled after Vgate is enabled and
voltage across the load is within spec. PG1# can be used
to switch a load or enable a DC/DC converter.
PG2# (19)
PG2# is an open drain active low output with no internal
pull-up. PG2# is enabled after Vgate and PG1# have been
turned on. PG2# is delayed PGD after PG1# is active.
PG2# can be used to switch a second load or a DC/DC
converter.
VDD (20)
VDD is the positive supply connection. An internal shunt
regulator connected between VDD and VSS develops
approximately 12 volts that supplies the SMH4803. A
resistor must be placed in series with the VDD pin to limit
the regulator current (RD in the application illustrations).
PROGRAMMABLE FEATURES
Because the SMH4803 is electrically programmable it
can be fine-tuned for a wide variety of applications prior to
shipment to the customer. Because of this a manufacturer
can use a common part type across a wide range of
boards that are used on a common host but have different
electrical loads, power-on timing requirements, host volt-
age monitoring needs etc.
This ability to use a common solution across many plat-
forms shifts the focus of design away from designing a
new power interface for each board to concentrating on
the value added back-end logic.
Because the programming of the features is done at final
test all combinations (all 128 possibilities) are readily
available as off the shelf stock items.
Power Good Delay
The PG delay timer that controls the delay from PG1# to
PG2# and PG2# to PG3# being asserted can be set to
typical values of 5ms, 20ms, 80ms or 160ms.
Quick-Trip Circuit Breaker Threshold
The Quick-Trip circuit breaker threshold can be set to
200mV, 100mV, 60mv or OFF. This is the threshold
voltage drop across RS that is placed between VSS and
CBSense.
Circuit Breaker Delay
The circuit breaker delay defines the period of time the
voltage drop across RS is greater than 50mV but less than
VQCB before the Vgate output will be shut down. This is
effectively a filter to prevent spurious shutdowns of Vgate.
The delays that can be programmed are 5µs, 50µs, 150µs
and 400µs.
Pin Detect
The Pin Detect function can be enabled or disabled.


Similar Part No. - SMH4803CJN

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4803A SUMMIT-SMH4803A Datasheet
430Kb / 19P
   Distributed Power Hot Swap Controller
SMH4803AS SUMMIT-SMH4803AS Datasheet
430Kb / 19P
   Distributed Power Hot Swap Controller
More results

Similar Description - SMH4803CJN

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
SMH4811 SUMMIT-SMH4811 Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
   Distributed Power Hot-Swap Controller
logo
Summit Microelectronics...
SMH4803A SUMMIT-SMH4803A Datasheet
430Kb / 19P
   Distributed Power Hot Swap Controller
SMH4812 SUMMIT-SMH4812 Datasheet
435Kb / 19P
   Distributed Power Hot-Swap Controller
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4811A SUMMIT-SMH4811A_09 Datasheet
936Kb / 15P
   Programmable Distributed Power Hot-Swap Controller for High-Availability Systems
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com