Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M470L6423CK0 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # M470L6423CK0
Description  512MB DDR SDRAM MODULE (64Mx64 based on DDP 64Mx 8 DDR SDRAM) 200pin SODIMM 64bit Non-ECC/Parity
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470L6423CK0 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button M470L6423CK0 Datasheet HTML 6Page - Samsung semiconductor M470L6423CK0 Datasheet HTML 7Page - Samsung semiconductor M470L6423CK0 Datasheet HTML 8Page - Samsung semiconductor M470L6423CK0 Datasheet HTML 9Page - Samsung semiconductor M470L6423CK0 Datasheet HTML 10Page - Samsung semiconductor M470L6423CK0 Datasheet HTML 11Page - Samsung semiconductor M470L6423CK0 Datasheet HTML 12Page - Samsung semiconductor M470L6423CK0 Datasheet HTML 13Page - Samsung semiconductor M470L6423CK0 Datasheet HTML 14Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
200pin DDR SDRAM SODIMM
M470L6423CK0
Rev. 0.0 Aug. 2001
AC Timming Parameters & Specifications (These AC charicteristics were tested on the Component)
Parameter
Symbol
-TCA2(DDR266A) -TCB0(DDR266B)
-TCA0 (DDR200)
Unit
Note
Min
Max
Min
Max
Min
Max
Row cycle time
tRC
65
65
70
ns
Refresh row cycle time
tRFC
75
75
80
ns
Row active time
tRAS
45
120K
45
120K
48
120K
ns
RAS to CAS delay
tRCD
20
20
20
ns
Row precharge time
tRP
20
20
20
ns
Row active to Row active delay
tRRD
15
15
15
ns
Write recovery time
tWR
2
2
2
tCK
Last data in to Read command
tCDLR
1
1
1
tCK
Col. address to Col. address delay
tCCD
1
1
1
tCK
Clock cycle time
CL=2.0
tCK
7.5
12
10
12
10
12
ns
5
CL=2.5
7.5
12
7.5
12
12
ns
5
Clock high level width
tCH
0.45
0.55
0.45
0.55
0.45
0.55
tCK
Clock low level width
tCL
0.45
0.55
0.45
0.55
0.45
0.55
tCK
DQS-out access time from CK/CK
tDQSCK
-0.75
+0.75
-0.75
+0.75
-0.8
+0.8
ns
Output data access time from CK/CK
tAC
-0.75
+0.75
-0.75
+0.75
-0.8
+0.8
ns
Data strobe edge to ouput data edge
tDQSQ
-
+0.5
-
+0.5
-
+0.6
ns
5
Read Preamble
tRPRE
0.9
1.1
0.9
1.1
0.9
1.1
tCK
Read Postamble
tRPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK
CK to valid DQS-in
tDQSS
0.75
1.25
0.75
1.25
0.75
1.25
tCK
DQS-in setup time
tWPRES
0
0
0
ns
2
DQS-in hold time
tWPREH
0.25
0.25
0.25
tCK
DQS falling edge to CK rising-setup time
tDSS
0.2
0.2
0.2
tCK
DQS falling edge from CK rising-hold time
tDSH
0.2
0.2
0.2
tCK
DQS-in high level width
tDQSH
0.35
0.35
0.35
tCK
DQS-in low level width
tDQSL
0.35
0.35
0.35
tCK
DQS-in cycle time
tDSC
0.9
1.1
0.9
1.1
0.9
1.1
tCK
Address and Control Input setup time
tIS
0.9
0.9
1.1
ns
6
Address and Control Input hold time
tIH
0.9
0.9
1.1
ns
6
Data-out high impedence time from CK/CK
tHZ
tACmin -
400ps
tACmax
- 400ps
tACmin
- 400ps
tACmax
- 400ps
tACmin
- 400ps
tACmax
- 400ps
ps
Data-out low impedence time from CK/CK
tLZ
tACmin -
400ps
tACmax
- 400ps
tACmin
- 400ps
tACmax
- 400ps
tACmin
- 400ps
tACmax
- 400ps
ps
Input Slew Rate(for input only pins)
tSL(I)
0.5
0.5
0.5
V/ns
6
Input Slew Rate(for I/O pins)
tSL(IO)
0.5
0.5
0.5
V/ns
7
Output Slew Rate(x4,x8)
tSL(O)
1.0
4.5
1.0
4.5
1.0
4.5
V/ns
10
Output Slew Rate(x16)
tSL(O)
0.7
5
0.7
5
0.7
5
V/ns
10
Output Slew Rate Matching Ratio(rise to fall)
tSLMR
0.67
1.5
0.67
1.5
0.67
1.5


Similar Part No. - M470L6423CK0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L6423EN SAMSUNG-M470L6423EN Datasheet
145Kb / 13P
   512MB Unbuffered SODIMM(based on sTSOP)
M470L6423EN0-A2 SAMSUNG-M470L6423EN0-A2 Datasheet
145Kb / 13P
   512MB Unbuffered SODIMM(based on sTSOP)
M470L6423EN0-B0 SAMSUNG-M470L6423EN0-B0 Datasheet
145Kb / 13P
   512MB Unbuffered SODIMM(based on sTSOP)
M470L6423EN0-CB3 SAMSUNG-M470L6423EN0-CB3 Datasheet
145Kb / 13P
   512MB Unbuffered SODIMM(based on sTSOP)
M470L6423EN0-CLB3 SAMSUNG-M470L6423EN0-CLB3 Datasheet
145Kb / 13P
   512MB Unbuffered SODIMM(based on sTSOP)
More results

Similar Description - M470L6423CK0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470T2953BY0 SAMSUNG-M470T2953BY0 Datasheet
328Kb / 19P
   200pin Unbuffered SODIMM based on 512Mb B-die 64bit Non-ECC
logo
List of Unclassifed Man...
SDN06464E1C62MT-50 ETC2-SDN06464E1C62MT-50 Datasheet
821Kb / 12P
   512MB DDR ??SDRAM SoDIMM
logo
White Electronic Design...
W3EG6465S-D3 WEDC-W3EG6465S-D3 Datasheet
180Kb / 11P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6465S-D4 WEDC-W3EG6465S-D4 Datasheet
88Kb / 8P
   512MB- 64Mx64 DDR SDRAM UNBUFFERED
WV3EG64M64ETSU-D3 WEDC-WV3EG64M64ETSU-D3 Datasheet
236Kb / 10P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6464S-JD3 WEDC-W3EG6464S-JD3 Datasheet
293Kb / 12P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
logo
Samsung semiconductor
M470T3354CZ3 SAMSUNG-M470T3354CZ3 Datasheet
328Kb / 18P
   DDR2 Unbuffered SODIMM 200pin Unbuffered SODIMM based on 512Mb C-die 64bit Non-ECC
M368L1713CTL SAMSUNG-M368L1713CTL Datasheet
83Kb / 12P
   128MB DDR SDRAM MODULE (16Mx64 based on 16Mx8 DDR SDRAM) Unbuffered 184pin DIMM 64-bit Non-ECC/Parity
logo
Hynix Semiconductor
HYMD512M646CLFP8-D43 HYNIX-HYMD512M646CLFP8-D43 Datasheet
461Kb / 17P
   200pin DDR SDRAM SO-DIMMs based on 512Mb C ver. (FBGA)
logo
White Electronic Design...
WV3EG64M64ETSU-D4 WEDC-WV3EG64M64ETSU-D4 Datasheet
177Kb / 12P
   512MB - 64Mx64 DDR SDRAM, UNBUFFERED, SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com