Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA5621M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA5621M
Description  Lithium-Ion Battery Charge Control IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5621M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA5621M Datasheet HTML 1Page - Sanyo Semicon Device LA5621M Datasheet HTML 2Page - Sanyo Semicon Device LA5621M Datasheet HTML 3Page - Sanyo Semicon Device LA5621M Datasheet HTML 4Page - Sanyo Semicon Device LA5621M Datasheet HTML 5Page - Sanyo Semicon Device LA5621M Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
No. 5640-3/6
LA5621M, 5621V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[FET drive block]
Drive high-level voltage
VGATE-H
Same as current drain 1-1
5.3
5.4
V
Drive low-level voltage
VGATE-L
SW6: on, Same as current drain 1-2
0.1
0.2
V
[Comparator block] SW1, 2, 5, 6: on
Input offset voltage 1
VIO1
Comparator 1, when CPU voltage is reversed
–3
+2
+7
mV
Input offset voltage 2
VIO2
Comparator 2, when BIAS2 voltage is reversed
–3
–1
+1
mV
Input offset voltage 3
VIO3
Total temperature, comparator 2
–5
+3
mV
Input offset current
IIO
Comparators 1, 2
5
50
nA
Input bias current
IIB
Comparators 1, 2
–250
–25
nA
In-phase input voltage range
VICR
Comparators 1, 2
VCC2 – 1.5
V
Input current during negative voltage application
ILIM
Comparators 1, 2 non-reversed input block only, SW3: on
–1.5
mA
[Input pin block] VIN1= 15 mV, VIN1+ = 23 mV, VIN2= 15 mV, VIN2+ = 23 mV
CHARGE pin threshold voltage
VCHG-TH
SW1, 2, 5, 6: When on, BIAS2 voltages are reversed
0.5
1.2
V
CHARGE pin input bias current 1
ICHG-BI1
Current during threshold voltage
10
µA
CHARGE pin input bias current 2
ICHG-BI2VCHARGE = VCC255
70
85
µA
CHARGE-INH pin open voltage
VCH-IN-OP SW1, 2, 5, 6: on
VCC2V
CHARGE-INH pin threshold voltage
VCH-IN-TH SW1, 2, 5, 6: When on, BIAS2 voltages are reversed
0.7
1.3
V
CHARGE-INH pin low-level input current
ICH-IN
SW1, 2, 5, 6: on
–30
µA
BATT/EXT pin open voltage
VBA/EX-OP SW1, 2, 6: on
VCC2V
BATT/EXT pin threshold voltage
VBA/EX-TH SW1, 2, 6: When on, BIAS2 voltages are reversed
1.45
2.05
V
BATT/EXT pin low-level input current
VBA/EX
SW1, 2, 5, 6: on
–30
µA
Continued from preceding page.
Handling Cautions
Observe precautions when handling these ICs because they are electrostatic sensitive devices.
Pin Assignment


Similar Part No. - LA5621M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5620 SANYO-LA5620 Datasheet
67Kb / 4P
   Regulator for Multiple Power Supply Systems
LA5623M SANYO-LA5623M Datasheet
50Kb / 4P
   Combination System Reset IC
LA5627W SANYO-LA5627W Datasheet
93Kb / 7P
   LA5627W
More results

Similar Description - LA5621M

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
   Lithium-Ion Battery Charge Control IC
MM3635 MITSUMI-MM3635 Datasheet
168Kb / 25P
   Lithium-ion battery charge control IC
MM8013 MITSUMI-MM8013 Datasheet
46Kb / 3P
   Lithium-ion battery charge control IC
MM3458 MITSUMI-MM3458 Datasheet
210Kb / 29P
   Lithium-ion battery charge control IC
MM3439 MITSUMI-MM3439 Datasheet
161Kb / 27P
   Lithium-Ion Battery Charge Control IC
logo
Asahi Kasei Microsystem...
AP4305 AKM-AP4305 Datasheet
897Kb / 32P
   USB Lithium-Ion Battery Charge Control IC
logo
Renesas Technology Corp
R2A20050ANS RENESAS-R2A20050ANS_15 Datasheet
301Kb / 14P
   Lithium-ion battery charger control IC
logo
Mitsumi Electronics, Co...
MM3324 MITSUMI-MM3324 Datasheet
94Kb / 12P
   Lithium-Ion Secondary Battery Charge Control IC for AC Charger
logo
Renesas Technology Corp
M62242FP RENESAS-M62242FP Datasheet
126Kb / 9P
   Lithium-Ion Battery Charger Control IC
logo
Mitsubishi Electric Sem...
M62253FP MITSUBISHI-M62253FP Datasheet
62Kb / 5P
   LITHIUM ION BATTERY CHARGER CONTROL IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com