Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7A803609A Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K7A803609A
Description  256Kx36 & 512Kx18 Synchronous SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7A803609A Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K7A803609A Datasheet HTML 2Page - Samsung semiconductor K7A803609A Datasheet HTML 3Page - Samsung semiconductor K7A803609A Datasheet HTML 4Page - Samsung semiconductor K7A803609A Datasheet HTML 5Page - Samsung semiconductor K7A803609A Datasheet HTML 6Page - Samsung semiconductor K7A803609A Datasheet HTML 7Page - Samsung semiconductor K7A803609A Datasheet HTML 8Page - Samsung semiconductor K7A803609A Datasheet HTML 9Page - Samsung semiconductor K7A803609A Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
K7A801809A
256Kx36 & 512Kx18 Synchronous SRAM
- 6 -
Rev 1.0
July 2000
K7A803609A
K7A801809A(512Kx18)
Note : * A0 and A1 are the two least significant bits(LSB) of the address field and set the internal burst counter if burst is desired.
1
2
3
4
5
6
7
A
VDDQ
A
A
ADSP
A
A
VDDQ
B
NC
CS2
A
ADSC
A
A
NC
C
NC
A
A
VDD
A
A
NC
D
DQb
NC
VSS
NC
VSS
DQPa
NC
E
NC
DQb
VSS
CS1
VSS
NC
DQa
F
VDDQ
NC
VSS
OE
VSS
DQa
VDDQ
G
NC
DQb
WEb
ADV
VSS
NC
DQa
H
DQb
NC
VSS
GW
VSS
DQa
NC
J
VDDQ
VDD
NC
VDD
NC
VDD
VDDQ
K
NC
DQb
VSS
CLK
VSS
NC
DQa
L
DQb
NC
VSS
NC
WEa
DQa
NC
M
VDDQ
DQb
VSS
BW
VSS
NC
VDDQ
N
DQb
NC
VSS
A1*
VSS
DQa
NC
P
NC
DQPb
VSS
A0*
VSS
NC
DQa
R
NC
A
LBO
VDD
NC
A
NC
T
NC
A
A
NC
A
A
ZZ
U
VDDQ
NC
NC
NC
NC
NC
VDDQ
119BGA PACKAGE PIN CONFIGURATIONS(TOP VIEW)
PIN NAME
SYMBOL
PIN NAME
SYMBOL
PIN NAME
A
A0,A1
ADV
ADSP
ADSC
CLK
CS1
CS2
WEx
(x=a,b)
OE
GW
BW
ZZ
LBO
Address Inputs
Burst Count Address
Burst Address Advance
Address Status Processor
Address Status Controller
Clock
Chip Select
Chip Select
Byte Write Inputs
Output Enable
Global Write Enable
Byte Write Enable
Power Down Input
Burst Mode Control
VDD
VSS
N.C.
DQa
DQb
DQPa~Pb
VDDQ
Power Supply(+3.3V)
Ground
No Connect
Data Inputs/Outputs
Data Inputs/Outputs
Data Inputs/Outpus
Output Power Supply
(2.5V or 3.3V)


Similar Part No. - K7A803609A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7A803609B SAMSUNG-K7A803609B Datasheet
400Kb / 18P
   256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM
K7A803609B SAMSUNG-K7A803609B Datasheet
420Kb / 19P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803609B-QC25 SAMSUNG-K7A803609B-QC25 Datasheet
400Kb / 18P
   256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM
K7A803609B SAMSUNG-K7A803609B_06 Datasheet
420Kb / 19P
   256Kx36 & 512Kx18 Synchronous SRAM
More results

Similar Description - K7A803609A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7A803600M SAMSUNG-K7A803600M Datasheet
542Kb / 20P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803600B SAMSUNG-K7A803600B_06 Datasheet
422Kb / 19P
   256Kx36 & 512Kx18 Synchronous SRAM
KM718V987 SAMSUNG-KM718V987 Datasheet
574Kb / 21P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803609B SAMSUNG-K7A803609B_06 Datasheet
420Kb / 19P
   256Kx36 & 512Kx18 Synchronous SRAM
DS_K7A803600B SAMSUNG-DS_K7A803600B Datasheet
401Kb / 18P
   256Kx36 & 512Kx18 Synchronous SRAM
K7B801825M SAMSUNG-K7B801825M Datasheet
582Kb / 21P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803601M SAMSUNG-K7A803601M Datasheet
466Kb / 17P
   256Kx36 & 512Kx18 Synchronous SRAM
K7B803625B SAMSUNG-K7B803625B Datasheet
460Kb / 20P
   256Kx36 & 512Kx18 Synchronous SRAM
K7D803671B SAMSUNG-K7D803671B Datasheet
270Kb / 16P
   256Kx36 & 512Kx18 SRAM
K7P803611M SAMSUNG-K7P803611M Datasheet
221Kb / 13P
   256Kx36 & 512Kx18 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com