Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS74FCT2828AT Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDTQS74FCT2828AT
Description  HIGH-SPEED CMOS BUS INTERFACE 10-BIT BUFFER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS74FCT2828AT Datasheet(HTML) 2 Page - Integrated Device Technology

  IDTQS74FCT2828AT Datasheet HTML 1Page - Integrated Device Technology IDTQS74FCT2828AT Datasheet HTML 2Page - Integrated Device Technology IDTQS74FCT2828AT Datasheet HTML 3Page - Integrated Device Technology IDTQS74FCT2828AT Datasheet HTML 4Page - Integrated Device Technology IDTQS74FCT2828AT Datasheet HTML 5Page - Integrated Device Technology IDTQS74FCT2828AT Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
INDUSTRIALTEMPERATURERANGE
IDTQS74FCT2828AT/BT
HIGH-SPEEDCMOSBUSINTERFACE10-BITBUFFERS
QSOP
TOP VIEW
2
3
1VCC
20
19
18
15
16
23
22
24
21
17
Y2
Y4
Y3
Y6
Y5
Y1
Y7
Y8
13
14
OE2
Y9
Y0
D4
D5
D3
D7
D6
D1
D2
D8
9
10
5
6
7
4
8
11
12
GND
OE1
D0
D9
PIN CONFIGURATION
Symbol
Description
Max
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to +7
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current Max Sink Current/Pin
120
mA
IIK
Input Diode Current, VIN < 0
–20
mA
IOK
Output Diode Current, VOUT < 0
–50
mA
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
8
pF
COUT
Output Capacitance
VOUT = 0V
8
pF
CAPACITANCE (TA = +25°C, F = 1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested.
PIN DESCRIPTION
Pin Names
I/O
Description
Dx
I
DataInputs
Y x
O
DataOutputs
OEx
I
OutputEnables
FUNCTION TABLE(1)
Inputs
Outputs
OE1
OE2
Dx
Yx
Function
L
L
L
H
Enabled
L
L
H
L
Enabled
H
Z
High-Impedance
H
Z
High-Impedance
NOTE:
1. H = HIGH
L = LOW
Z = High-Impedance


Similar Part No. - IDTQS74FCT2828AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS74FCT2821AT IDT-IDTQS74FCT2821AT Datasheet
64Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 10-BIT REGISTER
IDTQS74FCT2821ATQ IDT-IDTQS74FCT2821ATQ Datasheet
64Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 10-BIT REGISTER
IDTQS74FCT2821ATSO IDT-IDTQS74FCT2821ATSO Datasheet
64Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 10-BIT REGISTER
IDTQS74FCT2821BTQ IDT-IDTQS74FCT2821BTQ Datasheet
64Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 10-BIT REGISTER
IDTQS74FCT2821BTSO IDT-IDTQS74FCT2821BTSO Datasheet
64Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 10-BIT REGISTER
More results

Similar Description - IDTQS74FCT2828AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS74FCT2827AT IDT-IDTQS74FCT2827AT Datasheet
55Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 10-BIT BUFFER
IDTQS74FCT2841AT IDT-IDTQS74FCT2841AT Datasheet
55Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 10-BIT LATCH
IDTQS74FCT2821AT IDT-IDTQS74FCT2821AT Datasheet
64Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 10-BIT REGISTER
logo
List of Unclassifed Man...
QS74FCT2X827T ETC1-QS74FCT2X827T Datasheet
77Kb / 2P
   HIGH SPEED CMOS BUS INTERFACE 20-BIT BUFFER IN QVSOP-TM
logo
Integrated Device Techn...
IDTQS74FCT2374T IDT-IDTQS74FCT2374T Datasheet
51Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 8-BIT REGISTER
QS3384QG IDT-QS3384QG Datasheet
229Kb / 5P
   QUICKSWITCH짰 PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH
IDTQS32384 IDT-IDTQS32384 Datasheet
41Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH
IDTQS3384 IDT-IDTQS3384 Datasheet
47Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH
QS3384PAG IDT-QS3384PAG Datasheet
218Kb / 5P
   QUICKSWITCH짰 PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH
IDTQS3383 IDT-IDTQS3383_11 Datasheet
217Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com