Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-191FGXDTD Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CL-191FGXDTD
Description  ULTRA - SMALL CHIP - LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CL-191FGXDTD Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  CL-191FGXDTD Datasheet HTML 1Page - List of Unclassifed Manufacturers CL-191FGXDTD Datasheet HTML 2Page - List of Unclassifed Manufacturers CL-191FGXDTD Datasheet HTML 3Page - List of Unclassifed Manufacturers CL-191FGXDTD Datasheet HTML 4Page - List of Unclassifed Manufacturers CL-191FGXDTD Datasheet HTML 5Page - List of Unclassifed Manufacturers CL-191FGXDTD Datasheet HTML 6Page - List of Unclassifed Manufacturers CL-191FGXDTD Datasheet HTML 7Page - List of Unclassifed Manufacturers CL-191FGXDTD Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
12
発光色
Lighting color
Red
Red
Orange
Orange
レモン Lemon
黄緑 Yellow green
Green
青緑 Blue Green
Blue
Blue
Red
Orange
Yellow
レモン Lemon
黄緑 Yellow green
Green
新緑 Fresh green
純緑 Pure green
Red
Orange
Red
Red
Red
Orange
Orange
レモン Lemon
黄緑 Yellow green
Green
Green
Green
青緑 Blue Green
Blue
Blue
Blue
Blue
Red
黄緑 Yellow green
ページ
Page
40
22
22
22
22
22
20
20
20
20
39
39
39
39
39
39
39
39
39
39
39
39
22
22
22
22
22
20
20
20
20
20
20
20
20
35
輝度
Brightness
外形寸法
Size (mm)
シリーズ
Series
部品コード
Code for parts
CL-221HR-C
CL-221TR1-C
CL-221TD-C
CL-221TD3-C
CL-221TLY-C
CL-221SYG-C
CL-221G1-C
CL-221BG1-C
CL-221UB
CL-221B1
CL-260R-CD
CL-260D-CD
CL-260Y-CD
CL-260LY-CD
CL-260YG-X
CL-260G-CD
CL-260FG-CD
CL-260PG-CD
CL-260SR-CD
CL-260SD-CD
CL-260UR-CD
CL-260HR-CD
CL-260TR1-CD
CL-260TD-CD
CL-260TD3-CD
CL-260TLY-CD
CL-260SYG-CD
CL-260G1-C
CL-260HG-C
CL-260S-MG-D
CL-260BG1-C
CL-260UB
CL-260B1
CL-260HB
CL-260S-MB-D
CL-265HR/YG
ピーク発光波長
Peak wave length(nm)
660
624
612
612
590
574
523
502
428
468
700
605
589
584
570
567
560
557
650
630
660
660
624
612
612
590
574
523
515
515
502
428
468
470
470
660
574
CL-221
2.7(L)
×
1.2(W)
×
1.3(H)
超高輝度
High brightness
高輝度
Super brightness
超高輝度
High brightness
CL-260
3.4(L)
×
1.25(w)
×
1.1(H)
輝度
Brightness
外形寸法
Size(mm)
シリーズ
Series
発光色
Lighting color
Red
Orange
Yellow
レモン Lemon
黄緑 Yellow green
Green
新緑 Fresh green
純緑 Pure green
Red
Orange
Red
Red
Red
Orange
Orange
レモン Lemon
黄緑 Yellow green
Green
Green
Green
青緑 Blue Green
Blue
Blue
Blue
Blue
Red
Orange
Yellow
レモン Lemon
黄緑 Yellow green
Green
新緑 Fresh green
純緑 Pure green
Red
Orange
Red
Red
ページ
Page
38
38
38
38
38
38
38
38
38
38
38
38
22
22
22
22
22
20
20
20
20
20
20
20
20
37
37
37
37
37
37
37
37
37
37
37
37
部品コード
Code for parts
CL-270R-C
CL-270D-C
CL-270Y-C
CL-270LY-C
CL-270YG-C
CL-270G-C
CL-270FG-C
CL-270PG-C
CL-270SR-C
CL-270SD-C
CL-270UR-C
CL-270HR-C
CL-270TR1-C
CL-270TD-C
CL-270TD3-C
CL-270TLY-C
CL-270SYG-C
CL-270G1-C
CL-270HG-C
CL-270S-MG-D
CL-270BG1-C
CL-270UB
CL-270B1
CL-270HB
CL-270S-MB-D
CL-280R-C
CL-280D-C
CL-280Y-C
CL-280LY-C
CL-280YG-C
CL-280G-C
CL-280FG-C
CL-280PG-C
CL-280SR-C
CL-280SD-C
CL-280UR-C
CL-280HR-C
ピーク発光波長
Peak wave length(nm)
700
605
589
584
570
567
560
557
650
630
660
660
624
612
612
590
574
523
515
515
502
428
468
470
470
700
605
589
584
570
567
560
557
650
630
660
660
1.6(L)
×
1.15(W)
×
0.6(H)
標準輝度
Standard brightness
高輝度
Super brightness
超高輝度
Ultra brightness
イエロー yellow
イエロー yellow
標準輝度
Standard brightness
高輝度
Super brightness
超高輝度
Ultra brightness
超高輝度
High brightness
1.0(L)
×
0.5(W)
×
0.6(H)
CL-280
イエロー yellow
イエロー yellow
イエロー yellow
超高輝度
Ultra brightness
超高輝度
High brightness
イエロー yellow
標準輝度
Standard brightness
CL-270
超高輝度
High brightness
3.4(L)
×
1.25(w)
×
1.1(H)
CL-265


Similar Part No. - CL-191FGXDTD

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-191FG CITIZEN-CL-191FG Datasheet
504Kb / 1P
   Mono-Color Upward-Lighting Type
CL-191FG-CD-T CITIZEN-CL-191FG-CD-T Datasheet
345Kb / 8P
   Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
CL-191FG-XD-T CITIZEN-CL-191FG-XD-T Datasheet
345Kb / 8P
   Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
More results

Similar Description - CL-191FGXDTD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CL-150 ETC-CL-150 Datasheet
349Kb / 8P
   ULTRA SMALL CHIP LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS
logo
CITIZEN ELECTRONICS CO....
CL-150UR-CD-T CITIZEN-CL-150UR-CD-T Datasheet
345Kb / 8P
   Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
logo
Renesas Technology Corp
3826 RENESAS-3826_07 Datasheet
280Kb / 12P
   Difference among various products
7560_0308 RENESAS-7560_0308 Datasheet
306Kb / 12P
   Difference among various products
3851 RENESAS-3851_10 Datasheet
67Kb / 4P
   Difference among various products
3822G RENESAS-3822G Datasheet
382Kb / 14P
   Difference among various products
3886 RENESAS-3886_10 Datasheet
68Kb / 3P
   Difference among various products
logo
Sanyo Semicon Device
LA7018 SANYO-LA7018 Datasheet
129Kb / 3P
   Electronic Switch for Use in VTR Applications
LA7019 SANYO-LA7019 Datasheet
132Kb / 3P
   ELECTRONIC SWITCH FOR USE IN VTR APPLICATIONS
logo
Renesas Technology Corp
38C2 RENESAS-38C2 Datasheet
388Kb / 14P
   Difference among various products
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com