Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS3023 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GS3023
Description  CIC Size DynamEQ I Dynamic Equalizer - Class D
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS3023 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GS3023 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS3023 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS3023 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS3023 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS3023 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS3023 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS3023 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
521 - 15 - 03
5
FREQUENCY (Hz)
Fig. 7 Frequency Response for Different RVC Values
VIN=-40dBV
1kHz
2kHz
5kHz
VIN=-60dBV
RTH =
20
100
1k
10k
20k
FREQUENCY (Hz)
Fig. 8 Corner Frequency vs CHP Capacitor Value
VIN=-20dBV
VIN=-96dBV
VIN=-20dBV
VIN=-80dBV
VIN=-88dBV
VIN=-96dBV
1kHz
2kHz
5kHz
RTH = 0
VIN = -50dBV
RVC=100k
20
100
1k
10k
20k
RVC=47kΩ
RVC=22k
RVC=15k
VIN=-70dBV
30
25
20
15
10
5
0
-5
-10
-15
35
30
25
20
15
10
5
0
-5
-10
-15
CHP=100nF
CHP=68nF
CHP=33nF
CHP=10nF
CHP= No capacitor
RTH =
= 100k
= 47k
= 22k
= 0
VIN=-96dBV
20
100
1k
10k
20k
FREQUENCY (Hz)
Fig. 9 Frequency Characteristics for Different
RTH Values
35
30
25
20
15
10
5
0
-5
-10
-15
35
30
25
20
15
10
5
0
-5
-10
-15
20
100
1k
10k
20k
FREQUENCY (Hz)
Fig. 5 Frequency Response for Different Input Levels
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
INPUT LEVEL (dBV)
Fig. 6 I/O Transfer Function for Different Test
Frequencies. Shown for Min/Max RTH Resistors Values


Similar Part No. - GS3023

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS3020 GENNUM-GS3020 Datasheet
131Kb / 6P
   Dynamic Equalizer
logo
List of Unclassifed Man...
GS3024A ETC1-GS3024A Datasheet
92Kb / 6P
   CIC, CLASS D HYBRID
GS3026 ETC-GS3026 Datasheet
99Kb / 7P
   AGC-O in a CIC Size Hybrid
More results

Similar Description - GS3023

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS3011 ETC1-GS3011 Datasheet
120Kb / 7P
   DynamEQ I Dynamic Equalizer
GS3024A ETC1-GS3024A Datasheet
92Kb / 6P
   CIC, CLASS D HYBRID
logo
Gennum Corporation
GS3020 GENNUM-GS3020 Datasheet
131Kb / 6P
   Dynamic Equalizer
logo
List of Unclassifed Man...
GS3026 ETC-GS3026 Datasheet
99Kb / 7P
   AGC-O in a CIC Size Hybrid
logo
Cirrus Logic
WM9081 CIRRUS-WM9081 Datasheet
2Mb / 103P
   Mono DAC with 2.6W Class AB/D Speaker Driver, Dynamic Range Controller and ReTune??Mobile Parametric Equalizer
logo
Maxim Integrated Produc...
MAX98390 MAXIM-MAX98390 Datasheet
4Mb / 213P
   Boosted Class-D Amplifier with Integrated Dynamic Speaker Management
19-100540; Rev 3; 7/20
logo
List of Unclassifed Man...
GS3044 ETC-GS3044 Datasheet
111Kb / 6P
   AGC-O with Active Low Cut Filter in a CIC Size Hybrid
logo
Tyco Electronics
1-175195-2 MACOM-1-175195-2 Datasheet
88Kb / 1P
   M SIZE DYNAMIC SERIES REC. CONTACT
logo
Fairchild Semiconductor
FAB2210 FAIRCHILD-FAB2210 Datasheet
1Mb / 35P
   Audio Subsystem with Class-G Headphone and 3.3W Mono Class-D Speaker with Dynamic Range Compression
logo
KR Electronics, Inc.
3069 KR-3069 Datasheet
60Kb / 2P
   Equalizer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com