Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BP5221 Datasheet(PDF) 7 Page - Rohm

Part # BP5221
Description  DC / DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BP5221 Datasheet(HTML) 7 Page - Rohm

  BP5221 Datasheet HTML 1Page - Rohm BP5221 Datasheet HTML 2Page - Rohm BP5221 Datasheet HTML 3Page - Rohm BP5221 Datasheet HTML 4Page - Rohm BP5221 Datasheet HTML 5Page - Rohm BP5221 Datasheet HTML 6Page - Rohm BP5221 Datasheet HTML 7Page - Rohm BP5221 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BP5220 / BP5221 / BP5222 /
BP5220X / BP5221X / BP5222X
External dimensions (Units : mm)
BP5222, BP5222X
025
50
70
AMBIENT TEMPERATURE : Ta (
°C)
0.5
0.4
0.3
0.2
0.1
100
120
0.6
VIN=15~20V
VIN=30V
VIN=38V
Fig.16 Derating curve
100
80
60
40
20
0
OUTPUT CURRENT : Io (A)
0.1
0.2
0.3
0.4
0.5
VIN =30V
VIN=23V
VIN=38V
Fig.17 Efficiency
VOLTAGE BETWEEN PIN2 AND PIN9 (V)
Pw=1ms
Pw=10ms
5
3
2
1
0.5
0.3
0.2
0.1
1
2
3
5
10
20 30
50
Tc=25
°C
SINGLE PULSE
Fig.18 Safety operation range
+
97
+
654321
BP5220X / BP5221X / BP5222X
BP5220 / BP5221 / BP5222
pin9 sink current
Voltage developed
between pins 2 and 9
Fig.19 ASO measurement circuit
1
28.0 Max.
19.5 Max.
4
±1
Pin No.
2.54
0.5
1.4
2.54
×8=20.32
23456 7
9
4.0
8.0
Max.
12.0
Max.
Max.
SIP9
SIP9 (L forming)
1
28.0 Max.
Pin No.
p=2.54
±0.2
0.5
±0.1
+0.2
−0.1
1.1
2.54
×8=20.32
23456 7
9
4.0
8.0
Max.
12.0
Max.
Max.
+1.0
−0.5
7.0
7/8


Similar Part No. - BP5221

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5221A ROHM-BP5221A Datasheet
871Kb / 8P
   DC/DC converter
BP5221A ROHM-BP5221A Datasheet
555Kb / 9P
   Step-down DC/DC Converters(Non-isolated)
More results

Similar Description - BP5221

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com