Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDT8020-TU-NN Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SDT8020-TU-NN
Description  Techncal Specification for 2.5Gbps Filber Optic Transmitter Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SDT8020-TU-NN Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SDT8020-TU-NN Datasheet HTML 1Page - List of Unclassifed Manufacturers SDT8020-TU-NN Datasheet HTML 2Page - List of Unclassifed Manufacturers SDT8020-TU-NN Datasheet HTML 3Page - List of Unclassifed Manufacturers SDT8020-TU-NN Datasheet HTML 4Page - List of Unclassifed Manufacturers SDT8020-TU-NN Datasheet HTML 5Page - List of Unclassifed Manufacturers SDT8020-TU-NN Datasheet HTML 6Page - List of Unclassifed Manufacturers SDT8020-TU-NN Datasheet HTML 7Page - List of Unclassifed Manufacturers SDT8020-TU-NN Datasheet HTML 8Page - List of Unclassifed Manufacturers SDT8020-TU-NN Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
- 3 / 9 -
(SDT8028-T_-Q_)
Specification : TS-S96D048F
July, 2001
4. Pin Assignment
3. Package Dimension
Caution
Do not disassemble this product. Otherwise, failure, electrical shock, overheating or fire may occur.
Handle the lead pins carefully. Use assisting tools or prospective aids as required. A lead pin may injure skin or human body
Pin
Symbol
I/O
Level
Description
1
Vcc
+5V
Positive power supply (+5V)
2
Vcc
+5V
3
RFM(+)
O
Analog
Rear facet PD current monitor voltage (positive)
4
RFM(-)
O
Analog
Rear facet PD current monitor voltage (negative)
5
TDb
I
PECL
Differential data input (negative)
6
VTTD
Vcc-2V
Data input signal termination, Vcc-2V supply for DC PECL interface.
(AC GND) Or pull down to GND via a capacitor for AC coupled interface.
7
TD
I
PECL
Differential data input (positive)
8
NC
No user connection
9
Vcc
+5V
Positive power supply (+5V)
10
Vcc
+5V
Positive power supply (+5V)
11
Vee
GND
Negative power supply (GND)
12
Vee
GND
Negative power supply (GND)
13
Vee
GND
Negative power supply (GND)
14
Vee
GND
Negative power supply (GND)
15
ALM
O
TTL
LD bias current alarm, normal low, active high
16
Disable
I
TTL
Transmitter disable input. Default (open) LOW and transmitter is enabled.
17
Selector
I
Signal input mode selector, clocked or non-clocked.
Default (open) LOW and clocked mode.
18
TCLK
I
PECL
Differential clock input (positive)
19
VTTC
Vcc-2V
Clock input signal termination, Vcc-2V supply for DC PECL interface.
(AC GND) Or pull down to GND via a capacitor for AC coupled interface
20
TCLKb
I
PECL
Differential clock input (negative)
21
BM(-)
O
Analog
LD bias current monitor voltage (negative)
22
BM(+)
O
Analog
LD bias current monitor voltage (positive)
23
Vcc
+5V
Positive power supply (+5V)
24
Vcc
+5V
Positive power supply (+5V)
NC pins should left open for additional functions in the future
Figure 2. Package Dimension
PIN13
PIN24
PIN1
PIN12
t=0.25
1.5
0.5
UNIT:mm
36.4
23.5
2.54PX11=27.94
14.4
600+/-50
4.2
Figure 2. Package Dimension
+0.2
-0.1
+0.1
-0.1
+0.5
-0.5
+0.1
-0.1
+0.3
-0.05
+0.2
-0.1
+0.1
-0.05
pin dimension


Similar Part No. - SDT8020-TU-NN

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SDT802-SB SEOUL-SDT802-SB Datasheet
899Kb / 24P
   Applicable for automotive Exterior light
More results

Similar Description - SDT8020-TU-NN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDT8018 ETC-SDT8018 Datasheet
93Kb / 9P
   2.5Gbps Fiber Optic Transmitter Module
logo
Unity Opto Technology
MOF-T4K2 UOT-MOF-T4K2 Datasheet
46Kb / 4P
   Fiber Optic Transmitter
MOF-T2C4 UOT-MOF-T2C4 Datasheet
44Kb / 4P
   Fiber Optic Transmitter
logo
TT Electronics.
OPF370A TTELEC-OPF370A Datasheet
1,012Kb / 5P
   Fiber Optic Transmitter
OPF392 TTELEC-OPF392 Datasheet
502Kb / 4P
   Fiber Optic Transmitter
OPF395 TTELEC-OPF395 Datasheet
497Kb / 4P
   Fiber Optic Transmitter
OPF672 TTELEC-OPF672 Datasheet
803Kb / 3P
   Fiber Optic Transmitter
OPF322A TTELEC-OPF322A Datasheet
743Kb / 4P
   Fiber Optic Transmitter
OPF347A TTELEC-OPF347A Datasheet
764Kb / 4P
   Fiber Optic Transmitter
logo
Unity Opto Technology
MOF-T3C2 UOT-MOF-T3C2 Datasheet
335Kb / 4P
   Fiber Optic Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com