Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK1725GLFT Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # MK1725GLFT
Description  Quad Output Spread Spectrum Clock Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1725GLFT Datasheet(HTML) 4 Page - Integrated Circuit Systems

  MK1725GLFT Datasheet HTML 1Page - Integrated Circuit Systems MK1725GLFT Datasheet HTML 2Page - Integrated Circuit Systems MK1725GLFT Datasheet HTML 3Page - Integrated Circuit Systems MK1725GLFT Datasheet HTML 4Page - Integrated Circuit Systems MK1725GLFT Datasheet HTML 5Page - Integrated Circuit Systems MK1725GLFT Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Quad Output Spread Spectrum Clock Generator
MDS 1725 C
4
Revision 021605
Integrated Circuit Systems 525 Race Street, San Jose, CA 95126 tel (408) 297-1201
www.icst.com
MK1725
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the MK1725. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature 0 to +70
°C
Item
Rating
Supply Voltage, VDD
5 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
0 to +70
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
125
°C
Soldering Temperature
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
°C
Power Supply Voltage (measured in respect to GND)
+3.135
+3.3
+3.465
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.135
3.3
3.465
V
Supply Current
IDD
20M in S3:0=[0100]
22
mA
Input High Voltage
VIH
Input selects
2
V
Input Low Voltage
VIL
Input selects
0.8
V
Input High Voltage
VIH
ICLK
VDD/2+1
V
Input Low Voltage
VIL
ICLK
VDD/2-1
V
Output High Voltage
VOH
IOH = -4 mA
VDD-0.4
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
Short Circuit Current
IOS
Clock outputs
±70
mA
Input Capacitance
CIN
5pF
Nominal Output Impedance
ZOUT
20
Internal Pull-up Resistor
RPU
PDTS pin
360
k
Internal Pull-down Resistor
RPD
Clock outputs; S3:0
510
k


Similar Part No. - MK1725GLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK1725GLFT IDT-MK1725GLFT Datasheet
216Kb / 8P
   QUAD OUTPUT SPREAD SPECTRUM CLOCK GENERATOR
logo
Renesas Technology Corp
MK1725GLFT RENESAS-MK1725GLFT Datasheet
358Kb / 9P
   QUAD OUTPUT SPREAD SPECTRUM CLOCK GENERATOR
033109
More results

Similar Description - MK1725GLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK1725 RENESAS-MK1725 Datasheet
358Kb / 9P
   QUAD OUTPUT SPREAD SPECTRUM CLOCK GENERATOR
033109
logo
Integrated Device Techn...
MK1725 IDT-MK1725 Datasheet
216Kb / 8P
   QUAD OUTPUT SPREAD SPECTRUM CLOCK GENERATOR
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com