Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO2023-10 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RO2023-10
Description  433.97 MH SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RO2023-10 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RO2023-10 Datasheet HTML 1Page - RF Monolithics, Inc RO2023-10 Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-9148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RO2023-10-101999
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency at +25 °C
Absolute Frequency
fC
2, 3, 4, 5
433.720
434.220
MHz
Tolerance from 433.970 MHz
∆f
C
±250
kHz
Insertion Loss
IL
2, 5, 6
3.4
4.8
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
8,400
50 W Loaded Q
QL
2,800
Temperature Stability
Turnover Temperature
TO
6, 7, 8
22
37
52
°C
Turnover Frequency
fO
fc + 2.3
kHz
Frequency Temperature Coefficient
FTC
0.037
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1
≤10
ppm/yr
DC Insulation Resistance between Any Two Pins
5
1.0
M
RF Equivalent RLC Model
Motional Resistance
RM
5, 7, 9
48
74
Motional Inductance
LM
102.2902
µH
Motional Capacitance
CM
1.31488
fF
Pin 1 to Pin 2 Static Capacitance
CO
5, 6, 9
1.8
2.1
2.4
pF
Transducer Static Capacitance
CP
5, 6, 7, 9
1.8
pF
Test Fixture Shunt Inductance
LTEST
2, 7
64
nH
Lid Symbolization
RFM RO2023-10
TO39-3 Case
Ideal for European 433.92 MHz Transmitters
Low Series Resistance
Quartz Stability
Rugged, Hermetic, Low-Profile TO39 Case
Complies with Directive 2002/95/EC (RoHS)
The RO2023-10 is a true one-port, surface-acoustic-wave (SAW) resonator in a low-profile TO39 case. It pro-
vides reliable, fundamental-mode, quartz frequency stabilization of fixed-frequency transmitters operating at
433.92 MHz. The RO2023-10 is designed specifically for remote-control and wireless security devices oper-
ating in Europe under ETSI I-ETS 300 220 and in Germany under FTZ 17 TR 2100.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation (See: Typical Test Circuit)
+0
dBm
DC Voltage Between Any Two Pins (Observe ESD Precautions)
±30
VDC
Case Temperature
-40 to +85
°C
433.97 MHz
SAW
Resonator
RO2023-10
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Frequency aging is the change in fC with time and is specified at +65°C or less.
Aging may exceed the specification for prolonged temperatures above +65°C.
Typically, aging is greatest the first year after manufacture, decreasing in sub-
sequent years.
2.
The center frequency, fC, is measured at the minimum insertion loss point,
ILMIN, with the resonator in the 50 Ω test system (VSWR ≤ 1.2:1). The shunt
inductance, LTEST, is tuned for parallel resonance with CO at fC.
3.
One or more of the following United States patents apply: 4,454,488 and
4,616,197.
4.
Typically, equipment utilizing this device requires emissions testing and gov-
ernment approval, which is the responsibility of the equipment manufacturer.
5.
Unless noted otherwise, case temperature TC = +25°C±2°C.
6.
The design, manufacturing process, and specifications of this device are sub-
ject to change without notice.
7.
Derived mathematically from one or more of the following directly measured
parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover) fre-
quency, fO. The nominal frequency at any case temperature, TC, may be calcu-
lated from: f= fO [1- FTC (TO -TC)
2]. Typically, oscillator T
O is 20°C less than
the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the res-
onant frequency and is provided for reference only. The capacitance CO is the
static (nonmotional) capacitance between Pin1 and Pin 2 measured at low fre-
quency (10 MHz) with a capacitance meter. The measurement includes case
parasitic capacitance with a floating case. For usual grounded case applica-
tions (with grund connected to either Pin 1 or Pin 2 and to the case), add
approximately 0.25 pF to CO.
Pb


Similar Part No. - RO2023-10

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2021 RFM-RO2021 Datasheet
151Kb / 2P
   418.05 MHz SAW Resonator
More results

Similar Description - RO2023-10

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3023 MURATA-RO3023 Datasheet
140Kb / 2P
   433.97 MHz SAW Resonator
logo
Shoulder Electronics Li...
HDRM_TO39 SHOULDER-HDRM_TO39 Datasheet
146Kb / 5P
   SAW RESONATOR
HDRM_SMD-20 SHOULDER-HDRM_SMD-20 Datasheet
152Kb / 6P
   SAW RESONATOR
logo
Integrated Technology F...
R40731 ITF-R40731 Datasheet
255Kb / 6P
   SAW Resonator
R44761 ITF-R44761 Datasheet
252Kb / 6P
   SAW Resonator
R39001 ITF-R39001 Datasheet
228Kb / 6P
   SAW Resonator
logo
EPCOS
R960 EPCOS-R960 Datasheet
30Kb / 5P
   SAW resonator
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
   SAW Resonator
R31451 ITF-R31451 Datasheet
255Kb / 6P
   SAW Resonator
R31801 ITF-R31801 Datasheet
256Kb / 6P
   SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com