Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF1402D Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RF1402D
Description  315.0 MHz SAW Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF1402D Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RF1402D Datasheet HTML 1Page - RF Monolithics, Inc RF1402D Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RF1402D-113004
Electrical Characteristics
Item
Minimum
Typical
Maximum
Units
Center Frequency @ 25°C
FC
(MHz)
-
315
-
MHz
Minimum I.L. (314.50~315.50 MHz)
(dB)
ILmin
-
2.7
3.7
dB
Pass band (relative to ILmin)
314.80~315.2 MHz
(dB)
-
.4
1.0
dB
314.50~315.50 MHz
(dB)
-
.8
2.0
Pass bandwidth (relative to ILmin)
BW3 (KHz)
1000
-
kHz
Attenuation: (relative to ILmin)
(dB)
dB
10~250
MHz
(dB)
55
60
-
250~295
MHz
(dB)
47
53
-
295~307
MHz
(dB)
36
41
-
307~310
MHz
(dB)
30
35
-
320~328
MHz
(dB)
16
20
-
328~335
MHz
(dB)
39
44
-
480~680
MHz
(dB)
44
49
-
Temperature Coeff
-30
ppm/k
Operating Temperature Range
-40
+85
°C
Lid Symbolization (in addition to Lot and/or Date Codes)
496 // YWWS
Standard Reel Quantity
Reel Size 7 Inch
Note 7
500 Pieces/Reel
Reel Size 13 Inch
3000 Pieces/Reel
Designed for 315.00 MHz Applications
Advanced (Lithium Tantalate) LiTa 03 Design for
Low Insertion Loss
Designed for Match to 50
Ω, No External LC Required
Hermetically Sealed Surface Mount Package
Complies with Directive 2002/95/EC (RoHS)
315.0 MHz
SAW Filter
RF1402D
SM3838-8 Case
3.8 x 3.8
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
All specifications apply over the operating temperature range with filter soldered to the specified demonstration board unless noted otherwise.
2.
Ultimate rejection is dependent on PCB layout.
3.
Specifications subject to change.
4.
Electrostatic Sensitive Device. Observe precautions for handling.
5.
US and international patents may apply.
6.
RFM, RFM logo, and RF Monolithics, Inc. are registered trademarks of RF Monolithics, Inc.
7.
Tape and Reel Standard Per ANSI / EIA 481.
8.
This product complies with directive 2002/95/EC of the European Parlament and of the Council of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment.
Pb


Similar Part No. - RF1402D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF1402D MURATA-RF1402D Datasheet
191Kb / 3P
   315.0 MHz SAW Filter
More results

Similar Description - RF1402D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF1211D MURATA-RF1211D Datasheet
72Kb / 2P
   315.0 MHz SAW Filter
RF1417D MURATA-RF1417D Datasheet
98Kb / 5P
   315.0 MHz SAW Filter
logo
RF Monolithics, Inc
RF1211 RFM-RF1211 Datasheet
167Kb / 2P
   315.0 MHz SAW Filter
RF1417D RFM-RF1417D Datasheet
67Kb / 2P
   315.0 MHz SAW Filter
RO2073 RFM-RO2073 Datasheet
146Kb / 2P
   315.0 MHz SAW Filter
logo
List of Unclassifed Man...
RF1211D ETC1-RF1211D Datasheet
104Kb / 3P
   315.0 MHz SAW Filter
RF1415D ETC1-RF1415D Datasheet
109Kb / 3P
   315.0 MHz SAW Filter
logo
RF Monolithics, Inc
RF3417 RFM-RF3417 Datasheet
209Kb / 2P
   315.0 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1211 MURATA-RF1211 Datasheet
210Kb / 2P
   315.0 MHz SAW Filter
logo
RF Monolithics, Inc
RF1211B RFM-RF1211B Datasheet
132Kb / 2P
   315.0 MHz SAW Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com