Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VMX1C1016 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VMX1C1016
Description  Versa Mix 8051 Mixed-Signal MCU
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VMX1C1016 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VMX1C1016 Datasheet HTML 1Page - List of Unclassifed Manufacturers VMX1C1016 Datasheet HTML 2Page - List of Unclassifed Manufacturers VMX1C1016 Datasheet HTML 3Page - List of Unclassifed Manufacturers VMX1C1016 Datasheet HTML 4Page - List of Unclassifed Manufacturers VMX1C1016 Datasheet HTML 5Page - List of Unclassifed Manufacturers VMX1C1016 Datasheet HTML 6Page - List of Unclassifed Manufacturers VMX1C1016 Datasheet HTML 7Page - List of Unclassifed Manufacturers VMX1C1016 Datasheet HTML 8Page - List of Unclassifed Manufacturers VMX1C1016 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
VMX51C1016
_________________________________________________________________________________________________________
www.ramtron.com
page 3 of 76
VMX51C1016 Block Diagram
FIGURE 4: VMX51C1016 BLOCK DIAGRAM
8051
µPROCESSOR
SINGLE CYCLE
In-Circuit
Debugging
through UART0
2 UARTs
Serial Ports
56K B
Program FLASH
(In-Circuit Programmable )
1280 Bytes RAM
(256x 8 & 1 kX 8 )
·
24 I/Os
·
1 Int. input
·
Int. Port 1
change
·
3 Timers ,
·
2 Baud Rate
Generators
·
2 CCU inputs
[MULT / ACCU]
Unit with
BARREL
SHIFTER
SPI Interface
I²C Bus
Interface
Power On Reset
Circuit
+
WatchDog Timer
Clock Control Unit
J1708/RS485
Compatible
Transceiver
XTAL
4 PWM D /As
4 PWM D /As
4 PWM D /As
4 PWM Outputs
8 / 16 bit Resolution
(Can be used as D /As)
1 DIGITALLY
CONTROLLED
SWITCH
12-BIT A /D
CONVERTER
ADCITA connected to A /D Input
Multiplexer
Band gap
Reference
PGA
XTVREF Input


Similar Part No. - VMX1C1016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VMX1C1020 ETC1-VMX1C1020 Datasheet
3Mb / 80P
   Versa Mix 8051 Mixed-Signal MCU
More results

Similar Description - VMX1C1016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VMX1C1020 ETC1-VMX1C1020 Datasheet
3Mb / 80P
   Versa Mix 8051 Mixed-Signal MCU
VMX51C900 ETC1-VMX51C900 Datasheet
2Mb / 55P
   Versa Mix 8051 MCU with LCD Controller and ADC
logo
Ramtron International C...
VRS51L2070 RAMTRON-VRS51L2070 Datasheet
3Mb / 99P
   High-Performance Versa 8051 MCU
logo
List of Unclassifed Man...
VRS51X540 ETC1-VRS51X540 Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
logo
Ramtron International C...
VRS51C1000 RAMTRON-VRS51C1000 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
logo
List of Unclassifed Man...
VRS51C1100 ETC1-VRS51C1100 Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
logo
Ramtron International C...
VRS51L1050 RAMTRON-VRS51L1050 Datasheet
504Kb / 49P
   Versa 8051 3.3V MCU with 64KB of IAP/ISP Flash
logo
Silicon Laboratories
C8051F330-GMR SILABS-C8051F330-GMR Datasheet
1Mb / 210P
   Mixed-Signal ISP Flash MCU
logo
List of Unclassifed Man...
VRS51X570 ETC1-VRS51X570 Datasheet
2Mb / 49P
   Versa 8051 MCUs with 32/64KB
logo
Silicon Laboratories
C8051F330 SILABS-C8051F330_07 Datasheet
2Mb / 216P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com