Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2340 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # 2SK2340
Description  Silicon N-Channel Power F-MOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK2340 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  2SK2340 Datasheet HTML 1Page - Panasonic Semiconductor 2SK2340 Datasheet HTML 2Page - Panasonic Semiconductor 2SK2340 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Power F-MOS FETs
2SK2340
VDS, VGS  Qg
Rth(t)  t
0
1020304050
60
0
100
200
300
400
500
600
0
2
4
6
8
10
12
V
GS
V
DS
Gate charge amount Q
g
(nC)
10–4
10–3
10–2
10–1
110
102
103
0.01
0.1
1
10
100
(1)
(2)
Notes: R
th was measured at Ta=25˚C
and under natural convection.
(1) without heat sink
(2) with a 50
× 50 × 2mm Al heat sink
Time t (s)


Similar Part No. - 2SK2340

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK2340 ISC-2SK2340 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK2340

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SK867 PANASONIC-2SK867 Datasheet
41Kb / 1P
   Silicon N-channel Power F-MOS FET
2SK996 PANASONIC-2SK996 Datasheet
64Kb / 1P
   Silicon N-channel Power F-MOS FET
2SK1266 PANASONIC-2SK1266 Datasheet
80Kb / 2P
   Silicon N-channel Power F-MOS FET
2SK2125 PANASONIC-2SK2125 Datasheet
46Kb / 3P
   Silicon N-Channel Power F-MOS FET
2SK2128 PANASONIC-2SK2128 Datasheet
45Kb / 3P
   Silicon N-Channel Power F-MOS FET
2SK3030 PANASONIC-2SK3030 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3031 PANASONIC-2SK3031 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3033 PANASONIC-2SK3033 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3036 PANASONIC-2SK3036 Datasheet
23Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3043 PANASONIC-2SK3043 Datasheet
45Kb / 3P
   Silicon N-Channel Power F-MOS FET
PUB4702 PANASONIC-PUB4702 Datasheet
34Kb / 2P
   Silicon N-Channel Power F-MOS FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com