Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JAN1N6773 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JAN1N6773
Description  16 Amp, 50 To 600 Volts, 35 To 60 ns trr
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JAN1N6773 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JAN1N6773 Datasheet HTML 1Page - List of Unclassifed Manufacturers JAN1N6773 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8 02 R6
Supersedes 4 11 R5
JAN, JANTX, JANTXV CENTER TAP RECTIFIER IN A
TO-257AA, QUALIFIED TO MIL-PRF-19500/644 & 19500/645
FEATURES
• Very Low Forward Voltage
• Very Fast Recovery Time
• Hermetic Metal Package, JEDEC TO-257AA Outline
• Low Thermal Resistance
• Isolated Package
• High Surge
DESCRIPTION
This series of products in a hermetic isolated package is specifically designed for use
at power switching frequencies in excess of 100 kHz.
The series combines two high
efficiency devices into one package, simplifying installation, reducing heat sink
hardware, and the need to obtain matched components.
These devices are ideally
suited for Hi-Rel applications where small size and high performance is required. The
common cathode and common anode configuration are both available.
ABSOLUTE MAXIMUM RATINGS (Per Leg) @ 25°C
Peak Inverse Voltage........................................ 50to600V
Maximum Average D.C. Output Current @ TC =100°C....................8A
Surge Current (Non-Repetitive 8.3 msec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60A
Operating and Storage Temperature Range . . . . . . . . . . . . . . . . . - 65° C to + 150° C
X.
16 Amp, 50 To 600 Volts, 35 To 60 ns trr
.430
.410
.200
.190
.038 MAX.
.005
.120 TYP.
.537
.527
.665
.645
.420
.410
.150
.140
.750
.500
.100 TYP.
.035
.025
.045
.035
MECHANICAL OUTLINE
1N6768, 1N6768R JAN1N6768, JAN1N6768R, JANTX1N6768, JANTX1N6768R, JANTXV1N6768, JANTXV1N6768R
1N6769, 1N6769R JAN1N6769, JAN1N6769R, JANTX1N6769, JANTX1N6769R, JANTXV1N6769, JANTXV1N6769R
1N6770, 1N6770R JAN1N6770, JAN1N6770R, JANTX1N6770, JANTX1N6770R, JANTXV1N6770, JANTXV1N6770R
1N6771, 1N6771R JAN1N6771, JAN1N6771R, JANTX1N6771, JANTX1N6771R, JANTXV1N6771, JANTXV1N6771R
1N6772, 1N6772R JAN1N6772, JAN1N6772R, JANTX1N6772, JANTX1N6772R, JANTXV1N6772, JANTXV1N6772R
1N6773, 1N6773R JAN1N6773, JAN1N6773R, JANTX1N6773, JANTX1N6773R, JANTXV1N6773, JANTXV1N6773R
12
3
COMMON
ANODE
COMMON
CATHODE
DOUBLER
1
3
2
1
3
2
1
2
3
SCHEMATIC
1N67XXR
1N67XX
Note:
1N67XX = Common Cathode
1N67XXR = Common Anode


Similar Part No. - JAN1N6773

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN1N6036 MICROSEMI-JAN1N6036 Datasheet
202Kb / 4P
   1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
JAN1N6036A MICROSEMI-JAN1N6036A Datasheet
202Kb / 4P
   1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
JAN1N6036ATR MICROSEMI-JAN1N6036ATR Datasheet
202Kb / 4P
   1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
JAN1N6036TR MICROSEMI-JAN1N6036TR Datasheet
202Kb / 4P
   1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
JAN1N6037 MICROSEMI-JAN1N6037 Datasheet
202Kb / 4P
   1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - JAN1N6773

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM5201STRT IRF-OM5201STRT_15 Datasheet
25Kb / 2P
   16 Amp, 50 To 600 Volts, 35 To 50 ns trr
OM5001ST IRF-OM5001ST_15 Datasheet
39Kb / 2P
   15 Amp, 50 To 600 Volts, 35 To 50 ns trr
OM5209SC IRF-OM5209SC_15 Datasheet
23Kb / 2P
   15 Amp, 50 To 400 Volts, 35 To 50 ns trr
OM5221SM IRF-OM5221SM Datasheet
13Kb / 1P
   Hermetic Surface Mount Package, 20 Amp, 50 To 200 Volts, 35 ns trr
OM5008ST IRF-OM5008ST_15 Datasheet
23Kb / 2P
   14 Amp, 400 & 600 Volts, 35 nsec trr
logo
Micro Commercial Compon...
DR351 MCC-DR351 Datasheet
282Kb / 2P
   35 Amp Automotive Rectifier 100 to 600 Volts
MURB1605CT MCC-MURB1605CT Datasheet
105Kb / 3P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
MUR1605FCT MCC-MUR1605FCT Datasheet
78Kb / 3P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Kersemi Electronic Co.,...
MUR1615FCT KERSEMI-MUR1615FCT Datasheet
797Kb / 2P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
MUR1640FCT KERSEMI-MUR1640FCT Datasheet
796Kb / 2P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com