Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF18030BR3 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRF18030BR3
Description  THE RF MOSFET LINE RF POWER FIELD EFFECT TRANSISTORS N - CHANNEL ENHANCEMENT - MODE LATERAL MOSFETS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF18030BR3 Datasheet(HTML) 2 Page - Motorola, Inc

  MRF18030BR3 Datasheet HTML 1Page - Motorola, Inc MRF18030BR3 Datasheet HTML 2Page - Motorola, Inc MRF18030BR3 Datasheet HTML 3Page - Motorola, Inc MRF18030BR3 Datasheet HTML 4Page - Motorola, Inc MRF18030BR3 Datasheet HTML 5Page - Motorola, Inc MRF18030BR3 Datasheet HTML 6Page - Motorola, Inc MRF18030BR3 Datasheet HTML 7Page - Motorola, Inc MRF18030BR3 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MRF18030BR3 MRF18030BSR3
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS (TC = 25°C, 50 ohm system unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 20 µAdc)
V(BR)DSS
65
Vdc
Zero Gate Voltage Drain Current
(VDS = 26 Vdc, VGS = 0 Vdc)
IDSS
1
µAdc
Gate–Source Leakage Current
(VGS = 5 Vdc, VDS = 0 Vdc)
IGSS
1
µAdc
ON CHARACTERISTICS
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 100 µAdc)
VGS(th)
2
3
4
Vdc
Gate Quiescent Voltage
(VDS = 26 Vdc, ID = 250 mAdc)
VGS(Q)
2
3.9
4.5
Vdc
Drain–Source On–Voltage
(VGS = 10 Vdc, ID = 1 Adc)
VDS(on)
0.29
0.4
Vdc
Forward Transconductance
(VDS = 10 Vdc, ID = 1 Adc)
gfs
2
S
DYNAMIC CHARACTERISTICS
Reverse Transfer Capacitance (1)
(VDS = 26 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Crss
1.3
pF
FUNCTIONAL TESTS (In Motorola Test Fixture) (2)
Output Power, 1 dB Compression Point
(VDD = 26 Vdc, IDQ = 250 mA, f = 1930 – 1990 MHz)
P1dB
27
30
Watts
Common–Source Amplifier Power Gain @ 30 W
(VDD = 26 Vdc, IDQ = 250 mA, f = 1930 – 1990 MHz)
Gps
13
14
dB
Drain Efficiency @ 30 W
(VDD = 26 Vdc, IDQ = 250 mA, f = 1930 – 1990 MHz)
η
46.5
50
%
Input Return Loss @ 30 W
(VDD = 26 Vdc, IDQ = 250 mA, f = 1930 – 1990 MHz)
IRL
–12
–9
dB
Output Mismatch Stress @ 30 W
(VDD = 26 Vdc, IDQ = 250 mA, f1 = 1930 – 1990 MHz,
VSWR = 5:1, All Phase Angles at Frequency of Tests)
Ψ
No Degradation In Output Power
Before and After Test
(1) Part is internally matched both on input and output.
(2) Device specifications obtained on a Production Test Fixture.


Similar Part No. - MRF18030BR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF18030BLR3 FREESCALE-MRF18030BLR3 Datasheet
351Kb / 8P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF18030BLSR3 FREESCALE-MRF18030BLSR3 Datasheet
351Kb / 8P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF18030BR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF373 MOTOROLA-MRF373 Datasheet
217Kb / 12P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S19100HR3 MOTOROLA-MRF5S19100HR3 Datasheet
726Kb / 12P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF19030LR3 MOTOROLA-MRF19030LR3 Datasheet
594Kb / 8P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S21100LR3 MOTOROLA-MRF5S21100LR3 Datasheet
564Kb / 12P
   The RF MOSFET Line RF Power Field Effect N-Channel Enhancement-Mode Lateral MOSFETs
MRF1517T1 MOTOROLA-MRF1517T1 Datasheet
345Kb / 16P
   The RF MOSFET Line RF POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE LATERAL MOSFETS
MRF5S21130 MOTOROLA-MRF5S21130 Datasheet
404Kb / 12P
   The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
MRF18085A MOTOROLA-MRF18085A Datasheet
409Kb / 8P
   The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
MRF9060MR1 MOTOROLA-MRF9060MR1 Datasheet
422Kb / 12P
   The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRF9030MR1 FREESCALE-MRF9030MR1 Datasheet
620Kb / 12P
   The RF Sub-Micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-Channel Enhancement-Mode Lateral MOSFETs
logo
Motorola, Inc
MRF9030MR1 MOTOROLA-MRF9030MR1 Datasheet
452Kb / 12P
   The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com