Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA649V-16AU Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATMEGA649V-16AU
Description  8-bit Microcontroller with In-System Programmable Flash
Download  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649V-16AU Datasheet(HTML) 5 Page - ATMEL Corporation

  ATMEGA649V-16AU Datasheet HTML 1Page - ATMEL Corporation ATMEGA649V-16AU Datasheet HTML 2Page - ATMEL Corporation ATMEGA649V-16AU Datasheet HTML 3Page - ATMEL Corporation ATMEGA649V-16AU Datasheet HTML 4Page - ATMEL Corporation ATMEGA649V-16AU Datasheet HTML 5Page - ATMEL Corporation ATMEGA649V-16AU Datasheet HTML 6Page - ATMEL Corporation ATMEGA649V-16AU Datasheet HTML 7Page - ATMEL Corporation ATMEGA649V-16AU Datasheet HTML 8Page - ATMEL Corporation ATMEGA649V-16AU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 375 page
background image
5
ATmega329/3290/649/6490
2552H–AVR–11/06
The AVR core combines a rich instruction set with 32 general purpose working registers.
All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing
two independent registers to be accessed in one single instruction executed in one clock
cycle. The resulting architecture is more code efficient while achieving throughputs up to
ten times faster than conventional CISC microcontrollers.
The ATmega329/3290/649/6490 provides the following features: 32/64K bytes of In-
System Programmable Flash with Read-While-Write capabilities, 1/2K bytes EEPROM,
2/4K byte SRAM, 54/69 general purpose I/O lines, 32 general purpose working regis-
ters, a JTAG interface for Boundary-scan, On-chip Debugging support and
programming, a complete On-chip LCD controller with internal contrast control, three
flexible Timer/Counters with compare modes, internal and external interrupts, a serial
programmable USART, Universal Serial Interface with Start Condition Detector, an 8-
channel, 10-bit ADC, a programmable Watchdog Timer with internal Oscillator, an SPI
serial port, and five software selectable power saving modes. The Idle mode stops the
CPU while allowing the SRAM, Timer/Counters, SPI port, and interrupt system to con-
tinue functioning. The Power-down mode saves the register contents but freezes the
Oscillator, disabling all other chip functions until the next interrupt or hardware reset. In
Power-save mode, the asynchronous timer and the LCD controller continues to run,
allowing the user to maintain a timer base and operate the LCD display while the rest of
the device is sleeping. The ADC Noise Reduction mode stops the CPU and all I/O mod-
ules except asynchronous timer, LCD controller and ADC, to minimize switching noise
during ADC conversions. In Standby mode, the crystal/resonator Oscillator is running
while the rest of the device is sleeping. This allows very fast start-up combined with low-
power consumption.
The device is manufactured using Atmel’s high density non-volatile memory technology.
The On-chip In-System re-Programmable (ISP) Flash allows the program memory to be
reprogrammed In-System through an SPI serial interface, by a conventional non-volatile
memory programmer, or by an On-chip Boot program running on the AVR core. The
Boot program can use any interface to download the application program in the Applica-
tion Flash memory. Software in the Boot Flash section will continue to run while the
Application Flash section is updated, providing true Read-While-Write operation. By
combining an 8-bit RISC CPU with In-System Self-Programmable Flash on a monolithic
chip, the Atmel ATmega329/3290/649/6490 is a powerful microcontroller that provides a
highly flexible and cost effective solution to many embedded control applications.
The ATmega329/3290/649/6490 AVR is supported with a full suite of program and sys-
tem development tools including: C Compilers, Macro Assemblers, Program
Debugger/Simulators, In-Circuit Emulators, and Evaluation kits.


Similar Part No. - ATMEGA649V-16AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA649V-8AI ATMEL-ATMEGA649V-8AI Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA649V-8AI ATMEL-ATMEGA649V-8AI Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA649V-8AI ATMEL-ATMEGA649V-8AI Datasheet
783Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA649V-8AU ATMEL-ATMEGA649V-8AU Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA649V-8AU ATMEL-ATMEGA649V-8AU Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
More results

Similar Description - ATMEGA649V-16AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329V_0611 ATMEL-ATMEGA329V_0611 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325_07 Datasheet
780Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329_071 ATMEL-ATMEGA329_071 Datasheet
783Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325_0611 ATMEL-ATMEGA325_0611 Datasheet
3Mb / 353P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325 Datasheet
2Mb / 347P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329 ATMEL-ATMEGA329_06 Datasheet
329Kb / 28P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325_06 Datasheet
322Kb / 27P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_14 Datasheet
5Mb / 336P
   8-bit Microcontroller with 32KBytes In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128_02 Datasheet
349Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467CS-AVR-02/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com